Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 278 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 278 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 274Page - Cirrus Logic WM8281ECS/R Datasheet HTML 275Page - Cirrus Logic WM8281ECS/R Datasheet HTML 276Page - Cirrus Logic WM8281ECS/R Datasheet HTML 277Page - Cirrus Logic WM8281ECS/R Datasheet HTML 278Page - Cirrus Logic WM8281ECS/R Datasheet HTML 279Page - Cirrus Logic WM8281ECS/R Datasheet HTML 280Page - Cirrus Logic WM8281ECS/R Datasheet HTML 281Page - Cirrus Logic WM8281ECS/R Datasheet HTML 282Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 392 page
background image
WM8281
278
Rev 4.0
If the above equations produce an integer value for N.K, then the value of FLLn_FRATIO should be
adjusted to a different, odd-number division (eg. divide by 3), and the value of N.K re-calculated. A
non-integer value of N.K is recommended for best performance of the FLL. (If possible, the
FLLn_FRATIO value should be decreased to the nearest alternative odd-number division. If a suitable
lower value does not exist, FLLn_FRATIO should be increased to the nearest odd-number division
instead.)
After the value of FLLn_FRATIO has been determined, the input frequency, FREF, must be compared
with the maximum frequency limit noted in Table 104. If the input frequency (after division by
FLLn_REFCLK_DIV) is higher than the applicable limit, then the FLLn_REFCLK_DIV division ratio
should be increased, and the value of N.K re-calculated. (Note that the same value of FLLn_FRATIO
as already calculated should be used, when deriving the new value of N.K.)
FLLn_FRATIO
REFERENCE FREQUENCY
FREF - MAXIMUM VALUE
0h (divide by 1)
11.5 MHz
1h (divide by 2)
6.144 MHz
2h (divide by 3)
3h (divide by 4)
3.072 MHz
4h (divide by 5)
5h (divide by 6)
2.8224 MHz
6h (divide by 7)
7h (divide by 8)
1.536 MHz
8h (divide by 9)
9h (divide by 10)
Ah (divide by 11)
Bh (divide by 12)
Ch (divide by 13)
Dh (divide by 14)
Eh (divide by 15)
Fh (divide by 16)
768 kHz
Table 104 Maximum FLL input frequency (function of FLLn_FRATIO)
The value of N is held in the FLLn_N register field.
The value of K is determined by the ratio FLLn_THETA / FLLn_LAMBDA.
The FLLn_N, FLLn_THETA and FLLn_LAMBDA fields are all coded as integers (LSB = 1).
If the FLLn_N or FLLn_THETA registers are updated while the FLL is enabled (FLLn_ENA=1), then
the new values will only be effective when a ‘1’ is written to the FLLn_CTRL_UPD bit. This makes it
possible to update the two registers simultaneously, without disabling the FLL.
Note that, when the FLL is disabled (FLLn_ENA=0), then the FLLn_N and FLLn_THETA registers can
be updated without writing to the FLLn_CTRL_UPD bit.
The values of FLLn_THETA and FLLn_LAMBDA can be calculated as described later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com