Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 269 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 269 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 265Page - Cirrus Logic WM8281ECS/R Datasheet HTML 266Page - Cirrus Logic WM8281ECS/R Datasheet HTML 267Page - Cirrus Logic WM8281ECS/R Datasheet HTML 268Page - Cirrus Logic WM8281ECS/R Datasheet HTML 269Page - Cirrus Logic WM8281ECS/R Datasheet HTML 270Page - Cirrus Logic WM8281ECS/R Datasheet HTML 271Page - Cirrus Logic WM8281ECS/R Datasheet HTML 272Page - Cirrus Logic WM8281ECS/R Datasheet HTML 273Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 392 page
background image
WM8281
Rev 4.0
269
The WM8281 clocking control registers are described in Table 101.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R256
(0100h)
Clock 32k
1
6
CLK_32K_ENA
0
32kHz Clock Enable
0 = Disabled
1 = Enabled
1:0
CLK_32K_SRC
[1:0]
10
32kHz Clock Source
00 = MCLK1 (direct)
01 = MCLK2 (direct)
10 = SYSCLK (automatically divided)
11 = Reserved
R257
(0101h)
System
Clock 1
15
SYSCLK_FRAC
0
SYSCLK Frequency
0 = SYSCLK is a multiple of 6.144MHz
1 = SYSCLK is a multiple of 5.6448MHz
10:8
SYSCLK_FREQ
[2:0]
101
SYSCLK Frequency
000 = 6.144MHz (5.6448MHz)
001 = 12.288MHz (11.2896MHz)
010 = 24.576MHz (22.5792MHz)
011 = 49.152MHz (45.1584MHz)
100 = 73.728MHz (67.7376MHz)
101 = 98.304MHz (90.3168MHz)
110 = 147.456MHz (135.4752MHz)
111 = Reserved
The frequencies in brackets apply for
44.1kHz-related sample rates only (ie.
SAMPLE_RATE_n = 01XXX).
6
SYSCLK_ENA
0
SYSCLK Control
0 = Disabled
1 = Enabled
SYSCLK should only be enabled after the
applicable clock source has been
configured and enabled.
Set this bit to 0 when reconfiguring the
clock sources.
3:0
SYSCLK_SRC
[3:0]
0100
SYSCLK Source
0000 = MCLK1
0001 = MCLK2
0100 = FLL1
0101 = FLL2
1000 = AIF1BCLK
1001 = AIF2BCLK
1010 = AIF3BCLK
All other codes are Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com