Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 265 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 265 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 261Page - Cirrus Logic WM8281ECS/R Datasheet HTML 262Page - Cirrus Logic WM8281ECS/R Datasheet HTML 263Page - Cirrus Logic WM8281ECS/R Datasheet HTML 264Page - Cirrus Logic WM8281ECS/R Datasheet HTML 265Page - Cirrus Logic WM8281ECS/R Datasheet HTML 266Page - Cirrus Logic WM8281ECS/R Datasheet HTML 267Page - Cirrus Logic WM8281ECS/R Datasheet HTML 268Page - Cirrus Logic WM8281ECS/R Datasheet HTML 269Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 392 page
background image
WM8281
Rev 4.0
265
Sample Rate
ASYNC_SAMPLE_RATE_n
ASYNCCLK
Frequency
ASYNC_CLK_FREQ
12kHz
24kHz
48kHz
96kHz
192kHz
4kHz
8kHz
16kHz
32kHz
01h
02h
03h
04h
05h
10h
11h
12h
13h
6.144MHz,
12.288MHz,
24.576MHz,
or
49.152MHz
000,
001,
010,
or
011
11.025kHz
22.05kHz
44.1kHz
88.2kHz
176.4kHz
09h
0Ah
0Bh
0Ch
0Dh
5.6448MHz,
11.2896MHz,
22.5792MHz
or
45.1584MHz
000,
001,
010,
or
011
Note that each of the ASYNC_SAMPLE_RATE_n registers must select a sample rate value from
the same group in the two lists above.
Table 100 ASYNCCLK Frequency Selection
The WM8281 supports automatic clocking configuration. The programmable dividers associated with
the ADCs, DACs and all DSP functions are configured automatically, with values determined from the
SYSCLK_FREQ, SAMPLE_RATE_n, ASYNC_CLK_FREQ and ASYNC_SAMPLE_RATE_n fields.
Note that the digital audio interface (AIF) clocking rates must be configured separately.
The sample rates of each AIF, the input (ADC) paths, output (DAC) paths and DSP functions are
selected as described in the respective sections. Stereo full-duplex sample rate conversion is
supported in multiple configurations to allow digital audio to be routed between interfaces and for
asynchronous audio data to be mixed. See “Digital Core” for further details.
The SYSCLK_SRC register is used to select the SYSCLK source, as described in Table 101. The
source may be MCLKn, AIFnBCLK or FLLn. If one of the Frequency Locked Loop (FLL) circuits is
selected as the source, then the relevant FLL must be enabled and configured, as described later.
The SYSCLK_FREQ and SYSCLK_FRAC registers are set according to the frequency of the selected
SYSCLK source.
The SYSCLK-referenced circuits within the digital core are clocked at a dynamically-controlled rate,
limited by the SYSCLK frequency itself. For maximum signal mixing and processing capacity, it is
recommended that the highest possible SYSCLK frequency is configured.
The SAMPLE_RATE_n registers are set according to the sample rate(s) that are required by one or
more of the WM8281 audio interfaces. The WM8281 supports sample rates ranging from 4kHz to
192kHz.
The SYSCLK signal is enabled by the register bit SYSCLK_ENA. The applicable clock source
(MCLKn, AIFnBCLK or FLLn) must be enabled before setting SYSCLK_ENA=1. This bit should be set
to 0 when reconfiguring the clock sources (see below for additional requirements when setting
SYSCLK_ENA=0).
When disabling SYSCLK, note that all of the input, output or digital core functions associated with the
SYSCLK clock domain must be disabled before setting SYSCLK_ENA=0.
When ‘0’ is written to SYSCLK_ENA, the host processor must wait until the WM8281 has shut down
the associated functions before issuing any other register write commands. The SYSCLK Enable
status can be polled via the SYSCLK_ENA_LOW_STS bit (see Table 98), or else monitored using the
Interrupt or GPIO functions.
The SYSCLK Enable status is an input to the Interrupt control circuit and can be used to trigger an
Interrupt event -
see “Interrupts”. The corresponding Interrupt event indicates that the WM8281 has
shut down the SYSCLK functions and is ready to accept register write commands.
The SYSCLK Enable status can be output directly on a GPIO pin as an external indication of the
SYSCLK status. See “General Purpose Input / Output” to configure a GPIO pin for this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com