Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 264 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 264 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 260Page - Cirrus Logic WM8281ECS/R Datasheet HTML 261Page - Cirrus Logic WM8281ECS/R Datasheet HTML 262Page - Cirrus Logic WM8281ECS/R Datasheet HTML 263Page - Cirrus Logic WM8281ECS/R Datasheet HTML 264Page - Cirrus Logic WM8281ECS/R Datasheet HTML 265Page - Cirrus Logic WM8281ECS/R Datasheet HTML 266Page - Cirrus Logic WM8281ECS/R Datasheet HTML 267Page - Cirrus Logic WM8281ECS/R Datasheet HTML 268Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 392 page
background image
WM8281
264
Rev 4.0
There are some restrictions to be observed regarding the automatic sample rate detection, as noted
below:
The
same
sample
rate
must
not
be
selected
on
more
than
one
of
the
SAMPLE_RATE_DETECT_n registers.
Sample rates 192kHz and 176.4kHz must not be selected concurrently.
Sample rates 96kHz and 88.2kHz must not be selected concurrently.
The control registers associated with the automatic sample rate detection function are described in
Table 101.
SYSCLK AND ASYNCCLK CONTROL
The SYSCLK and ASYNCCLK clocks may be provided directly from external inputs (MCLK, or slave
mode BCLK inputs). Alternatively, the SYSCLK and ASYNCCLK clocks can be derived using the
integrated FLL(s), with MCLK, BCLK, LRCLK or SLIMCLK as a reference.
The required SYSCLK frequency is dependent on the SAMPLE_RATE_n registers. Table 99
illustrates the valid SYSCLK frequencies for every supported sample rate.
The SYSCLK_FREQ and SYSCLK_FRAC registers are used to identify the applicable SYSCLK
frequency. It is recommended that the highest possible SYSCLK frequency is selected.
The chosen SYSCLK frequency must be valid for all of the SAMPLE_RATE_n registers. It follows that
all of the SAMPLE_RATE_n registers must select numerically-related values, ie. all from the same cell
as represented in Table 99.
Sample Rate
SAMPLE_RATE_
n
SYSCLK
Frequency
SYSCLK_FREQ
SYSCLK_FRAC
12kHz
24kHz
48kHz
96kHz
192kHz
4kHz
8kHz
16kHz
32kHz
01h
02h
03h
04h
05h
10h
11h
12h
13h
6.144MHz,
12.288MHz,
24.576MHz,
49.152MHz,
73.728MHz,
98.304MHz,
or
147.456MHz
000,
001,
010,
011,
100,
101,
or
110
0
11.025kHz
22.05kHz
44.1kHz
88.2kHz
176.4kHz
09h
0Ah
0Bh
0Ch
0Dh
5.6448MHz,
11.2896MHz,
22.5792MHz,
45.1584MHz,
67.7376MHz,
90.3168MHz,
or
135.4752MHz
000,
001,
010,
011,
100,
101,
or
110
1
Note that each of the SAMPLE_RATE_n registers must select a sample rate value from the same
group in the two lists above.
Table 99 SYSCLK Frequency Selection
The required ASYNCCLK frequency is dependent on the ASYNC_SAMPLE_RATE_n registers. Table
100 illustrates the valid ASYNCCLK frequencies for every supported sample rate.
The ASYNC_CLK_FREQ register is used to identify the applicable ASYNCCLK frequency. It is
recommended that the highest possible ASYNCCLK frequency is selected.
Note that, if all the sample rates in the system are synchronised to SYSCLK, then the ASYNCCLK
may not be required at all. In this case, the ASYNCCLK should be disabled (see Table 101), and the
associated register values are not important.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com