Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 297 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 297 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 293Page - Cirrus Logic WM8281ECS/R Datasheet HTML 294Page - Cirrus Logic WM8281ECS/R Datasheet HTML 295Page - Cirrus Logic WM8281ECS/R Datasheet HTML 296Page - Cirrus Logic WM8281ECS/R Datasheet HTML 297Page - Cirrus Logic WM8281ECS/R Datasheet HTML 298Page - Cirrus Logic WM8281ECS/R Datasheet HTML 299Page - Cirrus Logic WM8281ECS/R Datasheet HTML 300Page - Cirrus Logic WM8281ECS/R Datasheet HTML 301Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 392 page
background image
WM8281
Rev 4.0
297
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:0
WSEQ_START_I
NDEX [8:0]
000h
Sequence Start Index
This field contains the index location in
the sequencer memory of the first
command in the selected sequence.
Only applies to sequences triggered
using the WSEQ_START bit.
Valid from 0 to 509 (1FDh).
Table 116 Write Sequencer Control - Initiating a Sequence
AUTOMATIC SAMPLE RATE DETECTION SEQUENCES
The WM8281 supports automatic sample rate detection on the digital audio interfaces (AIF1, AIF2
and AIF3), when operating in AIF Slave mode. Automatic sample rate detection is enabled using the
RATE_EST_ENA register bit (see Table 101).
Up to four audio sample rates can be configured for automatic detection; these sample rates are
selected using the SAMPLE_RATE_DETECT_n registers. If one of the selected audio sample rates is
detected, then the Control Write Sequencer will be triggered. The applicable start index location within
the sequencer memory is separately configurable for each detected sample rate.
The WSEQ_SAMPLE_RATE_DETECT_A_INDEX register defines the sequencer start index
corresponding to the SAMPLE_RATE_DETECT_A sample rate. Equivalent start index values are
defined for the other sample rates, as described in Table 117.
Note that a sequencer start index of 1FFh will cause the respective sequence to be aborted.
The automatic sample rate detection control sequences are undefined following Power-On Reset
(POR), but can be user-programmed after power-up. Note that all control sequences are maintained
in the sequencer memory through Hardware Reset, Software Reset and in Sleep mode.
See “Clocking and Sample Rates” for further details of the automatic sample rate detection function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R97
(0061h)
Sample
Rate
Sequence
Select 1
8:0
WSEQ_SAMPLE
_RATE_DETECT
_A_INDEX [8:0]
1FFh
Sample Rate A Write Sequence start
index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Sample Rate A detection.
Valid from 0 to 509 (1FDh)
R98
(0062h)
Sample
Rate
Sequence
Select 2
8:0
WSEQ_SAMPLE
_RATE_DETECT
_B_INDEX [8:0]
1FFh
Sample Rate B Write Sequence start
index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Sample Rate B detection.
Valid from 0 to 509 (1FDh)
R99
(0063h)
Sample
Rate
Sequence
Select 3
8:0
WSEQ_SAMPLE
_RATE_DETECT
_C_INDEX [8:0]
1FFh
Sample Rate C Write Sequence start
index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Sample Rate C detection.
Valid from 0 to 509 (1FDh)
R100
(0064h)
Sample
Rate
Sequence
Select 4
8:0
WSEQ_SAMPLE
_RATE_DETECT
_D_INDEX [8:0]
1FFh
Sample Rate D Write Sequence start
index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with Sample Rate D detection.
Valid from 0 to 509 (1FDh)
Table 117 Write Sequencer Control - Automatic Sample Rate Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com