Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 300 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 300 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 296Page - Cirrus Logic WM8281ECS/R Datasheet HTML 297Page - Cirrus Logic WM8281ECS/R Datasheet HTML 298Page - Cirrus Logic WM8281ECS/R Datasheet HTML 299Page - Cirrus Logic WM8281ECS/R Datasheet HTML 300Page - Cirrus Logic WM8281ECS/R Datasheet HTML 301Page - Cirrus Logic WM8281ECS/R Datasheet HTML 302Page - Cirrus Logic WM8281ECS/R Datasheet HTML 303Page - Cirrus Logic WM8281ECS/R Datasheet HTML 304Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 392 page
background image
WM8281
300
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R110
(006Eh)
Trigger
Sequence
Select 32
8:0
WSEQ_DRC1_SI
G_DET_RISE_IN
DEX [8:0]
1FFh
DRC1 Signal Detect (Rising) Write
Sequence start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with DRC1 Signal Detect (Rising)
detection.
Valid from 0 to 509 (1FDh).
R111
(006Fh)
Trigger
Sequence
Select 33
8:0
WSEQ_DRC1_SI
G_DET_FALL_IN
DEX [8:0]
1FFh
DRC1 Signal Detect (Falling) Write
Sequence start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with DRC1 Signal Detect (Falling)
detection.
Valid from 0 to 509 (1FDh).
Table 119 Write Sequencer Control - DRC Signal Detect
BOOT SEQUENCE
The WM8281 executes a Boot Sequence following Power-On Reset (POR), Hardware Reset,
Software Reset or Wake-Up (from Sleep mode).
See “Power-On Reset (POR)” and “Hardware Reset, Software Reset, Wake-Up, and Device ID” for
further details.
The Boot Sequence configures the WM8281 with factory-set trim (calibration) data. Space is allocated
within the Boot Sequence memory to allow user-configurable register operations to be added (eg. to
automatically enable SYSCLK as part of the Boot Sequence). Further details of the sequencer
memory are provided later in this section. Note that all control sequences are maintained in the
sequencer memory through Hardware Reset, Software Reset and in Sleep mode.
If the Boot Sequence is programmed to enable SYSCLK, note that the default SYSCLK frequency
must be used. If a different SYSCLK frequency is required, this must be configured after the Boot
Sequence has completed.
The start index location of the the Boot Sequence is 384 (180h). Index locations 384 (180h) to 399
(18Fh) are available for any user-configured Boot Sequence requirements.
The Boot Sequence can be commanded at any time by writing ‘1’ to the WSEQ_BOOT_START bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24
(0018h)
Write
Sequencer
Ctrl 2
1
WSEQ_BOOT_S
TART
0
Writing a 1 to this bit starts the write
sequencer at the index location
configured for the Boot Sequence.
The Boot Sequence start index is 384
(180h).
Table 120 Write Sequencer Control - Boot Sequence
SEQUENCER OUTPUTS AND READBACK
The
status
of
the
Write
Sequencer
can
be
read
using
the
WSEQ_BUSY
and
WSEQ_CURRENT_INDEX registers, as described in Table 121.
When the WSEQ_BUSY bit is asserted, this indicates that the Write Sequencer is busy.
The index address of the most recent Write Sequencer command can be read from the
WSEQ_CURRENT_INDEX field. This can be used to provide a precise indication of the Write
Sequencer progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com