Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 304 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 304 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 300Page - Cirrus Logic WM8281ECS/R Datasheet HTML 301Page - Cirrus Logic WM8281ECS/R Datasheet HTML 302Page - Cirrus Logic WM8281ECS/R Datasheet HTML 303Page - Cirrus Logic WM8281ECS/R Datasheet HTML 304Page - Cirrus Logic WM8281ECS/R Datasheet HTML 305Page - Cirrus Logic WM8281ECS/R Datasheet HTML 306Page - Cirrus Logic WM8281ECS/R Datasheet HTML 307Page - Cirrus Logic WM8281ECS/R Datasheet HTML 308Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 392 page
background image
WM8281
304
Rev 4.0
Further details of the pre-programmed sequencer index locations are provided in Table 124.
SEQUENCE NAME
START INDEX
DEFAULT SEQUENCE
INDEX RANGES
HPOUT1L Enable
0 (000h)
0 to 30
HPOUT1L Disable
31 (01Fh)
31 to 38
HPOUT1R Enable
40 (028h)
40 to 70
HPOUT1R Disable
447 (1BFh)
447 to 454
HPOUT2L Enable
80 (050h)
80 to 110
HPOUT2L Disable
455 (1C7h)
455 to 462
HPOUT2R Enable
120 (078h)
120 to 150
HPOUT2R Disable
463 (1CFh)
463 to 470
HPOUT3L Enable
160 (0A0h)
160 to 190
HPOUT3L Disable
471 (1D7h)
471 to 478
HPOUT3R Enable
200 (0C8h)
200 to 230
HPOUT3R Disable
479 (1DFh)
479 to 486
SPKOUTL Enable
490 (1EAh)
490 to 497
SPKOUTL Disable
487 (1E7h)
487 to 489
SPKOUTR Enable
498 (1F2h)
498 to 505
SPKOUTR Disable
507 (1FBh)
507 to 509
Boot Sequence
384 (180h)
384 (Reserved)
385 to 391 (User space)
392 to 446 (Reserved)
Table 124 Default Sequencer Memory Allocation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com