Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 306 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 306 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 302Page - Cirrus Logic WM8281ECS/R Datasheet HTML 303Page - Cirrus Logic WM8281ECS/R Datasheet HTML 304Page - Cirrus Logic WM8281ECS/R Datasheet HTML 305Page - Cirrus Logic WM8281ECS/R Datasheet HTML 306Page - Cirrus Logic WM8281ECS/R Datasheet HTML 307Page - Cirrus Logic WM8281ECS/R Datasheet HTML 308Page - Cirrus Logic WM8281ECS/R Datasheet HTML 309Page - Cirrus Logic WM8281ECS/R Datasheet HTML 310Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 392 page
background image
WM8281
306
Rev 4.0
MICROPHONE BIAS (MICBIAS) CONTROL
There are three MICBIAS generators which provide low noise reference voltages suitable for biasing
electret condenser (ECM) type microphones or powering digital microphones. Refer to the
“Applications Information” section for recommended external components.
The MICBIAS generators are powered from MICVDD, which is generated by an internal Charge Pump
and LDO, as illustrated in Figure 82.
The MICBIAS outputs can be independently enabled using the MICBn_ENA register bits (where n = 1,
2 or 3 for MICBIAS1, 2 or 3 respectively).
When a MICBIAS output is disabled, the output pin can be configured to be floating or to be actively
discharged. This is selected using the MICBn_DISCH register bits.
The MICBIAS generators can each operate as a voltage regulator or in bypass mode. The applicable
mode is selected using the MICBn_BYPASS registers.
In Regulator mode, the output voltage is selected using the MICBn_LVL register bits. In this mode,
MICVDD must be at least 200mV greater than the required MICBIAS output voltages. The MICBIAS
outputs are powered from the MICVDD pin, and use the internal bandgap circuit as a reference.
In Regulator mode, the MICBIAS regulators are designed to operate without external decoupling
capacitors. The regulators can be configured to support a capacitive load if required, using the
MICBn_EXT_CAP register bits. (This may be appropriate for a digital microphone supply.) It is
important that the external capacitance is compatible with the applicable MICBn_EXT_CAP setting.
The compatible load conditions are detailed in the “Electrical Characteristics” section.
In Bypass mode, the output pin (MICBIAS1, MICBIAS2 or MICBIAS3) is connected directly to
MICVDD. This enables a low power operating state. Note that the MICBn_EXT_CAP register settings
are not applicable in Bypass mode; there are no restrictions on the external MICBIAS capacitance in
Bypass mode.
The MICBIAS generators incorporate a pop-free control circuit to ensure smooth transitions when the
MICBIAS outputs are enabled or disabled in Bypass mode; this feature is enabled using the
MICBn_RATE registers.
The MICBIAS generators are illustrated in Figure 82. The MICBIAS control register bits are descrbed
in Table 125.
The maximum output current for each MICBIASn
pin is noted in the “Electrical Characteristics”. This
limit must be observed on each MICBIAS output, especially if more than one microphone is connected
to a single MICBIAS pin. Note that the maximum output current differs between Regulator mode and
Bypass mode.
VOLTAGE REFERENCE CIRCUIT
The WM8281 incorporates a voltage reference circuit, powered by AVDD. This circuit ensures the
accuracy of the LDO Regulator and MICBIAS voltage settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com