Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 307 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 307 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 303Page - Cirrus Logic WM8281ECS/R Datasheet HTML 304Page - Cirrus Logic WM8281ECS/R Datasheet HTML 305Page - Cirrus Logic WM8281ECS/R Datasheet HTML 306Page - Cirrus Logic WM8281ECS/R Datasheet HTML 307Page - Cirrus Logic WM8281ECS/R Datasheet HTML 308Page - Cirrus Logic WM8281ECS/R Datasheet HTML 309Page - Cirrus Logic WM8281ECS/R Datasheet HTML 310Page - Cirrus Logic WM8281ECS/R Datasheet HTML 311Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 392 page
background image
WM8281
Rev 4.0
307
LDO1 REGULATOR AND DCVDD SUPPLY
The LDO1 voltage regulator is intended for generating the DCVDD domain, which powers the digital
core functions on the WM8281. In this configuration, the LDO output (LDOVOUT) should be
connected to the DCVDD pin. Note that the use of the LDO1 regulator to power external circuits
cannot be supported by the WM8281.
LDO1 is powered by LDOVDD and can be controlled using hardware or software controls. Note that,
depending on the application requirements, it may be necessary to use both the hardware and
software enables for LDO1, as described below.
Under hardware control, LDO1 is enabled when a
logic ‘1’ is applied to the LDOENA pin. The logic
level is determined with respect to the DBVDD1 voltage domain. LDO1 is also enabled when the
LDO1_ENA software control register is set to 1. Note that, to disable LDO1, the hardware and
software controls must both be de-asserted.
When LDO1 is enabled, the LDOVOUT voltage can be selected using the LDO1_VSEL control field.
Note that the default output voltage should always be used for normal operation. For correct Sleep
mode behaviour, the LDOVOUT voltage should be reduced to 1.175V immediately before entering
Sleep mode. See Table 125 for
further details. See also “Low Power Sleep Configuration”.
When LDO1 is disabled, the LDOVOUT pin can be configured to be floating or to be actively
discharged. This is selected using the LDO1_DISCH register bit.
It is possible to supply DCVDD from an external supply. In this configuration, the LDOVOUT pin
should be left floating; it must not be connected to the DCVDD pin. The LDO1 regulator is not used in
this case, and must be disabled at all times.
For recommended use of the Sleep / Wake-
Up functions (see “Low Power Sleep Configuration”), it is
assumed that DCVDD is powered from the output of LDO1. In this case, Sleep mode is selected when
LDO1 is disabled, causing the DCVDD supply to be removed. Note that the AVDD, DBVDD1, and
LDOVDD supplies must be present throughout the Sleep mode duration.
If DCVDD is powered externally (not from LDO1), then the ISOLATE_DCVDD1 register bit must be
controlled as described in Table 125 when selecting WM8281 Sleep mode. In this case, Sleep mode
is selected by setting the ISOLATE_DCVDD1 register bit, and then removing the DCVDD supply. For
applications where DCVDD is powered externally, only the AVDD and DBVDD1 supplies are required
in Sleep mode.
An internal pull-down resistor is enabled by default on the LDOENA pin. This is configurable using the
LDO1ENA_PD register bit. A pull-up resistor is also available, as described in Table 125. When the
pull-up and pull-down resistors are both enabled, the WM8281
provides a ‘bus keeper’ function on the
LDOENA pin. The bus keeper function holds the input logic level unchanged whenever the external
circuit removes the drive (eg. if the signal is tri-stated).
If DCVDD
is powered from LDO1, then a logic ‘1’ must be applied to the LDOENA pin during power-
up, to enable LDO1. The LDO must also be enabled using the LDOENA pin following a Hardware
Reset or Software Reset, to allow the device to re-start. (It is recommended that the LDOENA pin is
asserted before any reset, and is held at logic ‘1’ until after the reset is complete; this ensures the
DSP firmware memory contents can be retained, and also allows faster reset time.)
For normal operation following Power-On Reset (POR), Hardware Reset, or Software Reset, LDO1
must be enabled using the hardware or software controls described above. Note that when the
LDO1_ENA bit is set to 1, the LDOENA pin has no effect and may be de-asserted - the LDO is then
under software control, allowing Sleep mode to be selected under register control, including via the
Control Write Sequencer.
See “Power-On Reset (POR)” and “Hardware Reset, Software Reset, Wake-Up, and Device ID” for
details of WM8281
Resets. See also “Low Power Sleep Configuration” for details of the Sleep / Wake-
up functions.
The LDO1 Regulator circuit is illustrated in Figure 82. The associated register control bits are
described in Table 125.
Note that the LDO output requires an external decoupling capacitor; this requirement is typically
achieved via decoupling on the DCVDD pins. Refer to the
“Applications Information” section for
recommended external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com