Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 308 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 308 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 304Page - Cirrus Logic WM8281ECS/R Datasheet HTML 305Page - Cirrus Logic WM8281ECS/R Datasheet HTML 306Page - Cirrus Logic WM8281ECS/R Datasheet HTML 307Page - Cirrus Logic WM8281ECS/R Datasheet HTML 308Page - Cirrus Logic WM8281ECS/R Datasheet HTML 309Page - Cirrus Logic WM8281ECS/R Datasheet HTML 310Page - Cirrus Logic WM8281ECS/R Datasheet HTML 311Page - Cirrus Logic WM8281ECS/R Datasheet HTML 312Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 392 page
background image
WM8281
308
Rev 4.0
BLOCK DIAGRAM AND CONTROL REGISTERS
The Charge Pump and Regulator circuits are illustrated in Figure 82. Note that decoupling capacitors
and flyback capa
citors are required for these circuits. Refer to the “Applications Information” section
for recommended external components.
Analogue output
supply
CPVDD
CPGND
AGND
LDO 1
LDOVDD
LDOENA
Digital Core supply
LDOVOUT
DGND
Analogue reference
LDO1_ENA
LDO1_VSEL[5:0]
LDO1_DISCH
LDO1ENA_PD
LDO1ENA_PU
MICBIAS2
MICBIAS1
MICB1_ENA
MICB1_BYPASS
MICB1_LVL[3:0]
MICB1_RATE
MICB1_DISCH
MICB1_EXT_CAP
MICB2_ENA
MICB2_BYPASS
MICB2_LVL[3:0]
MICB2_RATE
MICB2_DISCH
MICB2_EXT_CAP
MICBIAS3
MICB3_ENA
MICB3_BYPASS
MICB3_LVL[3:0]
MICB3_RATE
MICB3_DISCH
MICB3_EXT_CAP
DCVDD
LDO2_VSEL[5:0]
LDO2_DISCH
CP2CA
CP2VOUT
CP2CB
Charge Pump 1
CP2_ENA
CP2_BYPASS
CP2_DISCH
LDO1 may be used to generate the DCVDD supply. In this
case, the LDOVOUT pin must be connected to the DCVDD pin.
Analogue input
supply
Voltage
Reference
AVDD
Analogue supply
MICVDD
Charge
Pump 2
LDO2
Figure 82 Charge Pumps and Regulators
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R512
(0200h)
Mic
Charge
Pump 1
2
CP2_DISCH
1
Charge Pump 2 Discharge
0 = CP2VOUT floating when disabled
1 = CP2VOUT discharged when disabled
1
CP2_BYPASS
1
Charge Pump 2 and LDO2 Bypass Mode
0 = Normal
1 = Bypass mode
In Bypass mode, CPVDD is connected
directly to MICVDD.
Note that CP2_ENA must also be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com