Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 311 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 311 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 307Page - Cirrus Logic WM8281ECS/R Datasheet HTML 308Page - Cirrus Logic WM8281ECS/R Datasheet HTML 309Page - Cirrus Logic WM8281ECS/R Datasheet HTML 310Page - Cirrus Logic WM8281ECS/R Datasheet HTML 311Page - Cirrus Logic WM8281ECS/R Datasheet HTML 312Page - Cirrus Logic WM8281ECS/R Datasheet HTML 313Page - Cirrus Logic WM8281ECS/R Datasheet HTML 314Page - Cirrus Logic WM8281ECS/R Datasheet HTML 315Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 392 page
background image
WM8281
Rev 4.0
311
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
MICB3_ENA
0
Microphone Bias 3 Enable
0 = Disabled
1 = Enabled
R715
(02CBh)
Isolation
control
0
ISOLATE_DCVD
D1
0
Always-On power domain isolate control
Set this bit to 1 to isolate the ‘Always-On’
domain from the DCVDD pin.
If DCVDD is powered externally (not from
LDO1), this bit must be set before
selecting Sleep mode (ie. before removing
the external DCVDD supply).
If DCVDD is powered from LDO1, then
there is no requirement to set this bit.
This bit is automatically reset to 0
following a Wake-up transition (from Sleep
mode).
R3104
(0C20h)
Misc Pad
Ctrl 1
15
LDO1ENA_PD
1
LDOENA Pull-Down Control
0 = Disabled
1 = Enabled
Note - when LDO1ENA_PD and
LDO1ENA_PU are both set to ‘1’, then a
‘bus keeper’ function is enabled on the
LDOENA pin.
14
LDO1ENA_PU
0
LDOENA Pull-Up Control
0 = Disabled
1 = Enabled
Note - when LDO1ENA_PD and
LDO1ENA_PU are both set to ‘1’, then a
‘bus keeper’ function is enabled on the
LDOENA pin.
Table 125 Charge Pump and LDO Control Registers
LDO2_VSEL [5:0]
LDO OUTPUT
LDO2_VSEL [5:0]
LDO OUTPUT
LDO2_VSEL [5:0]
LDO OUTPUT
00h
0.900V
10h
1.300V
20h
2.600V
01h
0.925V
11h
1.325V
21h
2.700V
02h
0.950V
12h
1.350V
22h
2.800V
03h
0.975V
13h
1.375V
23h
2.900V
04h
1.000V
14h
1.400V
24h
3.000V
05h
1.025V
15h
1.500V
25h
3.100V
06h
1.050V
16h
1.600V
26h
3.200V
07h
1.075V
17h
1.700V
27h
3.300V
08h
1.100V
18h
1.800V
28h to 3Fh
3.300V
09h
1.125V
19h
1.900V
0Ah
1.150V
1Ah
2.000V
0Bh
1.175V
1Bh
2.100V
0Ch
1.200V
1Ch
2.200V
0Dh
1.225V
1Dh
2.300V
0Eh
1.250V
1Eh
2.400V
0Fh
1.275V
1Fh
2.500V
Table 126 LDO2 Voltage Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com