Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 313 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 313 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 309Page - Cirrus Logic WM8281ECS/R Datasheet HTML 310Page - Cirrus Logic WM8281ECS/R Datasheet HTML 311Page - Cirrus Logic WM8281ECS/R Datasheet HTML 312Page - Cirrus Logic WM8281ECS/R Datasheet HTML 313Page - Cirrus Logic WM8281ECS/R Datasheet HTML 314Page - Cirrus Logic WM8281ECS/R Datasheet HTML 315Page - Cirrus Logic WM8281ECS/R Datasheet HTML 316Page - Cirrus Logic WM8281ECS/R Datasheet HTML 317Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 392 page
background image
WM8281
Rev 4.0
313
THERMAL SHUTDOWN AND SHORT CIRCUIT PROTECTION
The WM8281 incorporates thermal protection functions, and also provides short-circuit detection on
the Class D speaker and headphone output paths, as described below.
The temperature sensor detects when the device temperature is within normal limits or if the device is
approaching a hazardous temperature condition.
The temperature sensor is an input to the Interrupt control circuit and can be used to trigger an
Interrupt
event
-
see
“Interrupts”.
A
two-stage
indication
is
provided,
via
the
SPK_OVERHEAT_WARN_EINTn and SPK_OVERHEAT_EINTn interrupts.
If the upper temperature threshold (SPK_OVERHEAT_EINTn) is exceeded, then the Class D speaker
outputs will automatically be disabled in order to protect the device. When the speaker driver
shutdown is complete, a further interrupt, SPK_SHUTDOWN_EINTn, will be asserted.
The short circuit detection function for the Class D speaker outputs is triggered when the respective
output drivers are enabled (using the register bits described in Table 61). If a short circuit is detected
at this time, then the enable will be unsuccessful, and the respective output driver will not be enabled.
The Class D speaker short circuit detection provides inputs to the Interrupt control circuit and can be
used to trigger an Interrupt event - see
“Interrupts”.
If the Class D speaker short circuit condition is detected, then the respective driver(s) will
automatically be disabled in order to protect the device. When the speaker driver shutdown is
complete, a further interrupt, SPK_SHUTDOWN_EINTn, will be asserted.
To enable the Class D speaker outputs following a short circuit detection, the host processor must
disable and re-enable the output driver(s) twice over (ie. disable, enable, disable, enable). Note that
the short circuit status bits will always be cleared when the drivers are disabled.
The short circuit detection function for the headphone output paths operates continuously whilst the
respective output driver is enabled. If a short circuit is detected on any headphone output, then
current limiting is applied, in order to protect the output driver. Note that the respective output driver
will continue to operate, but the output is current-limited.
The short circuit detection function for the headphone outputs is designed to operate under a range of
typical load conditions. However, it is not compatible with highly reactive loads (either inductive or
capacitive), as found on some multi-driver headphones, due to phase shifting that arises under these
conditions. The headphone short circuit detection function must be disabled if these load conditions
may be applicable.
The short circuit detection function for the headphone output paths is enabled by default, but can be
disabled using the register bits described in Table 127. The output path performance (THD, THD+N)
is improved when the short circuit function is disabled.
Note that, when writing to the HPn_SC_ENA bits, care is required not to change the value of other
bits in the same register, which may have changed from the default
setting. Accordingly, a ‘read-
modify-
write’ sequence is required to implement this.
The headphone output short circuit detection provides inputs to the Interrupt control circuit and can be
used to trigger an Interrupt event - see
“Interrupts”. Note that two short circuit indications are
implemented for each headphone output channel (relating to detection in the positive and negative
output voltage regions respectively); if either of these indications is asserted, then a short circuit
condition exists in the respective output path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com