Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 317 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 317 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 313Page - Cirrus Logic WM8281ECS/R Datasheet HTML 314Page - Cirrus Logic WM8281ECS/R Datasheet HTML 315Page - Cirrus Logic WM8281ECS/R Datasheet HTML 316Page - Cirrus Logic WM8281ECS/R Datasheet HTML 317Page - Cirrus Logic WM8281ECS/R Datasheet HTML 318Page - Cirrus Logic WM8281ECS/R Datasheet HTML 319Page - Cirrus Logic WM8281ECS/R Datasheet HTML 320Page - Cirrus Logic WM8281ECS/R Datasheet HTML 321Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 392 page
background image
WM8281
Rev 4.0
317
HARDWARE RESET, SOFTWARE RESET, WAKE-UP, AND DEVICE ID
The WM8281 provides a Hardware Reset function, which is executed whenever the RESET
¯¯¯¯¯¯ input is
asserted (logic 0). The RESET
¯¯¯¯¯¯ input is active low and is referenced to the DBVDD1 power domain.
A Hardware Reset causes most of the WM8281 control registers to be reset to their default states.
Note that the Control Write Sequencer memory and DSP firmware memory contents are retained
during Hardware Reset (assuming the conditions noted below).
An internal pull-up resistor is enabled by default on the RESET
¯¯¯¯¯¯ pin; this can be configured using the
RESET_PU register bit. A pull-down resistor is also available, as described in Table 130. When the
pull-up and pull-down resistors are both enabled, the WM8281
provides a ‘bus keeper’ function on the
RESET
¯¯¯¯¯¯ pin. The bus keeper function holds the input logic level unchanged whenever the external
circuit removes the drive (eg. if the signal is tri-stated).
If the WM8281 SLIMbus component is in its operational state, then it must be reset prior to scheduling
a Hardware Reset. See “SLIMbus Interface Control” for details of the SLIMbus reset control
messages.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3104
(0C20h)
Misc Pad
Ctrl 1
1
RESET_PU
1
RESET Pull-up enable
0 = Disabled
1 = Enabled
Note - when RESET_PD and RESET_PU
are both set to ‘1’, then a ‘bus keeper’
function is enabled on the RESET pin.
0
RESET_PD
0
RESET Pull-down enable
0 = Disabled
1 = Enabled
Note - when RESET_PD and RESET_PU
are both set to ‘1’, then a ‘bus keeper’
function is enabled on the RESET pin.
Table 130 Reset Pull-Up Configuration
A Software Reset is executed by writing any value to register R0. A Software Reset causes most of
the WM8281 control registers to be reset to their default states. Note that the Control Write Sequencer
memory and DSP firmware memory contents are retained during Software Reset (assuming the
conditions noted below).
A Wake-Up transition (from Sleep mode) is similar to a Software Reset, but selected functions and
control registers are maintained via an ‘Always-On’ internal supply domain. The ‘Always-On’ registers
are not reset during Wake-
Up. See “Low Power Sleep Configuration” for details of the ‘Always-On’
functions.
The Control Write Sequencer memory contents are retained during Hardware Reset, Software Reset
or Sleep mode; these registers are only reset following a Power-On Reset (POR).
The DSP firmware memory contents are also retained during Hardware Reset and Software Reset,
provided DCVDD is held above its reset threshold, and the DSPn_MEM_ENA bits are set to ‘1’
(default).
See the “Applications Information” section for a summary of the WM8281 memory reset conditions.
The DSPn_MEM_ENA register bits are described in Table 27.
If DCVDD is powered from LDO1, it is recommended that the LDOENA pin is asserted (logic 1) before
Hardware Reset or Software Reset; this ensures the DSP memory contents can be retained, and also
allows faster reset time.
Following Hardware Reset, Software Reset or Wake-Up (from Sleep mode), a Boot Sequence is
executed. The BOOT_DONE_STS register (see Table 128) is de-asserted during Hardware Reset,
Software Reset and in Sleep mode. The BOOT_DONE_STS register is asserted on completion of the
boot-up sequence. Control register writes should not be attempted until the BOOT_DONE_STS
register has been asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com