Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 315 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 315 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 311Page - Cirrus Logic WM8281ECS/R Datasheet HTML 312Page - Cirrus Logic WM8281ECS/R Datasheet HTML 313Page - Cirrus Logic WM8281ECS/R Datasheet HTML 314Page - Cirrus Logic WM8281ECS/R Datasheet HTML 315Page - Cirrus Logic WM8281ECS/R Datasheet HTML 316Page - Cirrus Logic WM8281ECS/R Datasheet HTML 317Page - Cirrus Logic WM8281ECS/R Datasheet HTML 318Page - Cirrus Logic WM8281ECS/R Datasheet HTML 319Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 392 page
background image
WM8281
Rev 4.0
315
The WM8281 is in Sleep mode when AVDD and DBVDD1 are present, and DCVDD is below its reset
threshold. (Note that specific control requirements are also applicable for entering Sleep mode, as
described in “Low Power Sleep Configuration”.)
In Sleep mode, most of the Digital Core (and control registers) are held in reset; selected functions
and control registers are maintained via an ‘Always-On’ internal supply domain. See “Low Power
Sleep Configuration
” for details of the ‘Always-On’ functions.
See “Hardware Reset, Software Reset, Wake-Up, and Device ID” for details of the Wake-Up transition
(exit from Sleep mode).
Table 129 describes the default status of the WM8281 digital I/O pins on completion of Power-On
Reset, prior to any register writes. The same default conditions are also applicable on completion of a
Hardware Reset or Software Reset (see
“Hardware Reset, Software Reset, Wake-Up, and Device
ID
”).
The same default conditions are applicable following a Wake-Up transition, except for the GPIO5,
IRQ, LDOENA, MCLK2 and RESET
¯¯¯¯¯¯
pins. These are ‘Always-On’ pins whose configuration is
unchanged in Sleep mode and during a Wake-Up transition.
Note that the default conditions described in Table 129 will not be valid if modified by the Boot
Sequence or by a
‘Wake-Up’ control sequence. See “Control Write Sequencer” for details of these
functions.
PIN NO
NAME
TYPE
RESET STATUS
MICVDD power domain
F3
DMICCLK4
Digital Output
Digital output
E3
DMICDAT4
Digital Input
Digital input
A4
IN1LN / DMICCLK1
Analogue Input / Digital Output
Analogue input
D4
IN1RN / DMICDAT1
Analogue input / Digital Input
Analogue input
A3
IN2LN / DMICCLK2
Analogue Input / Digital Output
Analogue input
D3
IN2RN / DMICDAT2
Analogue input / Digital Input
Analogue input
A2
IN3LN / DMICCLK3
Analogue Input / Digital Output
Analogue input
D2
IN3RN / DMICDAT3
Analogue input / Digital Input
Analogue input
DBVDD1 power domain
J13
AIF1BCLK
Digital Input / Output
Digital input
H13
AIF1RXDAT
Digital Input
Digital input
H12
AIF1LRCLK
Digital Input / Output
Digital input
J11
AIF1TXDAT
Digital Output
Digital output
L13
SLIMCLK
Digital Input / Output
Digital input
K12
SLIMDAT
Digital Input / Output
Digital input
F12
CIF1ADDR / CIF1SS
¯¯¯¯¯¯
Digital Input
Digital input
(Pull-down to DGND
if CIF1MODE=logic 0)
J12
CIF1MISO / GPIO4
Digital Output
Digital output
F11
CIF1MODE
Digital Input
Digital input
G13
CIF1SCLK
Digital Input
Digital input
G12
CIF1SDA / CIF1MOSI
Digital Input / Output
Digital input
H11
GPIO1
Digital Input / Output
Digital input,
Pull-down to DGND
F13
GPIO5
Digital Input / Output
Digital input,
Pull-down to DGND
E11
IRQ
¯¯¯
Digital Output
Digital output
E13
LDOENA
Digital Input
Digital input,
Pull-down to DGND
K13
MCLK1
Digital Input
Digital input
G14
MCLK2
Digital Input
Digital input
E12
RESET
¯¯¯¯¯¯
Digital Input
Digital input,
Pull-up to DBVDD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com