Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 318 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 318 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 314Page - Cirrus Logic WM8281ECS/R Datasheet HTML 315Page - Cirrus Logic WM8281ECS/R Datasheet HTML 316Page - Cirrus Logic WM8281ECS/R Datasheet HTML 317Page - Cirrus Logic WM8281ECS/R Datasheet HTML 318Page - Cirrus Logic WM8281ECS/R Datasheet HTML 319Page - Cirrus Logic WM8281ECS/R Datasheet HTML 320Page - Cirrus Logic WM8281ECS/R Datasheet HTML 321Page - Cirrus Logic WM8281ECS/R Datasheet HTML 322Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 392 page
background image
WM8281
318
Rev 4.0
The BOOT_DONE_STS signal is an input to the Interrupt control circuit and can be used to trigger an
Interrupt event - s
ee “Interrupts”.
The BOOT_DONE_STS signal can also generate a GPIO output, providing an external indication of
the Boot Sequence. See “General Purpose Input / Output” to configure a GPIO pin for this function.
For details of the Boot Sequence
, see “Control Write Sequencer”.
The status of the WM8281 digital I/O pins following Hardware Reset, Software Reset or Wake-Up is
described in
the “Power-On Reset (POR)” section.
The Device ID can be read back from Register R0. The Hardware Revision can be read back from
Register R1.
The Software Revision can be read back from Register R2. The Software Revision code is
incremented if software driver compatibility or software feature support is changed.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (0000h)
Software
Reset
15:0
SW_RST_DEV_
ID [15:0]
5110h
Writing to this register resets all registers
to their default state.
Reading from this register will indicate
Device ID 5110h.
R1 (0001h)
Hardware
Revision
7:0
HW_REVISION
[7:0]
Hardware Device revision.
(incremented for every new revision of
the device)
R2 (0002h)
Software
Revision
6:0
SW_REVISION
[6:0]
Software Device revision.
(incremented if software driver
compatibility or software feature support
is changed)
Table 131 Device Reset and ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com