Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 322 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 322 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 318Page - Cirrus Logic WM8281ECS/R Datasheet HTML 319Page - Cirrus Logic WM8281ECS/R Datasheet HTML 320Page - Cirrus Logic WM8281ECS/R Datasheet HTML 321Page - Cirrus Logic WM8281ECS/R Datasheet HTML 322Page - Cirrus Logic WM8281ECS/R Datasheet HTML 323Page - Cirrus Logic WM8281ECS/R Datasheet HTML 324Page - Cirrus Logic WM8281ECS/R Datasheet HTML 325Page - Cirrus Logic WM8281ECS/R Datasheet HTML 326Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 392 page
background image
WM8281
322
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R375 (177h) FLL1 Loop Filter
Test 1
FLL1_
FRC_I
NTEG
_UPD
0
0
0
FLL1_FRC_INTEG_VAL [11:0]
0281h
R376 (178h) FLL1 NCO Test 0 FLL1_I
NTEG
_VALI
D
0
0
0
FLL1_INTEG [11:0]
0000h
R377 (179h) FLL1 Control 7
0
0
0
0
0
0
0
0
0
0
FLL1_GAIN [3:0]
0
0
0000h
R385 (181h) FLL1
Synchroniser 1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
FLL1_
SYNC
_ENA
0000h
R386 (182h) FLL1
Synchroniser 2
0
0
0
0
0
0
FLL1_SYNC_N [9:0]
0000h
R387 (183h) FLL1
Synchroniser 3
FLL1_SYNC_THETA [15:0]
0000h
R388 (184h) FLL1
Synchroniser 4
FLL1_SYNC_LAMBDA [15:0]
0000h
R389 (185h) FLL1
Synchroniser 5
0
0
0
0
0
FLL1_SYNC_FRATIO
[2:0]
0
0
0
0
0
0
0
0
0000h
R390 (186h) FLL1
Synchroniser 6
0
0
0
0
0
0
0
0
FLL1_SYNCCL
K_DIV [1:0]
0
0
FLL1_SYNCCLK_SRC [3:0]
0000h
R391 (187h) FLL1
Synchroniser 7
0
0
0
0
0
0
0
0
0
0
FLL1_SYNC_GAIN [3:0]
0
FLL1_
SYNC
_DFSA
T
0001h
R393 (189h) FLL1 Spread
Spectrum
0
0
0
0
0
0
0
0
0
0
FLL1_SS_AMP
L [1:0]
FLL1_SS_FRE
Q [1:0]
FLL1_SS_SEL
[1:0]
0000h
R394 (18Ah) FLL1 GPIO Clock
0
0
0
0
0
0
0
0
FLL1_GPCLK_DIV [6:0]
FLL1_
GPCL
K_ENA
000Ch
R401 (191h) FLL2 Control 1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
FLL2_
FREE
RUN
FLL2_
ENA
0002h
R402 (192h) FLL2 Control 2
FLL2_
CTRL_
UPD
0
0
0
0
0
FLL2_N [9:0]
0008h
R403 (193h) FLL2 Control 3
FLL2_THETA [15:0]
0018h
R404 (194h) FLL2 Control 4
FLL2_LAMBDA [15:0]
007Dh
R405 (195h) FLL2 Control 5
0
0
0
0
FLL2_FRATIO [3:0]
0
0
0
0
FLL2_OUTDIV [2:0]
0
000Ch
R406 (196h) FLL2 Control 6
0
0
0
0
0
0
0
0
FLL2_REFCLK
_DIV [1:0]
0
0
FLL2_REFCLK_SRC [3:0]
0000h
R407 (197h) FLL2 Loop Filter
Test 1
FLL2_
FRC_I
NTEG
_UPD
0
0
0
FLL2_FRC_INTEG_VAL [11:0]
0000h
R408 (198h) FLL2 NCO Test 0 FLL2_I
NTEG
_VALI
D
0
0
0
FLL2_INTEG [11:0]
0000h
R409 (199h) FLL2 Control 7
0
0
0
0
0
0
0
0
0
0
FLL2_GAIN [3:0]
0
0
0000h
R417 (1A1h) FLL2
Synchroniser 1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
FLL2_
SYNC
_ENA
0000h
R418 (1A2h) FLL2
Synchroniser 2
0
0
0
0
0
0
FLL2_SYNC_N [9:0]
0000h
R419 (1A3h) FLL2
Synchroniser 3
FLL2_SYNC_THETA [15:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com