Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 325 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 325 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 321Page - Cirrus Logic WM8281ECS/R Datasheet HTML 322Page - Cirrus Logic WM8281ECS/R Datasheet HTML 323Page - Cirrus Logic WM8281ECS/R Datasheet HTML 324Page - Cirrus Logic WM8281ECS/R Datasheet HTML 325Page - Cirrus Logic WM8281ECS/R Datasheet HTML 326Page - Cirrus Logic WM8281ECS/R Datasheet HTML 327Page - Cirrus Logic WM8281ECS/R Datasheet HTML 328Page - Cirrus Logic WM8281ECS/R Datasheet HTML 329Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 392 page
background image
WM8281
Rev 4.0
325
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R813 (32Dh) ADC Digital
Volume 4R
0
0
0
0
0
0
IN_VU IN4R_
MUTE
IN4R_VOL [7:0]
0180h
R814 (32Eh) DMIC4R Control
0
0
0
0
0
0
0
0
0
0
IN4R_DMIC_DLY [5:0]
0000h
R1024 (400h) Output Enables 1
0
0
0
0
OUT6L
_ENA
OUT6
R_EN
A
OUT5L
_ENA
OUT5
R_EN
A
SPKO
UTL_E
NA
SPKO
UTR_E
NA
HP3L_
ENA
HP3R_
ENA
HP2L_
ENA
HP2R_
ENA
HP1L_
ENA
HP1R_
ENA
0000h
R1025 (401h) Output Status 1
0
0
0
0
OUT6L
_ENA_
STS
OUT6
R_EN
A_STS
OUT5L
_ENA_
STS
OUT5
R_EN
A_STS
OUT4L
_ENA_
STS
OUT4
R_EN
A_STS
0
0
0
0
0
0
0000h
R1030 (406h) Raw Output
Status 1
0
0
0
0
0
0
0
0
0
0
OUT3L
_ENA_
STS
OUT3
R_EN
A_STS
OUT2L
_ENA_
STS
OUT2
R_EN
A_STS
OUT1L
_ENA_
STS
OUT1
R_EN
A_STS
0000h
R1032 (408h) Output Rate 1
0
OUT_RATE [3:0]
0
0
0
0
0
0
0
0
0
0
0
0000h
R1033 (409h) Output Volume
Ramp
0
0
0
0
0
0
0
0
0
OUT_VD_RAMP [2:0]
0
OUT_VI_RAMP [2:0]
0022h
R1040 (410h) Output Path
Config 1L
0
0
OUT1_
MONO
OUT1L_ANC_
SRC [1:0]
0
0
0
0
0
0
0
0
0
0
0000h
R1041 (411h) DAC Digital
Volume 1L
0
0
0
0
0
OUT_
VU
OUT1L
_MUT
E
OUT1L_VOL [7:0]
0180h
R1042 (412h) DAC Volume Limit
1L
0
0
0
0
0
0
0
OUT1L_VOL_LIM [7:0]
0081h
R1043 (413h) Noise Gate Select
1L
0
0
0
OUT1L_NGATE_SRC [11:0]
0001h
R1044 (414h) Output Path
Config 1R
0
0
0
OUT1R_ANC_
SRC [1:0]
0
0
0
0
0
0
0
0
0
0
0000h
R1045 (415h) DAC Digital
Volume 1R
0
0
0
0
0
OUT_
VU
OUT1
R_MU
TE
OUT1R_VOL [7:0]
0180h
R1046 (416h) DAC Volume Limit
1R
0
0
0
0
0
0
0
OUT1R_VOL_LIM [7:0]
0081h
R1047 (417h) Noise Gate Select
1R
0
0
0
OUT1R_NGATE_SRC [11:0]
0002h
R1048 (418h) Output Path
Config 2L
0
0
OUT2_
MONO
OUT2L_ANC_
SRC [1:0]
0
0
0
0
0
0
0
0
0
0
000h
R1049 (419h) DAC Digital
Volume 2L
0
0
0
0
0
OUT_
VU
OUT2L
_MUT
E
OUT2L_VOL [7:0]
0180h
R1050 (41Ah) DAC Volume Limit
2L
0
0
0
0
0
0
0
OUT2L_VOL_LIM [7:0]
0081h
R1051 (41Bh) Noise Gate Select
2L
0
0
0
OUT2L_NGATE_SRC [11:0]
0004h
R1052 (41Ch) Output Path
Config 2R
0
0
0
OUT2R_ANC_
SRC [1:0]
0
0
0
0
0
0
0
0
0
0
0000h
R1053 (41Dh) DAC Digital
Volume 2R
0
0
0
0
0
OUT_
VU
OUT2
R_MU
TE
OUT2R_VOL [7:0]
0180h
R1054 (41Eh) DAC Volume Limit
2R
0
0
0
0
0
0
0
OUT2R_VOL_LIM [7:0]
0081h
R1055 (41Fh) Noise Gate Select
2R
0
0
0
OUT2R_NGATE_SRC [11:0]
0008h
R1056 (420h) Output Path
Config 3L
0
0
OUT3_
MONO
OUT3L_ANC_
SRC [1:0]
0
0
0
0
0
0
0
0
0
0
0000h
R1057 (421h) DAC Digital
Volume 3L
0
0
0
0
0
0
OUT_
VU
OUT3L
_MUT
E
OUT3L_VOL [7:0]
0180h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com