Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 323 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 323 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 319Page - Cirrus Logic WM8281ECS/R Datasheet HTML 320Page - Cirrus Logic WM8281ECS/R Datasheet HTML 321Page - Cirrus Logic WM8281ECS/R Datasheet HTML 322Page - Cirrus Logic WM8281ECS/R Datasheet HTML 323Page - Cirrus Logic WM8281ECS/R Datasheet HTML 324Page - Cirrus Logic WM8281ECS/R Datasheet HTML 325Page - Cirrus Logic WM8281ECS/R Datasheet HTML 326Page - Cirrus Logic WM8281ECS/R Datasheet HTML 327Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 392 page
background image
WM8281
Rev 4.0
323
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R420 (1A4h) FLL2
Synchroniser 4
FLL2_SYNC_LAMBDA [15:0]
0000h
R421 (1A5h) FLL2
Synchroniser 5
0
0
0
0
0
FLL2_SYNC_FRATIO
[2:0]
0
0
0
0
0
0
0
0
0000h
R422 (1A6h) FLL2
Synchroniser 6
0
0
0
0
0
0
0
0
FLL2_SYNCCL
K_DIV [1:0]
0
0
FLL2_SYNCCLK_SRC [3:0]
0000h
R423 (1A7h) FLL2
Synchroniser 7
0
0
0
0
0
0
0
0
0
0
FLL2_SYNC_GAIN [3:0]
0
FLL2_
SYNC
_DFSA
T
0001h
R425 (1A9h) FLL2 Spread
Spectrum
0
0
0
0
0
0
0
0
0
0
FLL2_SS_AMP
L [1:0]
FLL2_SS_FRE
Q [1:0]
FLL2_SS_SEL
[1:0]
0000h
R426 (1AAh) FLL2 GPIO Clock
0
0
0
0
0
0
0
0
FLL2_GPCLK_DIV [6:0]
FLL2_
GPCL
K_ENA
000Ch
R512 (200h) Mic Charge Pump
1
0
0
0
0
0
0
0
0
0
0
0
0
0
CP2_D
ISCH
CP2_B
YPAS
S
CP2_E
NA
0007h
R528 (210h) LDO1 Control 1
0
0
0
0
0
LDO1_VSEL [5:0]
0
0
LDO1_
DISCH
0
LDO1_
ENA
0184h
R531 (213h) LDO2 Control 1
0
0
0
0
0
LDO2_VSEL [5:0]
0
0
LDO2_
DISCH
0
0
03E4h
R536 (218h) Mic Bias Ctrl 1
MICB1
_EXT_
CAP
0
0
0
0
0
0
MICB1_LVL [3:0]
0
MICB1
_RATE
MICB1
_DISC
H
MICB1
_BYPA
SS
MICB1
_ENA
00E6h
R537 (219h) Mic Bias Ctrl 2
MICB2
_EXT_
CAP
0
0
0
0
0
0
MICB2_LVL [3:0]
0
MICB2
_RATE
MICB2
_DISC
H
MICB2
_BYPA
SS
MICB2
_ENA
00E6h
R538 (21Ah) Mic Bias Ctrl 3
MICB3
_EXT_
CAP
0
0
0
0
0
0
MICB3_LVL [3:0]
0
MICB3
_RATE
MICB3
_DISC
H
MICB3
_BYPA
SS
MICB3
_ENA
00E6h
R549 (225h) HP Ctrl 1L
0
0
0
0
0
1
0
0
0
0
0
0
0
HP1L_
FLWR
HP1L_
SHRTI
HP1L_
SHRT
O
0406h
R550 (226h) HP Ctrl 1R
0
0
0
0
0
1
0
0
0
0
0
0
0
HP1R_
FLWR
HP1R_
SHRTI
HP1R_
SHRT
O
0406h
R659 (293h) Accessory Detect
Mode 1
0
0
ACCD
ET_SR
C
0
0
0
0
0
0
0
0
0
0
0
ACCDET_MOD
E [1:0]
0000h
R667 (29Bh) Headphone
Detect 1
0
0
0
0
0
HP_IMPEDAN
CE_RANGE
[1:0]
0
HP_HOLDTIME [2:0]
HP_CLK_DIV
[1:0]
0
HP_R
ATE
HP_P
OLL
0028h
R668 (29Ch) Headphone
Detect 2
HP_D
ONE
HP_LVL [14:0]
0000h
R669 (29Dh) Headphone
Detect Test
0
0
0
0
0
0
HP_DACVAL [9:0]
0000h
R674 (2A2h) Micd Clamp
control
0
0
0
0
0
0
0
0
0
0
0
0
MICD_CLAMP_MODE [3:0]
0000h
R675 (2A3h) Mic Detect 1
MICD_BIAS_STARTTIME [3:0]
MICD_RATE [3:0]
0
0
MICD_BIAS_S
RC [1:0]
0
0
MICD_
DBTIM
E
MICD_
ENA
1102h
R676 (2A4h) Mic Detect 2
0
0
0
0
0
0
0
0
MICD_LVL_SEL [7:0]
009Fh
R677 (2A5h) Mic Detect 3
0
0
0
0
0
MICD_LVL [8:0]
MICD_
VALID
MICD_
STS
0000h
R683 (2ABh) Mic Detect 4
MICDET_ADCVAL_DIFF [7:0]
0
MICDET_ADCVAL [6:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com