Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 326 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 326 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 322Page - Cirrus Logic WM8281ECS/R Datasheet HTML 323Page - Cirrus Logic WM8281ECS/R Datasheet HTML 324Page - Cirrus Logic WM8281ECS/R Datasheet HTML 325Page - Cirrus Logic WM8281ECS/R Datasheet HTML 326Page - Cirrus Logic WM8281ECS/R Datasheet HTML 327Page - Cirrus Logic WM8281ECS/R Datasheet HTML 328Page - Cirrus Logic WM8281ECS/R Datasheet HTML 329Page - Cirrus Logic WM8281ECS/R Datasheet HTML 330Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 392 page
background image
WM8281
326
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1058 (422h) DAC Volume Limit
3L
0
0
0
0
0
0
0
0
OUT3L_VOL_LIM [7:0]
0081h
R1059 (423h) Noise Gate Select
3L
0
0
0
0
OUT3L_NGATE_SRC [11:0]
0010h
R1061 (425h) DAC Digital
Volume 3R
0
0
0
0
0
0
OUT_
VU
OUT3
R_MU
TE
OUT3R_VOL [7:0]
0180h
R1062 (426h) DAC Volume Limit
3R
0
0
0
0
OUT3R_ANC_
SRC [1:0]
0
0
OUT3R_VOL_LIM [7:0]
0081h
R1063 (427h) Noise Gate Select
3R
0
0
0
OUT3R_NGATE_SRC [11:0]
0020h
R1064 (428h) Output Path
Config 4L
0
0
0
OUT4L_ANC_
SRC [1:0]
0
0
0
0
0
0
0
0
0
0
0000h
R1065 (429h) DAC Digital
Volume 4L
0
0
0
0
0
0
OUT_
VU
OUT4L
_MUT
E
OUT4L_VOL [7:0]
0180h
R1066 (42Ah) Out Volume 4L
0
0
0
0
0
0
0
0
OUT4L_VOL_LIM [7:0]
0081h
R1067 (42Bh) Noise Gate Select
4L
0
0
0
0
OUT4L_NGATE_SRC [11:0]
0040h
R1068 (42Ch) Output Path
Config 4R
0
0
0
0
OUT4R_ANC_
SRC [1:0]
0
0
0
0
0
0
0
0
0
0
0000h
R1069 (42Dh) DAC Digital
Volume 4R
0
0
0
0
0
0
OUT_
VU
OUT4
R_MU
TE
OUT4R_VOL [7:0]
0180h
R1070 (42Eh) Out Volume 4R
0
0
0
0
0
0
0
0
OUT4R_VOL_LIM [7:0]
0081h
R1071 (42Fh) Noise Gate Select
4R
0
0
0
0
OUT4R_NGATE_SRC [11:0]
0080h
R1072 (430h) Output Path
Config 5L
0
0
OUT5_
OSR
0
OUT5L_ANC_
SRC [1:0]
0
0
0
0
0
0
0
0
0
0
0000h
R1073 (431h) DAC Digital
Volume 5L
0
0
0
0
0
0
OUT_
VU
OUT5L
_MUT
E
OUT5L_VOL [7:0]
0180h
R1074 (432h) DAC Volume Limit
5L
0
0
0
0
0
0
0
0
OUT5L_VOL_LIM [7:0]
0081h
R1075 (433h) Noise Gate Select
5L
0
0
0
0
OUT5L_NGATE_SRC [11:0]
0100h
R1076 (434h) Output Path
Config 5R
0
0
0
0
OUT5R_ANC_
SRC [1:0]
0
0
0
0
0
0
0
0
0
0
0000h
R1077 (435h) DAC Digital
Volume 5R
0
0
0
0
0
0
OUT_
VU
OUT5
R_MU
TE
OUT5R_VOL [7:0]
0180h
R1078 (436h) DAC Volume Limit
5R
0
0
0
0
0
0
0
0
OUT5R_VOL_LIM [7:0]
0081h
R1079 (437h) Noise Gate Select
5R
0
0
0
0
OUT5R_NGATE_SRC [11:0]
0200h
R1080 (438h) Output Path
Config 6L
0
0
OUT6_
OSR
0
OUT6L_ANC_
SRC [1:0]
0
0
0
0
0
0
0
0
0
0
0000h
R1081 (439h) DAC Digital
Volume 6L
0
0
0
0
0
0
OUT_
VU
OUT6L
_MUT
E
OUT6L_VOL [7:0]
0180h
R1082 (43Ah) DAC Volume Limit
6L
0
0
0
0
0
0
0
0
OUT6L_VOL_LIM [7:0]
0081h
R1083 (43Bh) Noise Gate Select
6L
0
0
0
0
OUT6L_NGATE_SRC [11:0]
0400h
R1084 (43Ch) Output Path
Config 6R
0
0
0
0
OUT6R_ANC_
SRC [1:0]
0
0
0
0
0
0
0
0
0
0
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com