Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 324 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 324 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 320Page - Cirrus Logic WM8281ECS/R Datasheet HTML 321Page - Cirrus Logic WM8281ECS/R Datasheet HTML 322Page - Cirrus Logic WM8281ECS/R Datasheet HTML 323Page - Cirrus Logic WM8281ECS/R Datasheet HTML 324Page - Cirrus Logic WM8281ECS/R Datasheet HTML 325Page - Cirrus Logic WM8281ECS/R Datasheet HTML 326Page - Cirrus Logic WM8281ECS/R Datasheet HTML 327Page - Cirrus Logic WM8281ECS/R Datasheet HTML 328Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 392 page
background image
WM8281
324
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R707 (2C3h) Mic noise mix
control 1
0
MICMUTE_RATE [3:0]
0
0
0
MICM
UTE_N
OISE_
ENA
MICM
UTE_
MIX_E
NA
0
0
0
0
0
0
0000h
R715 (2CBh) Isolation control
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ISOLA
TE_DC
VDD1
0000h
R723 (2D3h) Jack detect
analogue
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
JD1_E
NA
0000h
R768 (300h) Input Enables
0
0
0
0
0
0
0
0
IN4L_
ENA
IN4R_
ENA
IN3L_
ENA
IN3R_
ENA
IN2L_
ENA
IN2R_
ENA
IN1L_
ENA
IN1R_
ENA
0000h
R769 (301h) Input Enables
Status
0
0
0
0
0
0
0
0
IN4L_
ENA_S
TS
IN4R_
ENA_S
TS
IN3L_
ENA_S
TS
IN3R_
ENA_S
TS
IN2L_
ENA_S
TS
IN2R_
ENA_S
TS
IN1L_
ENA_S
TS
IN1R_
ENA_S
TS
0000h
R776 (308h) Input Rate
0
IN_RATE [3:0]
0
0
0
0
0
0
0
0
0
0
0
0000h
R777 (309h) Input Volume
Ramp
0
0
0
0
0
0
0
0
0
IN_VD_RAMP [2:0]
0
IN_VI_RAMP [2:0]
0022h
R780 (30Ch) HPF Control
0
0
0
0
0
0
0
0
0
0
0
0
0
IN_HPF_CUT [2:0]
0002h
R784 (310h) IN1L Control
IN1L_
HPF
IN1_OSR [1:0] IN1_DMIC_SU
P [1:0]
IN1_MODE
[1:0]
0
IN1L_PGA_VOL [6:0]
0
2080h
R785 (311h) ADC Digital
Volume 1L
0
0
0
0
0
0
IN_VU IN1L_
MUTE
IN1L_VOL [7:0]
0180h
R786 (312h) DMIC1L Control
0
0
0
0
0
0
0
0
0
0
IN1L_DMIC_DLY [5:0]
0000h
R788 (314h) IN1R Control
IN1R_
HPF
0
0
0
0
0
0
0
IN1R_PGA_VOL [6:0]
0
0080h
R789 (315h) ADC Digital
Volume 1R
0
0
0
0
0
0
IN_VU IN1R_
MUTE
IN1R_VOL [7:0]
0180h
R790 (316h) DMIC1R Control
0
0
0
0
0
0
0
0
0
0
IN1R_DMIC_DLY [5:0]
0000h
R792 (318h) IN2L Control
IN2L_
HPF
IN2_OSR [1:0] IN2_DMIC_SU
P [1:0]
IN2_MODE
[1:0]
0
IN2L_PGA_VOL [6:0]
0
2080h
R793 (319h) ADC Digital
Volume 2L
0
0
0
0
0
0
IN_VU IN2L_
MUTE
IN2L_VOL [7:0]
0180h
R794 (31Ah) DMIC2L Control
0
0
0
0
0
0
0
0
0
0
IN2L_DMIC_DLY [5:0]
0000h
R796 (31Ch) IN2R Control
IN2R_
HPF
0
0
0
0
0
0
0
IN2R_PGA_VOL [6:0]
0
0080h
R797 (31Dh) ADC Digital
Volume 2R
0
0
0
0
0
0
IN_VU IN2R_
MUTE
IN2R_VOL [7:0]
0180h
R798 (31Eh) DMIC2R Control
0
0
0
0
0
0
0
0
0
0
IN2R_DMIC_DLY [5:0]
0000h
R800 (320h) IN3L Control
IN3L_
HPF
IN3_OSR [1:0] IN3_DMIC_SU
P [1:0]
IN3_MODE
[1:0]
0
IN3L_PGA_VOL [6:0]
0
2080h
R801 (321h) ADC Digital
Volume 3L
0
0
0
0
0
0
IN_VU IN3L_
MUTE
IN3L_VOL [7:0]
0180h
R802 (322h) DMIC3L Control
0
0
0
0
0
0
0
0
0
0
IN3L_DMIC_DLY [5:0]
0000h
R804 (324h) IN3R Control
IN3R_
HPF
0
0
0
0
0
0
0
IN3R_PGA_VOL [6:0]
0
0080h
R805 (325h) ADC Digital
Volume 3R
0
0
0
0
0
0
IN_VU IN3R_
MUTE
IN3R_VOL [7:0]
0180h
R806 (326h) DMIC3R Control
0
0
0
0
0
0
0
0
0
0
IN3R_DMIC_DLY [5:0]
0000h
R808 (328h) IN4L Control
IN4L_
HPF
IN4_OSR [1:0] IN4_DMIC_SU
P [1:0]
0
0
0
0
0
0
0
0
0
0
0
2000h
R809 (329h) ADC Digital
Volume 4L
0
0
0
0
0
0
IN_VU IN4L_
MUTE
IN4L_VOL [7:0]
0180h
R810 (32Ah) DMIC4L Control
0
0
0
0
0
0
0
0
0
0
IN4L_DMIC_DLY [5:0]
0000h
R812 (32Ch) IN4R Control
IN4R_
HPF
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com