Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 320 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 320 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 316Page - Cirrus Logic WM8281ECS/R Datasheet HTML 317Page - Cirrus Logic WM8281ECS/R Datasheet HTML 318Page - Cirrus Logic WM8281ECS/R Datasheet HTML 319Page - Cirrus Logic WM8281ECS/R Datasheet HTML 320Page - Cirrus Logic WM8281ECS/R Datasheet HTML 321Page - Cirrus Logic WM8281ECS/R Datasheet HTML 322Page - Cirrus Logic WM8281ECS/R Datasheet HTML 323Page - Cirrus Logic WM8281ECS/R Datasheet HTML 324Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 392 page
background image
WM8281
320
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R99 (63h)
Sample Rate
Sequence Select
3
0
0
0
0
0
0
0
WSEQ_SAMPLE_RATE_DETECT_C_INDEX [8:0]
01FFh
R100 (64h) Sample Rate
Sequence Select
4
0
0
0
0
0
0
0
WSEQ_SAMPLE_RATE_DETECT_D_INDX [8:0]
01FFh
R102 (66h) Always On
Triggers
Sequence Select
1
0
0
0
0
0
0
0
WSEQ_MICD_CLAMP_RISE_INDEX [8:0]
01FFh
R103 (67h) Always On
Triggers
Sequence Select
2
0
0
0
0
0
0
0
WSEQ_MICD_CLAMP_FALL_INDEX [8:0]
01FFh
R104 (68h) Always On
Triggers
Sequence Select
3
0
0
0
0
0
0
0
WSEQ_GP5_RISE_INDEX [8:0]
01FFh
R105 (69h) Always On
Triggers
Sequence Select
4
0
0
0
0
0
0
0
WSEQ_GP5_FALL_INDEX [8:0]
01FFh
R106 (6Ah) Always On
Triggers
Sequence Select
5
0
0
0
0
0
0
0
WSEQ_JD1_RISE_INDEX [8:0]
01FFh
R107 (6Bh) Always On
Triggers
Sequence Select
6
0
0
0
0
0
0
0
WSEQ_JD1_FALL_INDEX [8:0]
01FFh
R110 (6Eh) Trigger Sequence
Select 32
0
0
0
0
0
0
0
WSEQ_SIG_DET_RISE_INDEX [8:0]
01FFh
R111 (6Fh) Trigger Sequence
Select 33
0
0
0
0
0
0
0
WSEQ_SIG_DET_FALL_INDEX [8:0]
01FFh
R112 (70h) Comfort Noise
Generator
0
NOISE_GEN_RATE [3:0]
0
0
0
0
0
NOISE
_GEN_
ENA
NOISE_GEN_GAIN [4:0]
0000h
R135 (87h) HP Detect
Calibration 1
HP_OFFSET_
DIFF_11 [1:0]
HP_OFFSET_DIFF_10 [1:0]
HP_OFFSET_01 [1:0]
HP_OFFSET_DIFF_00 [1:0]
0000h
R135 (88h) HP Detect
Calibration 2
HP_OFFSET_
DIFF_11 [3:2]
HP_GRADIENT_1X [6:0]
HP_GRADIENT_0X [6:0]
0000h
R144 (90h) Haptics Control 1
0
HAP_RATE [3:0]
0
0
0
0
0
0
ONES
HOT_T
RIG
HAP_CTRL
[1:0]
HAP_A
CT
0
0000h
R145 (91h) Haptics Control 2
0
LRA_FREQ [14:0]
7FFFh
R146 (92h) Haptics phase 1
intensity
0
0
0
0
0
0
0
0
PHASE1_INTENSITY [7:0]
0000h
R147 (93h) Haptics phase 1
duration
0
0
0
0
0
0
0
PHASE1_DURATION [8:0]
0000h
R148 (94h) Haptics phase 2
intensity
0
0
0
0
0
0
0
0
PHASE2_INTENSITY [7:0]
0000h
R149 (95h) Haptics phase 2
duration
0
0
0
0
0
PHASE2_DURATION [10:0]
0000h
R150 (96h) Haptics phase 3
intensity
0
0
0
0
0
0
0
0
PHASE3_INTENSITY [7:0]
0000h
R151 (97h) Haptics phase 3
duration
0
0
0
0
0
0
0
PHASE3_DURATION [8:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com