Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 329 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 329 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 325Page - Cirrus Logic WM8281ECS/R Datasheet HTML 326Page - Cirrus Logic WM8281ECS/R Datasheet HTML 327Page - Cirrus Logic WM8281ECS/R Datasheet HTML 328Page - Cirrus Logic WM8281ECS/R Datasheet HTML 329Page - Cirrus Logic WM8281ECS/R Datasheet HTML 330Page - Cirrus Logic WM8281ECS/R Datasheet HTML 331Page - Cirrus Logic WM8281ECS/R Datasheet HTML 332Page - Cirrus Logic WM8281ECS/R Datasheet HTML 333Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 392 page
background image
WM8281
Rev 4.0
329
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1361 (551h) AIF2 Frame Ctrl
11
0
0
0
0
0
0
0
0
0
0
AIF2RX1_SLOT [5:0]
0000h
R1362 (552h) AIF2 Frame Ctrl
12
0
0
0
0
0
0
0
0
0
0
AIF2RX2_SLOT [5:0]
0001h
R1363 (553h) AIF2 Frame Ctrl
13
0
0
0
0
0
0
0
0
0
0
AIF2RX3_SLOT [5:0]
0002h
R1364 (554h) AIF2 Frame Ctrl
14
0
0
0
0
0
0
0
0
0
0
AIF2RX4_SLOT [5:0]
0003h
R1365 (555h) AIF2 Frame Ctrl
15
0
0
0
0
0
0
0
0
0
0
AIF2RX5_SLOT [5:0]
0004h
R1366 (556h) AIF2 Frame Ctrl
16
0
0
0
0
0
0
0
0
0
0
AIF2RX6_SLOT [5:0]
0005h
R1369 (559h) AIF2 Tx Enables
0
0
0
0
0
0
0
0
0
0
AIF2T
X6_EN
A
AIF2T
X5_EN
A
AIF2T
X4_EN
A
AIF2T
X3_EN
A
AIF2T
X2_EN
A
AIF2T
X1_EN
A
0000h
R1370 (55Ah) AIF2 Rx Enables
0
0
0
0
0
0
0
0
0
0
AIF2R
X6_EN
A
AIF2R
X5_EN
A
AIF2R
X4_EN
A
AIF2R
X3_EN
A
AIF2R
X2_EN
A
AIF2R
X1_EN
A
0000h
R1408 (580h) AIF3 BCLK Ctrl
0
0
0
0
0
0
0
0
AIF3_
BCLK_
INV
AIF3_
BCLK_
FRC
AIF3_
BCLK_
MSTR
AIF3_BCLK_FREQ [4:0]
000Ch
R1409 (581h) AIF3 Tx Pin Ctrl
0
0
0
0
0
0
0
0
0
0
AIF3T
X_DAT
_TRI
0
AIF3T
X_LRC
LK_SR
C
AIF3T
X_LRC
LK_IN
V
AIF3T
X_LRC
LK_FR
C
AIF3T
X_LRC
LK_MS
TR
0008h
R1410 (582h) AIF3 Rx Pin Ctrl
0
0
0
0
0
0
0
0
0
0
0
0
0
AIF3R
X_LRC
LK_IN
V
AIF3R
X_LRC
LK_FR
C
AIF3R
X_LRC
LK_MS
TR
0000h
R1411 (583h) AIF3 Rate Ctrl
0
AIF3_RATE [3:0]
0
0
0
0
AIF3_T
RI
0
0
0
0
0
0
0000h
R1412 (584h) AIF3 Format
0
0
0
0
0
0
0
0
0
0
0
0
0
AIF3_FMT [2:0]
0000h
R1413 (585h) AIF3 Tx BCLK
Rate
0
0
0
AIF3TX_BCPF [12:0]
0040h
R1414 (586h) AIF3 Rx BCLK
Rate
0
0
0
AIF3RX_BCPF [12:0]
0040h
R1415 (587h) AIF3 Frame Ctrl 1
0
0
AIF3TX_WL [5:0]
AIF3TX_SLOT_LEN [7:0]
1818h
R1416 (588h) AIF3 Frame Ctrl 2
0
0
AIF3RX_WL [5:0]
AIF3RX_SLOT_LEN [7:0]
1818h
R1417 (589h) AIF3 Frame Ctrl 3
0
0
0
0
0
0
0
0
0
0
AIF3TX1_SLOT [5:0]
0000h
R1418 (58Ah) AIF3 Frame Ctrl 4
0
0
0
0
0
0
0
0
0
0
AIF3TX2_SLOT [5:0]
0001h
R1425 (591h) AIF3 Frame Ctrl
11
0
0
0
0
0
0
0
0
0
0
AIF3RX1_SLOT [5:0]
0000h
R1426 (592h) AIF3 Frame Ctrl
12
0
0
0
0
0
0
0
0
0
0
AIF3RX2_SLOT [5:0]
0001h
R1433 (599h) AIF3 Tx Enables
0
0
0
0
0
0
0
0
0
0
0
0
0
0
AIF3T
X2_EN
A
AIF3T
X1_EN
A
0000h
R1434 (59Ah) AIF3 Rx Enables
0
0
0
0
0
0
0
0
0
0
0
0
0
0
AIF3R
X2_EN
A
AIF3R
X1_EN
A
0000h
R1490
(05D2h)
SLIMbus RX
Ports0
0
0
SLIMRX2_PORT_ADDR [5:0]
0
0
SLIMRX1_PORT_ADDR [5:0]
0100h
R1491
(05D3h)
SLIMbus RX
Ports1
0
0
SLIMRX4_PORT_ADDR [5:0]
0
0
SLIMRX3_PORT_ADDR [5:0]
0302h
R1492
(05D4h)
SLIMbus RX
Ports2
0
0
SLIMRX6_PORT_ADDR [5:0]
0
0
SLIMRX5_PORT_ADDR [5:0]
0504h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com