Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 331 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 331 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 327Page - Cirrus Logic WM8281ECS/R Datasheet HTML 328Page - Cirrus Logic WM8281ECS/R Datasheet HTML 329Page - Cirrus Logic WM8281ECS/R Datasheet HTML 330Page - Cirrus Logic WM8281ECS/R Datasheet HTML 331Page - Cirrus Logic WM8281ECS/R Datasheet HTML 332Page - Cirrus Logic WM8281ECS/R Datasheet HTML 333Page - Cirrus Logic WM8281ECS/R Datasheet HTML 334Page - Cirrus Logic WM8281ECS/R Datasheet HTML 335Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 392 page
background image
WM8281
Rev 4.0
331
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1607 (647h) PWM1MIX Input 4
Volume
0
0
0
0
0
0
0
0
PWM1MIX_VOL4 [6:0]
0
0080h
R1608 (648h) PWM2MIX Input 1
Source
PWM2
MIX_S
TS1
0
0
0
0
0
0
0
PWM2MIX_SRC1 [7:0]
0000h
R1609 (649h) PWM2MIX Input 1
Volume
0
0
0
0
0
0
0
0
PWM2MIX_VOL1 [6:0]
0
0080h
R1610 (64Ah) PWM2MIX Input 2
Source
PWM2
MIX_S
TS2
0
0
0
0
0
0
0
PWM2MIX_SRC2 [7:0]
0000h
R1611 (64Bh) PWM2MIX Input 2
Volume
0
0
0
0
0
0
0
0
PWM2MIX_VOL2 [6:0]
0
0080h
R1612 (64Ch) PWM2MIX Input 3
Source
PWM2
MIX_S
TS3
0
0
0
0
0
0
0
PWM2MIX_SRC3 [7:0]
0000h
R1613 (64Dh) PWM2MIX Input 3
Volume
0
0
0
0
0
0
0
0
PWM2MIX_VOL3 [6:0]
0
0080h
R1614 (64Eh) PWM2MIX Input 4
Source
PWM2
MIX_S
TS4
0
0
0
0
0
0
0
PWM2MIX_SRC4 [7:0]
0000h
R1615 (64Fh) PWM2MIX Input 4
Volume
0
0
0
0
0
0
0
0
PWM2MIX_VOL4 [6:0]
0
0080h
R1632 (660h) MICMIX Input 1
Source
MICMI
X_STS
1
0
0
0
0
0
0
0
MICMIX_SRC1 [7:0]
0000h
R1633 (661h) MICMIX Input 1
Volume
0
0
0
0
0
0
0
0
MICMIX_VOL1 [6:0]
0
0080h
R1634 (662h) MICMIX Input 2
Source
MICMI
X_STS
2
0
0
0
0
0
0
0
MICMIX_SRC2 [7:0]
0000h
R1635 (663h) MICMIX Input 2
Volume
0
0
0
0
0
0
0
0
MICMIX_VOL2 [6:0]
0
0080h
R1636 (664h) MICMIX Input 3
Source
MICMI
X_STS
3
0
0
0
0
0
0
0
MICMIX_SRC3 [7:0]
0000h
R1637 (665h) MICMIX Input 3
Volume
0
0
0
0
0
0
0
0
MICMIX_VOL3 [6:0]
0
0080h
R1638 (666h) MICMIX Input 4
Source
MICMI
X_STS
4
0
0
0
0
0
0
0
MICMIX_SRC4 [7:0]
0000h
R1639 (667h) MICMIX Input 4
Volume
0
0
0
0
0
0
0
0
MICMIX_VOL4 [6:0]
0
0080h
R1640 (668h) NOISEMIX Input 1
Source
NOISE
MIX_S
TS1
0
0
0
0
0
0
0
NOISEMIX_SRC1 [7:0]
0000h
R1641 (669h) NOISEMIX Input 1
Volume
0
0
0
0
0
0
0
0
NOISEMIX_VOL1 [6:0]
0
0080h
R1642 (66Ah) NOISEMIX Input 2
Source
NOISE
MIX_S
TS2
0
0
0
0
0
0
0
NOISEMIX_SRC2 [7:0]
0000h
R1643 (66Bh) NOISEMIX Input 2
Volume
0
0
0
0
0
0
0
0
NOISEMIX_VOL2 [6:0]
0
0080h
R1644 (66Ch) NOISEMIX Input 3
Source
NOISE
MIX_S
TS3
0
0
0
0
0
0
0
NOISEMIX_SRC3 [7:0]
0000h
R1645 (66Dh) NOISEMIX Input 3
Volume
0
0
0
0
0
0
0
0
NOISEMIX_VOL3 [6:0]
0
0080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com