Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 333 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 333 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 329Page - Cirrus Logic WM8281ECS/R Datasheet HTML 330Page - Cirrus Logic WM8281ECS/R Datasheet HTML 331Page - Cirrus Logic WM8281ECS/R Datasheet HTML 332Page - Cirrus Logic WM8281ECS/R Datasheet HTML 333Page - Cirrus Logic WM8281ECS/R Datasheet HTML 334Page - Cirrus Logic WM8281ECS/R Datasheet HTML 335Page - Cirrus Logic WM8281ECS/R Datasheet HTML 336Page - Cirrus Logic WM8281ECS/R Datasheet HTML 337Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 392 page
background image
WM8281
Rev 4.0
333
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1685 (695h) OUT2LMIX Input
3 Volume
0
0
0
0
0
0
0
0
OUT2LMIX_VOL3 [6:0]
0
0080h
R1686 (696h) OUT2LMIX Input
4 Source
OUT2L
MIX_S
TS4
0
0
0
0
0
0
0
OUT2LMIX_SRC4 [7:0]
0000h
R1687 (697h) OUT2LMIX Input
4 Volume
0
0
0
0
0
0
0
0
OUT2LMIX_VOL4 [6:0]
0
0080h
R1688 (698h) OUT2RMIX Input
1 Source
OUT2
RMIX_
STS1
0
0
0
0
0
0
0
OUT2RMIX_SRC1 [7:0]
0000h
R1689 (699h) OUT2RMIX Input
1 Volume
0
0
0
0
0
0
0
0
OUT2RMIX_VOL1 [6:0]
0
0080h
R1690 (69Ah) OUT2RMIX Input
2 Source
OUT2
RMIX_
STS2
0
0
0
0
0
0
0
OUT2RMIX_SRC2 [7:0]
0000h
R1691 (69Bh) OUT2RMIX Input
2 Volume
0
0
0
0
0
0
0
0
OUT2RMIX_VOL2 [6:0]
0
0080h
R1692 (69Ch) OUT2RMIX Input
3 Source
OUT2
RMIX_
STS3
0
0
0
0
0
0
0
OUT2RMIX_SRC3 [7:0]
0000h
R1693 (69Dh) OUT2RMIX Input
3 Volume
0
0
0
0
0
0
0
0
OUT2RMIX_VOL3 [6:0]
0
0080h
R1694 (69Eh) OUT2RMIX Input
4 Source
OUT2
RMIX_
STS4
0
0
0
0
0
0
0
OUT2RMIX_SRC4 [7:0]
0000h
R1695 (69Fh) OUT2RMIX Input
4 Volume
0
0
0
0
0
0
0
0
OUT2RMIX_VOL4 [6:0]
0
0080h
R1696 (6A0h) OUT3LMIX Input
1 Source
OUT3L
MIX_S
TS1
0
0
0
0
0
0
0
OUT3LMIX_SRC1 [7:0]
0000h
R1697 (6A1h) OUT3LMIX Input
1 Volume
0
0
0
0
0
0
0
0
OUT3LMIX_VOL1 [6:0]
0
0080h
R1698 (6A2h) OUT3LMIX Input
2 Source
OUT3L
MIX_S
TS2
0
0
0
0
0
0
0
OUT3LMIX_SRC2 [7:0]
0000h
R1699 (6A3h) OUT3LMIX Input
2 Volume
0
0
0
0
0
0
0
0
OUT3LMIX_VOL2 [6:0]
0
0080h
R1700 (6A4h) OUT3LMIX Input
3 Source
OUT3L
MIX_S
TS3
0
0
0
0
0
0
0
OUT3LMIX_SRC3 [7:0]
0000h
R1701 (6A5h) OUT3LMIX Input
3 Volume
0
0
0
0
0
0
0
0
OUT3LMIX_VOL3 [6:0]
0
0080h
R1702 (6A6h) OUT3LMIX Input
4 Source
OUT3L
MIX_S
TS4
0
0
0
0
0
0
0
OUT3LMIX_SRC4 [7:0]
0000h
R1703 (6A7h) OUT3LMIX Input
4 Volume
0
0
0
0
0
0
0
0
OUT3LMIX_VOL4 [6:0]
0
0080h
R1704 (6A8h) OUT3RMIX Input
1 Source
OUT3
RMIX_
STS1
0
0
0
0
0
0
0
OUT3RMIX_SRC1 [7:0]
0000h
R1705 (6A9h) OUT3RMIX Input
1 Volume
0
0
0
0
0
0
0
0
OUT3RMIX_VOL1 [6:0]
0
0080h
R1706
(6AAh)
OUT3RMIX Input
2 Source
OUT3
RMIX_
STS2
0
0
0
0
0
0
0
OUT3RMIX_SRC2 [7:0]
0000h
R1707
(6ABh)
OUT3RMIX Input
2 Volume
0
0
0
0
0
0
0
0
OUT3RMIX_VOL2 [6:0]
0
0080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com