Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 332 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 332 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 328Page - Cirrus Logic WM8281ECS/R Datasheet HTML 329Page - Cirrus Logic WM8281ECS/R Datasheet HTML 330Page - Cirrus Logic WM8281ECS/R Datasheet HTML 331Page - Cirrus Logic WM8281ECS/R Datasheet HTML 332Page - Cirrus Logic WM8281ECS/R Datasheet HTML 333Page - Cirrus Logic WM8281ECS/R Datasheet HTML 334Page - Cirrus Logic WM8281ECS/R Datasheet HTML 335Page - Cirrus Logic WM8281ECS/R Datasheet HTML 336Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 392 page
background image
WM8281
332
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1646 (66Eh) NOISEMIX Input 4
Source
NOISE
MIX_S
TS4
0
0
0
0
0
0
0
NOISEMIX_SRC4 [7:0]
0000h
R1647 (66Fh) NOISEMIX Input 4
Volume
0
0
0
0
0
0
0
0
NOISEMIX_VOL4 [6:0]
0
0080h
R1664 (680h) OUT1LMIX Input
1 Source
OUT1L
MIX_S
TS1
0
0
0
0
0
0
0
OUT1LMIX_SRC1 [7:0]
0000h
R1665 (681h) OUT1LMIX Input
1 Volume
0
0
0
0
0
0
0
0
OUT1LMIX_VOL1 [6:0]
0
0080h
R1666 (682h) OUT1LMIX Input
2 Source
OUT1L
MIX_S
TS2
0
0
0
0
0
0
0
OUT1LMIX_SRC2 [7:0]
0000h
R1667 (683h) OUT1LMIX Input
2 Volume
0
0
0
0
0
0
0
0
OUT1LMIX_VOL2 [6:0]
0
0080h
R1668 (684h) OUT1LMIX Input
3 Source
OUT1L
MIX_S
TS3
0
0
0
0
0
0
0
OUT1LMIX_SRC3 [7:0]
0000h
R1669 (685h) OUT1LMIX Input
3 Volume
0
0
0
0
0
0
0
0
OUT1LMIX_VOL3 [6:0]
0
0080h
R1670 (686h) OUT1LMIX Input
4 Source
OUT1L
MIX_S
TS4
0
0
0
0
0
0
0
OUT1LMIX_SRC4 [7:0]
0000h
R1671 (687h) OUT1LMIX Input
4 Volume
0
0
0
0
0
0
0
0
OUT1LMIX_VOL4 [6:0]
0
0080h
R1672 (688h) OUT1RMIX Input
1 Source
OUT1
RMIX_
STS1
0
0
0
0
0
0
0
OUT1RMIX_SRC1 [7:0]
0000h
R1673 (689h) OUT1RMIX Input
1 Volume
0
0
0
0
0
0
0
0
OUT1RMIX_VOL1 [6:0]
0
0080h
R1674 (68Ah) OUT1RMIX Input
2 Source
OUT1
RMIX_
STS2
0
0
0
0
0
0
0
OUT1RMIX_SRC2 [7:0]
0000h
R1675 (68Bh) OUT1RMIX Input
2 Volume
0
0
0
0
0
0
0
0
OUT1RMIX_VOL2 [6:0]
0
0080h
R1676 (68Ch) OUT1RMIX Input
3 Source
OUT1
RMIX_
STS3
0
0
0
0
0
0
0
OUT1RMIX_SRC3 [7:0]
0000h
R1677 (68Dh) OUT1RMIX Input
3 Volume
0
0
0
0
0
0
0
0
OUT1RMIX_VOL3 [6:0]
0
0080h
R1678 (68Eh) OUT1RMIX Input
4 Source
OUT1
RMIX_
STS4
0
0
0
0
0
0
0
OUT1RMIX_SRC4 [7:0]
0000h
R1679 (68Fh) OUT1RMIX Input
4 Volume
0
0
0
0
0
0
0
0
OUT1RMIX_VOL4 [6:0]
0
0080h
R1680 (690h) OUT2LMIX Input
1 Source
OUT2L
MIX_S
TS1
0
0
0
0
0
0
0
OUT2LMIX_SRC1 [7:0]
0000h
R1681 (691h) OUT2LMIX Input
1 Volume
0
0
0
0
0
0
0
0
OUT2LMIX_VOL1 [6:0]
0
0080h
R1682 (692h) OUT2LMIX Input
2 Source
OUT2L
MIX_S
TS2
0
0
0
0
0
0
0
OUT2LMIX_SRC2 [7:0]
0000h
R1683 (693h) OUT2LMIX Input
2 Volume
0
0
0
0
0
0
0
0
OUT2LMIX_VOL2 [6:0]
0
0080h
R1684 (694h) OUT2LMIX Input
3 Source
OUT2L
MIX_S
TS3
0
0
0
0
0
0
0
OUT2LMIX_SRC3 [7:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com