Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 336 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 336 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 332Page - Cirrus Logic WM8281ECS/R Datasheet HTML 333Page - Cirrus Logic WM8281ECS/R Datasheet HTML 334Page - Cirrus Logic WM8281ECS/R Datasheet HTML 335Page - Cirrus Logic WM8281ECS/R Datasheet HTML 336Page - Cirrus Logic WM8281ECS/R Datasheet HTML 337Page - Cirrus Logic WM8281ECS/R Datasheet HTML 338Page - Cirrus Logic WM8281ECS/R Datasheet HTML 339Page - Cirrus Logic WM8281ECS/R Datasheet HTML 340Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 392 page
background image
WM8281
336
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1754
(6DAh)
OUT6RMIX Input
2 Source
OUT6
RMIX_
STS2
0
0
0
0
0
0
0
OUT6RMIX_SRC2 [7:0]
0000h
R1755
(6DBh)
OUT6RMIX Input
2 Volume
0
0
0
0
0
0
0
0
OUT6RMIX_VOL2 [6:0]
0
0080h
R1756
(6DCh)
OUT6RMIX Input
3 Source
OUT6
RMIX_
STS3
0
0
0
0
0
0
0
OUT6RMIX_SRC3 [7:0]
0000h
R1757
(6DDh)
OUT6RMIX Input
3 Volume
0
0
0
0
0
0
0
0
OUT6RMIX_VOL3 [6:0]
0
0080h
R1758
(6DEh)
OUT6RMIX Input
4 Source
OUT6
RMIX_
STS4
0
0
0
0
0
0
0
OUT6RMIX_SRC4 [7:0]
0000h
R1759
(6DFh)
OUT6RMIX Input
4 Volume
0
0
0
0
0
0
0
0
OUT6RMIX_VOL4 [6:0]
0
0080h
R1792 (700h) AIF1TX1MIX Input
1 Source
AIF1T
X1MIX
_STS1
0
0
0
0
0
0
0
AIF1TX1MIX_SRC1 [7:0]
0000h
R1793 (701h) AIF1TX1MIX Input
1 Volume
0
0
0
0
0
0
0
0
AIF1TX1MIX_VOL1 [6:0]
0
0080h
R1794 (702h) AIF1TX1MIX Input
2 Source
AIF1T
X1MIX
_STS2
0
0
0
0
0
0
0
AIF1TX1MIX_SRC2 [7:0]
0000h
R1795 (703h) AIF1TX1MIX Input
2 Volume
0
0
0
0
0
0
0
0
AIF1TX1MIX_VOL2 [6:0]
0
0080h
R1796 (704h) AIF1TX1MIX Input
3 Source
AIF1T
X1MIX
_STS3
0
0
0
0
0
0
0
AIF1TX1MIX_SRC3 [7:0]
0000h
R1797 (705h) AIF1TX1MIX Input
3 Volume
0
0
0
0
0
0
0
0
AIF1TX1MIX_VOL3 [6:0]
0
0080h
R1798 (706h) AIF1TX1MIX Input
4 Source
AIF1T
X1MIX
_STS4
0
0
0
0
0
0
0
AIF1TX1MIX_SRC4 [7:0]
0000h
R1799 (707h) AIF1TX1MIX Input
4 Volume
0
0
0
0
0
0
0
0
AIF1TX1MIX_VOL4 [6:0]
0
0080h
R1800 (708h) AIF1TX2MIX Input
1 Source
AIF1T
X2MIX
_STS1
0
0
0
0
0
0
0
AIF1TX2MIX_SRC1 [7:0]
0000h
R1801 (709h) AIF1TX2MIX Input
1 Volume
0
0
0
0
0
0
0
0
AIF1TX2MIX_VOL1 [6:0]
0
0080h
R1802 (70Ah) AIF1TX2MIX Input
2 Source
AIF1T
X2MIX
_STS2
0
0
0
0
0
0
0
AIF1TX2MIX_SRC2 [7:0]
0000h
R1803 (70Bh) AIF1TX2MIX Input
2 Volume
0
0
0
0
0
0
0
0
AIF1TX2MIX_VOL2 [6:0]
0
0080h
R1804 (70Ch) AIF1TX2MIX Input
3 Source
AIF1T
X2MIX
_STS3
0
0
0
0
0
0
0
AIF1TX2MIX_SRC3 [7:0]
0000h
R1805 (70Dh) AIF1TX2MIX Input
3 Volume
0
0
0
0
0
0
0
0
AIF1TX2MIX_VOL3 [6:0]
0
0080h
R1806 (70Eh) AIF1TX2MIX Input
4 Source
AIF1T
X2MIX
_STS4
0
0
0
0
0
0
0
AIF1TX2MIX_SRC4 [7:0]
0000h
R1807 (70Fh) AIF1TX2MIX Input
4 Volume
0
0
0
0
0
0
0
0
AIF1TX2MIX_VOL4 [6:0]
0
0080h
R1808 (710h) AIF1TX3MIX Input
1 Source
AIF1T
X3MIX
_STS1
0
0
0
0
0
0
0
AIF1TX3MIX_SRC1 [7:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com