Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 339 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 339 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 335Page - Cirrus Logic WM8281ECS/R Datasheet HTML 336Page - Cirrus Logic WM8281ECS/R Datasheet HTML 337Page - Cirrus Logic WM8281ECS/R Datasheet HTML 338Page - Cirrus Logic WM8281ECS/R Datasheet HTML 339Page - Cirrus Logic WM8281ECS/R Datasheet HTML 340Page - Cirrus Logic WM8281ECS/R Datasheet HTML 341Page - Cirrus Logic WM8281ECS/R Datasheet HTML 342Page - Cirrus Logic WM8281ECS/R Datasheet HTML 343Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 392 page
background image
WM8281
Rev 4.0
339
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1855 (73Fh) AIF1TX8MIX Input
4 Volume
0
0
0
0
0
0
0
0
AIF1TX8MIX_VOL4 [6:0]
0
0080h
R1856 (740h) AIF2TX1MIX Input
1 Source
AIF2T
X1MIX
_STS1
0
0
0
0
0
0
0
AIF2TX1MIX_SRC1 [7:0]
0000h
R1857 (741h) AIF2TX1MIX Input
1 Volume
0
0
0
0
0
0
0
0
AIF2TX1MIX_VOL1 [6:0]
0
0080h
R1858 (742h) AIF2TX1MIX Input
2 Source
AIF2T
X1MIX
_STS2
0
0
0
0
0
0
0
AIF2TX1MIX_SRC2 [7:0]
0000h
R1859 (743h) AIF2TX1MIX Input
2 Volume
0
0
0
0
0
0
0
0
AIF2TX1MIX_VOL2 [6:0]
0
0080h
R1860 (744h) AIF2TX1MIX Input
3 Source
AIF2T
X1MIX
_STS3
0
0
0
0
0
0
0
AIF2TX1MIX_SRC3 [7:0]
0000h
R1861 (745h) AIF2TX1MIX Input
3 Volume
0
0
0
0
0
0
0
0
AIF2TX1MIX_VOL3 [6:0]
0
0080h
R1862 (746h) AIF2TX1MIX Input
4 Source
AIF2T
X1MIX
_STS4
0
0
0
0
0
0
0
AIF2TX1MIX_SRC4 [7:0]
0000h
R1863 (747h) AIF2TX1MIX Input
4 Volume
0
0
0
0
0
0
0
0
AIF2TX1MIX_VOL4 [6:0]
0
0080h
R1864 (748h) AIF2TX2MIX Input
1 Source
AIF2T
X2MIX
_STS1
0
0
0
0
0
0
0
AIF2TX2MIX_SRC1 [7:0]
0000h
R1865 (749h) AIF2TX2MIX Input
1 Volume
0
0
0
0
0
0
0
0
AIF2TX2MIX_VOL1 [6:0]
0
0080h
R1866 (74Ah) AIF2TX2MIX Input
2 Source
AIF2T
X2MIX
_STS2
0
0
0
0
0
0
0
AIF2TX2MIX_SRC2 [7:0]
0000h
R1867 (74Bh) AIF2TX2MIX Input
2 Volume
0
0
0
0
0
0
0
0
AIF2TX2MIX_VOL2 [6:0]
0
0080h
R1868 (74Ch) AIF2TX2MIX Input
3 Source
AIF2T
X2MIX
_STS3
0
0
0
0
0
0
0
AIF2TX2MIX_SRC3 [7:0]
0000h
R1869 (74Dh) AIF2TX2MIX Input
3 Volume
0
0
0
0
0
0
0
0
AIF2TX2MIX_VOL3 [6:0]
0
0080h
R1870 (74Eh) AIF2TX2MIX Input
4 Source
AIF2T
X2MIX
_STS4
0
0
0
0
0
0
0
AIF2TX2MIX_SRC4 [7:0]
0000h
R1871 (74Fh) AIF2TX2MIX Input
4 Volume
0
0
0
0
0
0
0
0
AIF2TX2MIX_VOL4 [6:0]
0
0080h
R1872 (750h) AIF2TX3MIX Input
1 Source
AIF2T
X3MIX
_STS1
0
0
0
0
0
0
0
AIF2TX3MIX_SRC1 [7:0]
0000h
R1873 (751h) AIF2TX3MIX Input
1 Volume
0
0
0
0
0
0
0
0
AIF2TX3MIX_VOL1 [6:0]
0
0080h
R1874 (752h) AIF2TX3MIX Input
2 Source
AIF2T
X3MIX
_STS2
0
0
0
0
0
0
0
AIF2TX3MIX_SRC2 [7:0]
0000h
R1875 (753h) AIF2TX3MIX Input
2 Volume
0
0
0
0
0
0
0
0
AIF2TX3MIX_VOL2 [6:0]
0
0080h
R1876 (754h) AIF2TX3MIX Input
3 Source
AIF2T
X3MIX
_STS3
0
0
0
0
0
0
0
AIF2TX3MIX_SRC3 [7:0]
0000h
R1877 (755h) AIF2TX3MIX Input
3 Volume
0
0
0
0
0
0
0
0
AIF2TX3MIX_VOL3 [6:0]
0
0080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com