Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 343 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 343 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 339Page - Cirrus Logic WM8281ECS/R Datasheet HTML 340Page - Cirrus Logic WM8281ECS/R Datasheet HTML 341Page - Cirrus Logic WM8281ECS/R Datasheet HTML 342Page - Cirrus Logic WM8281ECS/R Datasheet HTML 343Page - Cirrus Logic WM8281ECS/R Datasheet HTML 344Page - Cirrus Logic WM8281ECS/R Datasheet HTML 345Page - Cirrus Logic WM8281ECS/R Datasheet HTML 346Page - Cirrus Logic WM8281ECS/R Datasheet HTML 347Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 392 page
background image
WM8281
Rev 4.0
343
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R2011
(7DBh)
SLIMTX4MIX
Input 2 Volume
0
0
0
0
0
0
0
0
SLIMTX4MIX_VOL2 [6:0]
0
0080h
R2012
(7DCh)
SLIMTX4MIX
Input 3 Source
SLIMT
X4MIX
_STS3
0
0
0
0
0
0
0
SLIMTX4MIX_SRC3 [7:0]
0000h
R2013
(7DDh)
SLIMTX4MIX
Input 3 Volume
0
0
0
0
0
0
0
0
SLIMTX4MIX_VOL3 [6:0]
0
0080h
R2014
(7DEh)
SLIMTX4MIX
Input 4 Source
SLIMT
X4MIX
_STS4
0
0
0
0
0
0
0
SLIMTX4MIX_SRC4 [7:0]
0000h
R2015
(7DFh)
SLIMTX4MIX
Input 4 Volume
0
0
0
0
0
0
0
0
SLIMTX4MIX_VOL4 [6:0]
0
0080h
R2016 (7E0h) SLIMTX5MIX
Input 1 Source
SLIMT
X5MIX
_STS1
0
0
0
0
0
0
0
SLIMTX5MIX_SRC1 [7:0]
0000h
R2017 (7E1h) SLIMTX5MIX
Input 1 Volume
0
0
0
0
0
0
0
0
SLIMTX5MIX_VOL1 [6:0]
0
0080h
R2018 (7E2h) SLIMTX5MIX
Input 2 Source
SLIMT
X5MIX
_STS2
0
0
0
0
0
0
0
SLIMTX5MIX_SRC2 [7:0]
0000h
R2019 (7E3h) SLIMTX5MIX
Input 2 Volume
0
0
0
0
0
0
0
0
SLIMTX5MIX_VOL2 [6:0]
0
0080h
R2020 (7E4h) SLIMTX5MIX
Input 3 Source
SLIMT
X5MIX
_STS3
0
0
0
0
0
0
0
SLIMTX5MIX_SRC3 [7:0]
0000h
R2021 (7E5h) SLIMTX5MIX
Input 3 Volume
0
0
0
0
0
0
0
0
SLIMTX5MIX_VOL3 [6:0]
0
0080h
R2022 (7E6h) SLIMTX5MIX
Input 4 Source
SLIMT
X5MIX
_STS4
0
0
0
0
0
0
0
SLIMTX5MIX_SRC4 [7:0]
0000h
R2023 (7E7h) SLIMTX5MIX
Input 4 Volume
0
0
0
0
0
0
0
0
SLIMTX5MIX_VOL4 [6:0]
0
0080h
R2024 (7E8h) SLIMTX6MIX
Input 1 Source
SLIMT
X6MIX
_STS1
0
0
0
0
0
0
0
SLIMTX6MIX_SRC1 [7:0]
0000h
R2025 (7E9h) SLIMTX6MIX
Input 1 Volume
0
0
0
0
0
0
0
0
SLIMTX6MIX_VOL1 [6:0]
0
0080h
R2026
(7EAh)
SLIMTX6MIX
Input 2 Source
SLIMT
X6MIX
_STS2
0
0
0
0
0
0
0
SLIMTX6MIX_SRC2 [7:0]
0000h
R2027
(7EBh)
SLIMTX6MIX
Input 2 Volume
0
0
0
0
0
0
0
0
SLIMTX6MIX_VOL2 [6:0]
0
0080h
R2028
(7ECh)
SLIMTX6MIX
Input 3 Source
SLIMT
X6MIX
_STS3
0
0
0
0
0
0
0
SLIMTX6MIX_SRC3 [7:0]
0000h
R2029
(7EDh)
SLIMTX6MIX
Input 3 Volume
0
0
0
0
0
0
0
0
SLIMTX6MIX_VOL3 [6:0]
0
0080h
R2030
(7EEh)
SLIMTX6MIX
Input 4 Source
SLIMT
X6MIX
_STS4
0
0
0
0
0
0
0
SLIMTX6MIX_SRC4 [7:0]
0000h
R2031 (7EFh) SLIMTX6MIX
Input 4 Volume
0
0
0
0
0
0
0
0
SLIMTX6MIX_VOL4 [6:0]
0
0080h
R2032 (7F0h) SLIMTX7MIX
Input 1 Source
SLIMT
X7MIX
_STS1
0
0
0
0
0
0
0
SLIMTX7MIX_SRC1 [7:0]
0000h
R2033 (7F1h) SLIMTX7MIX
Input 1 Volume
0
0
0
0
0
0
0
0
SLIMTX7MIX_VOL1 [6:0]
0
0080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com