Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 342 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 342 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 338Page - Cirrus Logic WM8281ECS/R Datasheet HTML 339Page - Cirrus Logic WM8281ECS/R Datasheet HTML 340Page - Cirrus Logic WM8281ECS/R Datasheet HTML 341Page - Cirrus Logic WM8281ECS/R Datasheet HTML 342Page - Cirrus Logic WM8281ECS/R Datasheet HTML 343Page - Cirrus Logic WM8281ECS/R Datasheet HTML 344Page - Cirrus Logic WM8281ECS/R Datasheet HTML 345Page - Cirrus Logic WM8281ECS/R Datasheet HTML 346Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 392 page
background image
WM8281
342
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1988 (7C4h) SLIMTX1MIX
Input 3 Source
SLIMT
X1MIX
_STS3
0
0
0
0
0
0
0
SLIMTX1MIX_SRC3 [7:0]
0000h
R1989 (7C5h) SLIMTX1MIX
Input 3 Volume
0
0
0
0
0
0
0
0
SLIMTX1MIX_VOL3 [6:0]
0
0080h
R1990 (7C6h) SLIMTX1MIX
Input 4 Source
SLIMT
X1MIX
_STS4
0
0
0
0
0
0
0
SLIMTX1MIX_SRC4 [7:0]
0000h
R1991 (7C7h) SLIMTX1MIX
Input 4 Volume
0
0
0
0
0
0
0
0
SLIMTX1MIX_VOL4 [6:0]
0
0080h
R1992 (7C8h) SLIMTX2MIX
Input 1 Source
SLIMT
X2MIX
_STS1
0
0
0
0
0
0
0
SLIMTX2MIX_SRC1 [7:0]
0000h
R1993 (7C9h) SLIMTX2MIX
Input 1 Volume
0
0
0
0
0
0
0
0
SLIMTX2MIX_VOL1 [6:0]
0
0080h
R1994
(7CAh)
SLIMTX2MIX
Input 2 Source
SLIMT
X2MIX
_STS2
0
0
0
0
0
0
0
SLIMTX2MIX_SRC2 [7:0]
0000h
R1995
(7CBh)
SLIMTX2MIX
Input 2 Volume
0
0
0
0
0
0
0
0
SLIMTX2MIX_VOL2 [6:0]
0
0080h
R1996
(7CCh)
SLIMTX2MIX
Input 3 Source
SLIMT
X2MIX
_STS3
0
0
0
0
0
0
0
SLIMTX2MIX_SRC3 [7:0]
0000h
R1997
(7CDh)
SLIMTX2MIX
Input 3 Volume
0
0
0
0
0
0
0
0
SLIMTX2MIX_VOL3 [6:0]
0
0080h
R1998
(7CEh)
SLIMTX2MIX
Input 4 Source
SLIMT
X2MIX
_STS4
0
0
0
0
0
0
0
SLIMTX2MIX_SRC4 [7:0]
0000h
R1999
(7CFh)
SLIMTX2MIX
Input 4 Volume
0
0
0
0
0
0
0
0
SLIMTX2MIX_VOL4 [6:0]
0
0080h
R2000 (7D0h) SLIMTX3MIX
Input 1 Source
SLIMT
X3MIX
_STS1
0
0
0
0
0
0
0
SLIMTX3MIX_SRC1 [7:0]
0000h
R2001 (7D1h) SLIMTX3MIX
Input 1 Volume
0
0
0
0
0
0
0
0
SLIMTX3MIX_VOL1 [6:0]
0
0080h
R2002 (7D2h) SLIMTX3MIX
Input 2 Source
SLIMT
X3MIX
_STS2
0
0
0
0
0
0
0
SLIMTX3MIX_SRC2 [7:0]
0000h
R2003 (7D3h) SLIMTX3MIX
Input 2 Volume
0
0
0
0
0
0
0
0
SLIMTX3MIX_VOL2 [6:0]
0
0080h
R2004 (7D4h) SLIMTX3MIX
Input 3 Source
SLIMT
X3MIX
_STS3
0
0
0
0
0
0
0
SLIMTX3MIX_SRC3 [7:0]
0000h
R2005 (7D5h) SLIMTX3MIX
Input 3 Volume
0
0
0
0
0
0
0
0
SLIMTX3MIX_VOL3 [6:0]
0
0080h
R2006 (7D6h) SLIMTX3MIX
Input 4 Source
SLIMT
X3MIX
_STS4
0
0
0
0
0
0
0
SLIMTX3MIX_SRC4 [7:0]
0000h
R2007 (7D7h) SLIMTX3MIX
Input 4 Volume
0
0
0
0
0
0
0
0
SLIMTX3MIX_VOL4 [6:0]
0
0080h
R2008 (7D8h) SLIMTX4MIX
Input 1 Source
SLIMT
X4MIX
_STS1
0
0
0
0
0
0
0
SLIMTX4MIX_SRC1 [7:0]
0000h
R2009 (7D9h) SLIMTX4MIX
Input 1 Volume
0
0
0
0
0
0
0
0
SLIMTX4MIX_VOL1 [6:0]
0
0080h
R2010
(7DAh)
SLIMTX4MIX
Input 2 Source
SLIMT
X4MIX
_STS2
0
0
0
0
0
0
0
SLIMTX4MIX_SRC2 [7:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com