Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 346 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 346 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 342Page - Cirrus Logic WM8281ECS/R Datasheet HTML 343Page - Cirrus Logic WM8281ECS/R Datasheet HTML 344Page - Cirrus Logic WM8281ECS/R Datasheet HTML 345Page - Cirrus Logic WM8281ECS/R Datasheet HTML 346Page - Cirrus Logic WM8281ECS/R Datasheet HTML 347Page - Cirrus Logic WM8281ECS/R Datasheet HTML 348Page - Cirrus Logic WM8281ECS/R Datasheet HTML 349Page - Cirrus Logic WM8281ECS/R Datasheet HTML 350Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 392 page
background image
WM8281
346
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R2240 (8C0h) DRC1LMIX Input
1 Source
DRC1L
MIX_S
TS1
0
0
0
0
0
0
0
DRC1LMIX_SRC1 [7:0]
0000h
R2241 (8C1h) DRC1LMIX Input
1 Volume
0
0
0
0
0
0
0
0
DRC1LMIX_VOL1 [6:0]
0
0080h
R2242 (8C2h) DRC1LMIX Input
2 Source
DRC1L
MIX_S
TS2
0
0
0
0
0
0
0
DRC1LMIX_SRC2 [7:0]
0000h
R2243 (8C3h) DRC1LMIX Input
2 Volume
0
0
0
0
0
0
0
0
DRC1LMIX_VOL2 [6:0]
0
0080h
R2244 (8C4h) DRC1LMIX Input
3 Source
DRC1L
MIX_S
TS3
0
0
0
0
0
0
0
DRC1LMIX_SRC3 [7:0]
0000h
R2245 (8C5h) DRC1LMIX Input
3 Volume
0
0
0
0
0
0
0
0
DRC1LMIX_VOL3 [6:0]
0
0080h
R2246 (8C6h) DRC1LMIX Input
4 Source
DRC1L
MIX_S
TS4
0
0
0
0
0
0
0
DRC1LMIX_SRC4 [7:0]
0000h
R2247 (8C7h) DRC1LMIX Input
4 Volume
0
0
0
0
0
0
0
0
DRC1LMIX_VOL4 [6:0]
0
0080h
R2248 (8C8h) DRC1RMIX Input
1 Source
DRC1
RMIX_
STS1
0
0
0
0
0
0
0
DRC1RMIX_SRC1 [7:0]
0000h
R2249 (8C9h) DRC1RMIX Input
1 Volume
0
0
0
0
0
0
0
0
DRC1RMIX_VOL1 [6:0]
0
0080h
R2250
(8CAh)
DRC1RMIX Input
2 Source
DRC1
RMIX_
STS2
0
0
0
0
0
0
0
DRC1RMIX_SRC2 [7:0]
0000h
R2251
(8CBh)
DRC1RMIX Input
2 Volume
0
0
0
0
0
0
0
0
DRC1RMIX_VOL2 [6:0]
0
0080h
R2252
(8CCh)
DRC1RMIX Input
3 Source
DRC1
RMIX_
STS3
0
0
0
0
0
0
0
DRC1RMIX_SRC3 [7:0]
0000h
R2253
(8CDh)
DRC1RMIX Input
3 Volume
0
0
0
0
0
0
0
0
DRC1RMIX_VOL3 [6:0]
0
0080h
R2254
(8CEh)
DRC1RMIX Input
4 Source
DRC1
RMIX_
STS4
0
0
0
0
0
0
0
DRC1RMIX_SRC4 [7:0]
0000h
R2255
(8CFh)
DRC1RMIX Input
4 Volume
0
0
0
0
0
0
0
0
DRC1RMIX_VOL4 [6:0]
0
0080h
R2256 (8D0h) DRC2LMIX Input
1 Source
DRC2L
MIX_S
TS1
0
0
0
0
0
0
0
DRC2LMIX_SRC1 [7:0]
0000h
R2257 (8D1h) DRC2LMIX Input
1 Volume
0
0
0
0
0
0
0
0
DRC2LMIX_VOL1 [6:0]
0
0080h
R2258 (8D2h) DRC2LMIX Input
2 Source
DRC2L
MIX_S
TS2
0
0
0
0
0
0
0
DRC2LMIX_SRC2 [7:0]
0000h
R2259 (8D3h) DRC2LMIX Input
2 Volume
0
0
0
0
0
0
0
0
DRC2LMIX_VOL2 [6:0]
0
0080h
R2260 (8D4h) DRC2LMIX Input
3 Source
DRC2L
MIX_S
TS3
0
0
0
0
0
0
0
DRC2LMIX_SRC3 [7:0]
0000h
R2261 (8D5h) DRC2LMIX Input
3 Volume
0
0
0
0
0
0
0
0
DRC2LMIX_VOL3 [6:0]
0
0080h
R2262 (8D6h) DRC2LMIX Input
4 Source
DRC2L
MIX_S
TS4
0
0
0
0
0
0
0
DRC2LMIX_SRC4 [7:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com