Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 348 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 348 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 344Page - Cirrus Logic WM8281ECS/R Datasheet HTML 345Page - Cirrus Logic WM8281ECS/R Datasheet HTML 346Page - Cirrus Logic WM8281ECS/R Datasheet HTML 347Page - Cirrus Logic WM8281ECS/R Datasheet HTML 348Page - Cirrus Logic WM8281ECS/R Datasheet HTML 349Page - Cirrus Logic WM8281ECS/R Datasheet HTML 350Page - Cirrus Logic WM8281ECS/R Datasheet HTML 351Page - Cirrus Logic WM8281ECS/R Datasheet HTML 352Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 392 page
background image
WM8281
348
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R2318 (90Eh) HPLP2MIX Input 4
Source
LHPF2
MIX_S
TS4
0
0
0
0
0
0
0
LHPF2MIX_SRC4 [7:0]
0000h
R2319 (90Fh) HPLP2MIX Input 4
Volume
0
0
0
0
0
0
0
0
LHPF2MIX_VOL4 [6:0]
0
0080h
R2320 (910h) HPLP3MIX Input 1
Source
LHPF3
MIX_S
TS1
0
0
0
0
0
0
0
LHPF3MIX_SRC1 [7:0]
0000h
R2321 (911h) HPLP3MIX Input 1
Volume
0
0
0
0
0
0
0
0
LHPF3MIX_VOL1 [6:0]
0
0080h
R2322 (912h) HPLP3MIX Input 2
Source
LHPF3
MIX_S
TS2
0
0
0
0
0
0
0
LHPF3MIX_SRC2 [7:0]
0000h
R2323 (913h) HPLP3MIX Input 2
Volume
0
0
0
0
0
0
0
0
LHPF3MIX_VOL2 [6:0]
0
0080h
R2324 (914h) HPLP3MIX Input 3
Source
LHPF3
MIX_S
TS3
0
0
0
0
0
0
0
LHPF3MIX_SRC3 [7:0]
0000h
R2325 (915h) HPLP3MIX Input 3
Volume
0
0
0
0
0
0
0
0
LHPF3MIX_VOL3 [6:0]
0
0080h
R2326 (916h) HPLP3MIX Input 4
Source
LHPF3
MIX_S
TS4
0
0
0
0
0
0
0
LHPF3MIX_SRC4 [7:0]
0000h
R2327 (917h) HPLP3MIX Input 4
Volume
0
0
0
0
0
0
0
0
LHPF3MIX_VOL4 [6:0]
0
0080h
R2328 (918h) HPLP4MIX Input 1
Source
LHPF4
MIX_S
TS1
0
0
0
0
0
0
0
LHPF4MIX_SRC1 [7:0]
0000h
R2329 (919h) HPLP4MIX Input 1
Volume
0
0
0
0
0
0
0
0
LHPF4MIX_VOL1 [6:0]
0
0080h
R2330 (91Ah) HPLP4MIX Input 2
Source
LHPF4
MIX_S
TS2
0
0
0
0
0
0
0
LHPF4MIX_SRC2 [7:0]
0000h
R2331 (91Bh) HPLP4MIX Input 2
Volume
0
0
0
0
0
0
0
0
LHPF4MIX_VOL2 [6:0]
0
0080h
R2332 (91Ch) HPLP4MIX Input 3
Source
LHPF4
MIX_S
TS3
0
0
0
0
0
0
0
LHPF4MIX_SRC3 [7:0]
0000h
R2333 (91Dh) HPLP4MIX Input 3
Volume
0
0
0
0
0
0
0
0
LHPF4MIX_VOL3 [6:0]
0
0080h
R2334 (91Eh) HPLP4MIX Input 4
Source
LHPF4
MIX_S
TS4
0
0
0
0
0
0
0
LHPF4MIX_SRC4 [7:0]
0000h
R2335 (91Fh) HPLP4MIX Input 4
Volume
0
0
0
0
0
0
0
0
LHPF4MIX_VOL4 [6:0]
0
0080h
R2368 (940h) DSP1LMIX Input 1
Source
DSP1L
MIX_S
TS1
0
0
0
0
0
0
0
DSP1LMIX_SRC1 [7:0]
0000h
R2369 (941h) DSP1LMIX Input 1
Volume
0
0
0
0
0
0
0
0
DSP1LMIX_VOL1 [6:0]
0
0080h
R2370 (942h) DSP1LMIX Input 2
Source
DSP1L
MIX_S
TS2
0
0
0
0
0
0
0
DSP1LMIX_SRC2 [7:0]
0000h
R2371 (943h) DSP1LMIX Input 2
Volume
0
0
0
0
0
0
0
0
DSP1LMIX_VOL2 [6:0]
0
0080h
R2372 (944h) DSP1LMIX Input 3
Source
DSP1L
MIX_S
TS3
0
0
0
0
0
0
0
DSP1LMIX_SRC3 [7:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com