Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 351 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 351 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 347Page - Cirrus Logic WM8281ECS/R Datasheet HTML 348Page - Cirrus Logic WM8281ECS/R Datasheet HTML 349Page - Cirrus Logic WM8281ECS/R Datasheet HTML 350Page - Cirrus Logic WM8281ECS/R Datasheet HTML 351Page - Cirrus Logic WM8281ECS/R Datasheet HTML 352Page - Cirrus Logic WM8281ECS/R Datasheet HTML 353Page - Cirrus Logic WM8281ECS/R Datasheet HTML 354Page - Cirrus Logic WM8281ECS/R Datasheet HTML 355Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 392 page
background image
WM8281
Rev 4.0
351
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R2501 (9C5h) DSP3LMIX Input 3
Volume
0
0
0
0
0
0
0
0
DSP3LMIX_VOL3 [6:0]
0
0080h
R2502 (9C6h) DSP3LMIX Input 4
Source
DSP3L
MIX_S
TS4
0
0
0
0
0
0
0
DSP3LMIX_SRC4 [7:0]
0000h
R2503 (9C7h) DSP3LMIX Input 4
Volume
0
0
0
0
0
0
0
0
DSP3LMIX_VOL4 [6:0]
0
0080h
R2504 (9C8h) DSP3RMIX Input
1 Source
DSP3
RMIX_
STS1
0
0
0
0
0
0
0
DSP3RMIX_SRC1 [7:0]
0000h
R2505 (9C9h) DSP3RMIX Input
1 Volume
0
0
0
0
0
0
0
0
DSP3RMIX_VOL1 [6:0]
0
0080h
R2506
(9CAh)
DSP3RMIX Input
2 Source
DSP3
RMIX_
STS2
0
0
0
0
0
0
0
DSP3RMIX_SRC2 [7:0]
0000h
R2507
(9CBh)
DSP3RMIX Input
2 Volume
0
0
0
0
0
0
0
0
DSP3RMIX_VOL2 [6:0]
0
0080h
R2508
(9CCh)
DSP3RMIX Input
3 Source
DSP3
RMIX_
STS3
0
0
0
0
0
0
0
DSP3RMIX_SRC3 [7:0]
0000h
R2509
(9CDh)
DSP3RMIX Input
3 Volume
0
0
0
0
0
0
0
0
DSP3RMIX_VOL3 [6:0]
0
0080h
R2510
(9CEh)
DSP3RMIX Input
4 Source
DSP3
RMIX_
STS4
0
0
0
0
0
0
0
DSP3RMIX_SRC4 [7:0]
0000h
R2511
(9CFh)
DSP3RMIX Input
4 Volume
0
0
0
0
0
0
0
0
DSP3RMIX_VOL4 [6:0]
0
0080h
R2512 (9D0h) DSP3AUX1MIX
Input 1 Source
DSP3A
UX1MI
X_STS
0
0
0
0
0
0
0
DSP3AUX1_SRC [7:0]
0000h
R2520 (9D8h) DSP3AUX2MIX
Input 1 Source
DSP3A
UX2MI
X_STS
0
0
0
0
0
0
0
DSP3AUX2_SRC [7:0]
0000h
R2528 (9E0h) DSP3AUX3MIX
Input 1 Source
DSP3A
UX3MI
X_STS
0
0
0
0
0
0
0
DSP3AUX3_SRC [7:0]
0000h
R2536 (9E8h) DSP3AUX4MIX
Input 1 Source
DSP3A
UX4MI
X_STS
0
0
0
0
0
0
0
DSP3AUX4_SRC [7:0]
0000h
R2544 (9F0h) DSP3AUX5MIX
Input 1 Source
DSP3A
UX5MI
X_STS
0
0
0
0
0
0
0
DSP3AUX5_SRC [7:0]
0000h
R2552 (9F8h) DSP3AUX6MIX
Input 1 Source
DSP3A
UX6MI
X_STS
0
0
0
0
0
0
0
DSP3AUX6_SRC [7:0]
0000h
R2560 (A00h) DSP4LMIX Input 1
Source
DSP4L
MIX_S
TS1
0
0
0
0
0
0
0
DSP4LMIX_SRC1 [7:0]
0000h
R2561 (A01h) DSP4LMIX Input 1
Volume
0
0
0
0
0
0
0
0
DSP4LMIX_VOL1 [6:0]
0
0080h
R2562 (A02h) DSP4LMIX Input 2
Source
DSP4L
MIX_S
TS2
0
0
0
0
0
0
0
DSP4LMIX_SRC2 [7:0]
0000h
R2563 (A03h) DSP4LMIX Input 2
Volume
0
0
0
0
0
0
0
0
DSP4LMIX_VOL2 [6:0]
0
0080h
R2564 (A04h) DSP4LMIX Input 3
Source
DSP4L
MIX_S
TS3
0
0
0
0
0
0
0
DSP4LMIX_SRC3 [7:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com