Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 355 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 355 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 351Page - Cirrus Logic WM8281ECS/R Datasheet HTML 352Page - Cirrus Logic WM8281ECS/R Datasheet HTML 353Page - Cirrus Logic WM8281ECS/R Datasheet HTML 354Page - Cirrus Logic WM8281ECS/R Datasheet HTML 355Page - Cirrus Logic WM8281ECS/R Datasheet HTML 356Page - Cirrus Logic WM8281ECS/R Datasheet HTML 357Page - Cirrus Logic WM8281ECS/R Datasheet HTML 358Page - Cirrus Logic WM8281ECS/R Datasheet HTML 359Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 392 page
background image
WM8281
Rev 4.0
355
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R3108 (C24h) Misc Pad Ctrl 5
0
0
0
0
0
0
0
0
0
0
AIF2L
RCLK_
PU
AIF2L
RCLK_
PD
AIF2B
CLK_P
U
AIF2B
CLK_P
D
AIF2R
XDAT_
PU
AIF2R
XDAT_
PD
0000h
R3109 (C25h) Misc Pad Ctrl 6
0
0
0
0
0
0
0
0
0
0
AIF3L
RCLK_
PU
AIF3L
RCLK_
PD
AIF3B
CLK_P
U
AIF3B
CLK_P
D
AIF3R
XDAT_
PU
AIF3R
XDAT_
PD
0000h
R3120 (C30h) Misc Pad Ctrl 7
0
0
0
0
0
CIF1MI
SO_G
PIO4_
DRV_
STR
0
0
0
0
0
0
0
CIF1S
DA_CI
F1MIS
O_DR
V_STR
0
0
0404h
R3121 (C31h) Misc Pad Ctrl 8
0
0
0
0
0
0
0
0
0
0
0
0
0
CIF2S
DA_D
RV_ST
R
0
0
0004h
R3122 (C32h) Misc Pad Ctrl 9
0
0
0
0
0
AIF1L
RCLK_
DRV_
STR
0
0
0
0
0
0
0
GPIO1
_DRV_
STR
0
0
0404h
R3123 (C33h) Misc Pad Ctrl 10
0
0
0
0
0
AIF1B
CLK_D
RV_ST
R
0
0
0
0
0
0
0
AIF1T
XDAT_
DRV_
STR
0
0
0404h
R3124 (C34h) Misc Pad Ctrl 11
0
0
0
0
0
AIF2L
RCLK_
DRV_
STR
0
0
0
0
0
0
0
GPIO2
_DRV_
STR
0
0
0404h
R3125 (C35h) Misc Pad Ctrl 12
0
0
0
0
0
AIF2B
CLK_D
RV_ST
R
0
0
0
0
0
0
0
AIF2T
XDAT_
DRV_
STR
0
0
0404h
R3126 (C36h) Misc Pad Ctrl 13
0
0
0
0
0
AIF3L
RCLK_
DRV_
STR
0
0
0
0
0
0
0
GPIO3
_DRV_
STR
0
0
0404h
R3127 (C37h) Misc Pad Ctrl 14
0
0
0
0
0
AIF3B
CLK_D
RV_ST
R
0
0
0
0
0
0
0
AIF3T
XDAT_
DRV_
STR
0
0
0404h
R3128 (C38h) Misc Pad Ctrl 15
0
0
0
0
0
SLIMD
AT_DR
V_STR
0
0
0
0
0
0
0
SLIMC
LK_DR
V_STR
0
00
0004h
R3129 (C39h) Misc Pad Ctrl 16
0
0
0
0
0
IRQ_D
RV_ST
R
0
0
0
0
0
0
0
GPIO5
_DRV_
STR
0
0
0404h
R3130
(C3Ah)
Misc Pad Ctrl 17
0
0
0
0
0
SPKD
AT1_D
RV_ST
R
0
0
0
0
0
0
0
SPKCL
K1_DR
V_STR
0
00
0404h
R3131
(C3Bh)
Misc Pad Ctrl 18
0
0
0
0
0
SPKD
AT2_D
RV_ST
R
0
0
0
0
0
0
0
SPKCL
K2_DR
V_STR
0
0
0404h
R3328 (D00h) Interrupt Status 1
0
0
0
0
0
0
0
0
0
0
0
0
GP4_E
INT1
GP3_E
INT1
GP2_E
INT1
GP1_E
INT1
0000h
R3329 (D01h) Interrupt Status 2
0
0
0
0
DSP4_
RAM_
RDY_
EINT1
DSP3_
RAM_
RDY_
EINT1
DSP2_
RAM_
RDY_
EINT1
DSP1_
RAM_
RDY_
EINT1
DSP_I
RQ8_E
INT1
DSP_I
RQ7_E
INT1
DSP_I
RQ6_E
INT1
DSP_I
RQ5_E
INT1
DSP_I
RQ4_E
INT1
DSP_I
RQ3_E
INT1
DSP_I
RQ2_E
INT1
DSP_I
RQ1_E
INT1
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com