Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 359 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 359 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 355Page - Cirrus Logic WM8281ECS/R Datasheet HTML 356Page - Cirrus Logic WM8281ECS/R Datasheet HTML 357Page - Cirrus Logic WM8281ECS/R Datasheet HTML 358Page - Cirrus Logic WM8281ECS/R Datasheet HTML 359Page - Cirrus Logic WM8281ECS/R Datasheet HTML 360Page - Cirrus Logic WM8281ECS/R Datasheet HTML 361Page - Cirrus Logic WM8281ECS/R Datasheet HTML 362Page - Cirrus Logic WM8281ECS/R Datasheet HTML 363Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 392 page
background image
WM8281
Rev 4.0
359
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R3409 (D51h) AOD IRQ1
0
0
0
0
0
0
0
0
MICD_
CLAM
P_FAL
L_EIN
T1
MICD_
CLAM
P_RIS
E_EIN
T1
GP5_F
ALL_EI
NT1
GP5_R
ISE_EI
NT1
JD1_F
ALL_EI
NT1
JD1_R
ISE_EI
NT1
0
0
0000h
R3410 (D52h) AOD IRQ2
0
0
0
0
0
0
0
0
MICD_
CLAM
P_FAL
L_EIN
T2
MICD_
CLAM
P_RIS
E_EIN
T2
GP5_F
ALL_EI
NT2
GP5_R
ISE_EI
NT2
JD1_F
ALL_EI
NT2
JD1_R
ISE_EI
NT2
0
0
0000h
R3411 (D53h) AOD IRQ Mask
IRQ1
0
0
0
0
0
0
0
0
IM_MI
CD_CL
AMP_
FALL_
EINT1
IM_MI
CD_CL
AMP_
RISE_
EINT1
IM_GP
5_FAL
L_EIN
T1
IM_GP
5_RIS
E_EIN
T1
IM_JD
1_FAL
L_EIN
T1
IM_JD
1_RIS
E_EIN
T1
0
0
00FCh
R3412 (D54h) AOD IRQ Mask
IRQ2
0
0
0
0
0
0
0
0
IM_MI
CD_CL
AMP_
FALL_
EINT2
IM_MI
CD_CL
AMP_
RISE_
EINT2
IM_GP
5_FAL
L_EIN
T2
IM_GP
5_RIS
E_EIN
T2
IM_JD
1_FAL
L_EIN
T2
IM_JD
1_RIS
E_EIN
T2
0
0
00FCh
R3413 (D55h) AOD IRQ Raw
Status
0
0
0
0
0
0
0
0
0
0
0
0
MICD_
CLAM
P_STS
GP5_S
TS
0
JD1_S
TS
0000h
R3414 (D56h) Jack detect
debounce
0
0
0
0
0
0
0
0
0
0
0
0
MICD_
CLAM
P_DB
0
0
JD1_D
B
0000h
R3584 (E00h) FX_Ctrl1
0
FX_RATE [3:0]
0
0
0
0
0
0
0
0
0
0
0
0000h
R3585 (E01h) FX_Ctrl2
FX_STS [11:0]
0
0
0
0
0000h
R3600 (E10h) EQ1_1
EQ1_B1_GAIN [4:0]
EQ1_B2_GAIN [4:0]
EQ1_B3_GAIN [4:0]
EQ1_E
NA
6318h
R3601 (E11h) EQ1_2
EQ1_B4_GAIN [4:0]
EQ1_B5_GAIN [4:0]
0
0
0
0
0
EQ1_
MODE
6300h
R3602 (E12h) EQ1_3
EQ1_B1_A [15:0]
0FC8h
R3603 (E13h) EQ1_4
EQ1_B1_B [15:0]
03FEh
R3604 (E14h) EQ1_5
EQ1_B1_PG [15:0]
00E0h
R3605 (E15h) EQ1_6
EQ1_B2_A [15:0]
1EC4h
R3606 (E16h) EQ1_7
EQ1_B2_B [15:0]
F136h
R3607 (E17h) EQ1_8
EQ1_B2_C [15:0]
0409h
R3608 (E18h) EQ1_9
EQ1_B2_PG [15:0]
04CCh
R3609 (E19h) EQ1_10
EQ1_B3_A [15:0]
1C9Bh
R3610
(E1Ah)
EQ1_11
EQ1_B3_B [15:0]
F337h
R3611
(E1Bh)
EQ1_12
EQ1_B3_C [15:0]
040Bh
R3612
(E1Ch)
EQ1_13
EQ1_B3_PG [15:0]
0CBBh
R3613
(E1Dh)
EQ1_14
EQ1_B4_A [15:0]
16F8h
R3614
(E1Eh)
EQ1_15
EQ1_B4_B [15:0]
F7D9h
R3615 (E1Fh) EQ1_16
EQ1_B4_C [15:0]
040Ah
R3616 (E20h) EQ1_17
EQ1_B4_PG [15:0]
1F14h
R3617 (E21h) EQ1_18
EQ1_B5_A [15:0]
058Ch
R3618 (E22h) EQ1_19
EQ1_B5_B [15:0]
0563h
R3619 (E23h) EQ1_20
EQ1_B5_PG [15:0]
4000h
R3620 (E24h) EQ1_21
EQ1_B1_C [15:0]
0B75h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com