Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 356 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 356 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 352Page - Cirrus Logic WM8281ECS/R Datasheet HTML 353Page - Cirrus Logic WM8281ECS/R Datasheet HTML 354Page - Cirrus Logic WM8281ECS/R Datasheet HTML 355Page - Cirrus Logic WM8281ECS/R Datasheet HTML 356Page - Cirrus Logic WM8281ECS/R Datasheet HTML 357Page - Cirrus Logic WM8281ECS/R Datasheet HTML 358Page - Cirrus Logic WM8281ECS/R Datasheet HTML 359Page - Cirrus Logic WM8281ECS/R Datasheet HTML 360Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 392 page
background image
WM8281
356
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R3330 (D02h) Interrupt Status 3
SPK_
OVER
HEAT_
WARN
_EINT
1
SPK_
OVER
HEAT_
EINT1
HPDE
T_EIN
T1
MICDE
T_EIN
T1
WSEQ
_DON
E_EIN
T1
DRC2_
SIG_D
ET_EI
NT1
DRC1_
SIG_D
ET_EI
NT1
ASRC
2_LOC
K_EIN
T1
ASRC
1_LOC
K_EIN
T1
UNDE
RCLO
CKED
_EINT
1
OVER
CLOC
KED_E
INT1
0
FLL2_
LOCK_
EINT1
FLL1_
LOCK_
EINT1
CLKG
EN_E
RR_EI
NT1
CLKG
EN_E
RR_A
SYNC
_EINT
1
0000h
R3331 (D03h) Interrupt Status 4
0
0
0
CTRLI
F_ERR
_EINT
1
MIXER
_DRO
PPED_
SAMP
LE_EI
NT1
ASYN
C_CLK
_ENA_
LOW_
EINT1
SYSCL
K_ENA
_LOW
_EINT
1
ISRC1
_CFG_
ERR_
EINT1
ISRC2
_CFG_
ERR_
EINT1
ISRC3
_CFG_
ERR_
EINT1
HP3R_
DONE
_EINT
1
HP3L_
DONE
_EINT
1
HP2R_
DONE
_EINT
1
HP2L_
DONE
_EINT
1
HP1R_
DONE
_EINT
1
HP1L_
DONE
_EINT
1
0000h
R3332 (D04h) Interrupt Status 5
0
0
0
0
0
0
0
BOOT
_DON
E_EIN
T1
0
0
ADC_
OVER
FLOW
_EINT
1
ADC_F
IFO_O
U_EIN
T1
ASRC
_CFG_
ERR_
EINT1
0
FLL2_
CLOC
K_OK_
EINT1
FLL1_
CLOC
K_OK_
EINT1
0000h
R3333 (D05h) Interrupt Status 6 DSP_S
HARE
D_WR
_COLL
_EINT
1
SPK_S
HUTD
OWN_
EINT1
SPKO
UTR_S
HORT
_EINT
1
SPKO
UTL_S
HORT
_EINT
1
HP3R_
SC_N
EG_EI
NT1
HP3R_
SC_P
OS_EI
NT1
HP3L_
SC_N
EG_EI
NT1
HP3L_
SC_P
OS_EI
NT1
HP2R_
SC_N
EG_EI
NT1
HP2R_
SC_P
OS_EI
NT1
HP2L_
SC_N
EG_EI
NT1
HP2L_
SC_P
OS_EI
NT1
HP1R_
SC_N
EG_EI
NT1
HP1R_
SC_P
OS_EI
NT1
HP1L_
SC_N
EG_EI
NT1
HP1L_
SC_P
OS_EI
NT1
0000h
R3336 (D08h) Interrupt Status 1
Mask
0
0
0
0
0
0
0
0
0
0
0
0
IM_GP
4_EIN
T1
IM_GP
3_EIN
T1
IM_GP
2_EIN
T1
IM_GP
1_EIN
T1
000Fh
R3337 (D09h) Interrupt Status 2
Mask
0
0
0
0
IM_DS
P4_RA
M_RD
Y_EIN
T1
IM_DS
P3_RA
M_RD
Y_EIN
T1
IM_DS
P2_RA
M_RD
Y_EIN
T1
IM_DS
P1_RA
M_RD
Y_EIN
T1
IM_DS
P_IRQ
8_EIN
T1
IM_DS
P_IRQ
7_EIN
T1
IM_DS
P_IRQ
6_EIN
T1
IM_DS
P_IRQ
5_EIN
T1
IM_DS
P_IRQ
4_EIN
T1
IM_DS
P_IRQ
3_EIN
T1
IM_DS
P_IRQ
2_EIN
T1
IM_DS
P_IRQ
1_EIN
T1
0FFFh
R3338
(D0Ah)
Interrupt Status 3
Mask
IM_SP
K_OV
ERHE
AT_W
ARN_
EINT1
IM_SP
K_OV
ERHE
AT_EI
NT1
IM_HP
DET_E
INT1
IM_MI
CDET_
EINT1
IM_WS
EQ_D
ONE_
EINT1
IM_DR
C2_SI
G_DE
T_EIN
T1
IM_DR
C1_SI
G_DE
T_EIN
T1
IM_AS
RC2_L
OCK_
EINT1
IM_AS
RC1_L
OCK_
EINT1
IM_UN
DERC
LOCK
ED_EI
NT1
IM_OV
ERCL
OCKE
D_EIN
T1
0
IM_FL
L2_LO
CK_EI
NT1
IM_FL
L1_LO
CK_EI
NT1
IM_CL
KGEN
_ERR_
EINT1
IM_CL
KGEN
_ERR_
ASYN
C_EIN
T1
FFEFh
R3339
(D0Bh)
Interrupt Status 4
Mask
1
1
1
IM_CT
RLIF_
ERR_
EINT1
IM_MI
XER_
DROP
PED_S
AMPL
E_EIN
T1
IM_AS
YNC_
CLK_E
NA_LO
W_EIN
T1
IM_SY
SCLK_
ENA_L
OW_EI
NT1
IM_IS
RC1_C
FG_E
RR_EI
NT1
IM_IS
RC2_C
FG_E
RR_EI
NT1
IM_IS
RC3_C
FG_E
RR_EI
NT1
IM_HP
3R_D
ONE_
EINT1
IM_HP
3L_DO
NE_EI
NT1
IM_HP
2R_D
ONE_
EINT1
IM_HP
2L_DO
NE_EI
NT1
IM_HP
1R_D
ONE_
EINT1
IM_HP
1L_DO
NE_EI
NT1
FFFFh
R3340
(D0Ch)
Interrupt Status 5
Mask
1
1
1
1
1
1
1
IM_BO
OT_D
ONE_
EINT1
0
0
IM_AD
C_OV
ERFL
OW_EI
NT1
IM_AD
C_FIF
O_OU
_EINT
1
IM_AS
RC_C
FG_E
RR_EI
NT1
0
IM_FL
L2_CL
OCK_
OK_EI
NT1
IM_FL
L1_CL
OCK_
OK_EI
NT1
FE3Bh
R3341
(D0Dh)
Interrupt Status 6
Mask
IM_DS
P_SHA
RED_
WR_C
OLL_E
INT1
IM_SP
K_SH
UTDO
WN_EI
NT1
IM_SP
KOUT
R_SH
ORT_
EINT1
IM_SP
KOUT
L_SHO
RT_EI
NT1
IM_HP
3R_SC
_NEG_
EINT1
IM_HP
3R_SC
_POS_
EINT1
IM_HP
3L_SC
_NEG_
EINT1
IM_HP
3L_SC
_POS_
EINT1
IM_HP
2R_SC
_NEG_
EINT1
IM_HP
2R_SC
_POS_
EINT1
IM_HP
2L_SC
_NEG_
EINT1
IM_HP
2L_SC
_POS_
EINT1
IM_HP
1R_SC
_NEG_
EINT1
IM_HP
1R_SC
_POS_
EINT1
IM_HP
1L_SC
_NEG_
EINT1
IM_HP
1L_SC
_POS_
EINT1
FFFFh
R3343
(D0Fh)
Interrupt Control
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
IM_IR
Q1
0000h
R3344 (D10h) IRQ2 Status 1
0
0
0
0
0
0
0
0
0
0
0
0
GP4_E
INT2
GP3_E
INT2
GP2_E
INT2
GP1_E
INT2
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com