Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 358 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 358 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 354Page - Cirrus Logic WM8281ECS/R Datasheet HTML 355Page - Cirrus Logic WM8281ECS/R Datasheet HTML 356Page - Cirrus Logic WM8281ECS/R Datasheet HTML 357Page - Cirrus Logic WM8281ECS/R Datasheet HTML 358Page - Cirrus Logic WM8281ECS/R Datasheet HTML 359Page - Cirrus Logic WM8281ECS/R Datasheet HTML 360Page - Cirrus Logic WM8281ECS/R Datasheet HTML 361Page - Cirrus Logic WM8281ECS/R Datasheet HTML 362Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 392 page
background image
WM8281
358
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R3360 (D20h) Interrupt Raw
Status 1
0
0
0
0
DSP4_
RAM_
RDY_
STS
DSP3_
RAM_
RDY_
STS
DSP2_
RAM_
RDY_
STS
DSP1_
RAM_
RDY_
STS
DSP_I
RQ8_S
TS
DSP_I
RQ7_S
TS
DSP_I
RQ6_S
TS
DSP_I
RQ5_S
TS
DSP_I
RQ4_S
TS
DSP_I
RQ3_S
TS
DSP_I
RQ2_S
TS
DSP_I
RQ1_S
TS
0000h
R3361 (D21h) Interrupt Raw
Status 2
SPK_
OVER
HEAT_
WARN
_STS
SPK_
OVER
HEAT_
STS
0
0
WSEQ
_DON
E_STS
DRC2_
SIG_D
ET_ST
S
DRC1_
SIG_D
ET_ST
S
ASRC
2_LOC
K_STS
ASRC
1_LOC
K_STS
UNDE
RCLO
CKED
_STS
OVER
CLOC
KED_S
TS
0
FLL2_
LOCK_
STS
FLL1_
LOCK_
STS
CLKG
EN_E
RR_ST
S
CLKG
EN_E
RR_A
SYNC
_STS
0000h
R3362 (D22h) Interrupt Raw
Status 3
ASRC
_CFG_
ERR_
STS
AIF3_
ERR_
STS
AIF2_
ERR_
STS
AIF1_
ERR_
STS
CTRLI
F_ERR
_STS
MIXER
_DRO
PPED_
SAMP
LE_ST
S
ASYN
C_CLK
_ENA_
LOW_
STS
SYSCL
K_ENA
_LOW
_STS
ISRC1
_CFG_
ERR_
STS
ISRC2
_CFG_
ERR_
STS
HP3R_
DONE
_STS
HP3L_
DONE
_STS
HP2R_
DONE
_STS
HP2L_
DONE
_STS
HP1R_
DONE
_STS
HP1L_
DONE
_STS
0000h
R3363 (D23h) Interrupt Raw
Status 4
0
0
0
0
0
0
0
BOOT
_DON
E_STS
0
0
ADC_
OVER
FLOW
_STS
ADC_F
IFO_O
U_STS
ADC_
CIC_O
VERFL
OW_S
TS
0
FLL2_
CLOC
K_OK_
STS
FLL1_
CLOC
K_OK_
STS
0000h
R3364 (D24h) Interrupt Raw
Status 5
0
0
PWM_
OVER
CLOC
KED_S
TS
FX_C
ORE_
OVER
CLOC
KED_S
TS
0
DAC_
SYS_
OVER
CLOC
KED_S
TS
DAC_
WARP
_OVE
RCLO
CKED
_STS
ADC_
OVER
CLOC
KED_S
TS
MIXER
_OVE
RCLO
CKED
_STS
AIF3_
ASYN
C_OV
ERCL
OCKE
D_STS
AIF2_
ASYN
C_OV
ERCL
OCKE
D_STS
AIF1_
ASYN
C_OV
ERCL
OCKE
D_STS
AIF3_
SYNC
_OVE
RCLO
CKED
_STS
AIF2_
SYNC
_OVE
RCLO
CKED
_STS
AIF1_
SYNC
_OVE
RCLO
CKED
_STS
PAD_
CTRL_
OVER
CLOC
KED_S
TS
0000h
R3365 (D25h) Interrupt Raw
Status 6
SLIMB
US_S
UBSY
S_OV
ERCL
OCKE
D_STS
SLIMB
US_AS
YNC_
OVER
CLOC
KED_S
TS
SLIMB
US_SY
NC_O
VERC
LOCK
ED_ST
S
ASRC
_ASYN
C_SYS
_OVE
RCLO
CKED
_STS
ASRC
_ASYN
C_WA
RP_O
VERC
LOCK
ED_ST
S
ASRC
_SYN
C_SYS
_OVE
RCLO
CKED
_STS
ASRC
_SYN
C_WA
RP_O
VERC
LOCK
ED_ST
S
DSP4_
OVER
CLOC
KED_S
TS
DSP3_
OVER
CLOC
KED_S
TS
0
DSP2_
OVER
CLOC
KED_S
TS
0
DSP1_
OVER
CLOC
KED_S
TS
ISRC3
_OVE
RCLO
CKED
_STS
ISRC2
_OVE
RCLO
CKED
_STS
ISRC1
_OVE
RCLO
CKED
_STS
0000h
R3366 (D26h) Interrupt Raw
Status 7
0
0
0
0
0
AIF3_
UNDE
RCLO
CKED
_STS
AIF2_
UNDE
RCLO
CKED
_STS
AIF1_
UNDE
RCLO
CKED
_STS
ISRC3
_UND
ERCL
OCKE
D_STS
ISRC2
_UND
ERCL
OCKE
D_STS
ISRC1
_UND
ERCL
OCKE
D_STS
FX_UN
DERC
LOCK
ED_ST
S
ASRC
_UND
ERCL
OCKE
D_STS
DAC_
UNDE
RCLO
CKED
_STS
ADC_
UNDE
RCLO
CKED
_STS
MIXER
_UND
ERCL
OCKE
D_STS
0000h
R3368 (D28h) Interrupt Raw
Status 8
0
SPK_S
HUTD
OWN_
STS
SPKO
UTR_S
HORT
_STS
SPKO
UTL_S
HORT
_STS
HP3R_
SC_N
EG_ST
S
HP3R_
SC_P
OS_ST
S
HP3L_
SC_N
EG_ST
S
HP3L_
SC_P
OS_ST
S
HP2R_
SC_N
EG_ST
S
HP2R_
SC_P
OS_ST
S
HP2L_
SC_N
EG_ST
S
HP2L_
SC_P
OS_ST
S
HP1R_
SC_N
EG_ST
S
HP1R_
SC_P
OS_ST
S
HP1L_
SC_N
EG_ST
S
HP1L_
SC_P
OS_ST
S
0000h
R3392 (D40h) IRQ Pin Status
0
0
0
0
0
0
0
0
0
0
0
0
0
0
IRQ2_
STS
IRQ1_
STS
0000h
R3393 (D41h) ADSP2 IRQ0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DSP_I
RQ2
DSP_I
RQ1
0000h
R3394 (D42h) ADSP2 IRQ1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DSP_I
RQ4
DSP_I
RQ3
0000h
R3395 (D43h) ADSP2 IRQ2
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DSP_I
RQ6
DSP_I
RQ5
0000h
R3396 (D44h) ADSP2 IRQ3
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DSP_I
RQ8
DSP_I
RQ7
0000h
R3408 (D50h) AOD wkup and
trig
0
0
0
0
0
0
0
0
MICD_
CLAM
P_FAL
L_TRI
G_STS
MICD_
CLAM
P_RIS
E_TRI
G_STS
GP5_F
ALL_T
RIG_S
TS
GP5_R
ISE_T
RIG_S
TS
JD1_F
ALL_T
RIG_S
TS
JD1_R
ISE_T
RIG_S
TS
0
0
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com