Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 362 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 362 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 358Page - Cirrus Logic WM8281ECS/R Datasheet HTML 359Page - Cirrus Logic WM8281ECS/R Datasheet HTML 360Page - Cirrus Logic WM8281ECS/R Datasheet HTML 361Page - Cirrus Logic WM8281ECS/R Datasheet HTML 362Page - Cirrus Logic WM8281ECS/R Datasheet HTML 363Page - Cirrus Logic WM8281ECS/R Datasheet HTML 364Page - Cirrus Logic WM8281ECS/R Datasheet HTML 365Page - Cirrus Logic WM8281ECS/R Datasheet HTML 366Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 392 page
background image
WM8281
362
Rev 4.0
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R3725
(E8Dh)
DRC2 ctrl5
0
0
0
0
0
0
DRC2_KNEE2_IP [4:0]
DRC2_KNEE2_OP [4:0]
0000h
R3776
(EC0h)
HPLPF1_1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
LHPF1
_MOD
E
LHPF1
_ENA
0000h
R3777
(EC1h)
HPLPF1_2
LHPF1_COEFF [15:0]
0000h
R3780
(EC4h)
HPLPF2_1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
LHPF2
_MOD
E
LHPF2
_ENA
0000h
R3781
(EC5h)
HPLPF2_2
LHPF2_COEFF [15:0]
0000h
R3784
(EC8h)
HPLPF3_1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
LHPF3
_MOD
E
LHPF3
_ENA
0000h
R3785
(EC9h)
HPLPF3_2
LHPF3_COEFF [15:0]
0000h
R3788
(ECCh)
HPLPF4_1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
LHPF4
_MOD
E
LHPF4
_ENA
0000h
R3789
(ECDh)
HPLPF4_2
LHPF4_COEFF [15:0]
0000h
R3808
(EE0h)
ASRC_ENABLE
0
0
0
0
0
0
0
0
0
0
0
0
ASRC
2L_EN
A
ASRC
2R_EN
A
ASRC
1L_EN
A
ASRC
1R_EN
A
0000h
R3809
(EE1h)
ASRC_STATUS
0
0
0
0
0
0
0
0
0
0
0
0
ASRC
2L_EN
A_STS
ASRC
2R_EN
A_STS
ASRC
1L_EN
A_STS
ASRC
1R_EN
A_STS
0000h
R3810
(EE2h)
ASRC_RATE1
0
ASRC_RATE1 [3:0]
0
0
0
0
0
0
0
0
0
0
0
0000h
R3811
(EE3h)
ASRC_RATE2
0
ASRC_RATE2 [3:0]
0
0
0
0
0
0
0
0
0
0
0
4000h
R3824 (EF0h) ISRC 1 CTRL 1
0
ISRC1_FSH [3:0]
0
0
0
0
0
0
0
0
0
0
0
0000h
R3825 (EF1h) ISRC 1 CTRL 2
0
ISRC1_FSL [3:0]
0
0
0
0
0
0
0
0
0
0
0
0000h
R3826 (EF2h) ISRC 1 CTRL 3
ISRC1
_INT1_
ENA
ISRC1
_INT2_
ENA
ISRC1
_INT3_
ENA
ISRC1
_INT4_
ENA
0
0
ISRC1
_DEC1
_ENA
ISRC1
_DEC2
_ENA
ISRC1
_DEC3
_ENA
ISRC1
_DEC4
_ENA
0
0
0
0
0
ISRC1
_NOT
CH_E
NA
0000h
R3827 (EF3h) ISRC 2 CTRL 1
0
ISRC2_FSH [3:0]
0
0
0
0
0
0
0
0
0
0
0
0000h
R3828 (EF4h) ISRC 2 CTRL 2
0
ISRC2_FSL [3:0]
0
0
0
0
0
0
0
0
0
0
0
0000h
R3829 (EF5h) ISRC 2 CTRL 3
ISRC2
_INT1_
ENA
ISRC2
_INT2_
ENA
ISRC2
_INT3_
ENA
ISRC2
_INT4_
ENA
0
0
ISRC2
_DEC1
_ENA
ISRC2
_DEC2
_ENA
ISRC2
_DEC3
_ENA
ISRC2
_DEC4
_ENA
0
0
0
0
0
ISRC2
_NOT
CH_E
NA
0000h
R3830 (EF6h) ISRC 3 CTRL 1
0
ISRC3_FSH [3:0]
0
0
0
0
0
0
0
0
0
0
0
0000h
R3831 (EF7h) ISRC 3 CTRL 2
0
ISRC3_FSL [3:0]
0
0
0
0
0
0
0
0
0
0
0
0000h
R3832 (EF8h) ISRC 3 CTRL 3
ISRC3
_INT1_
ENA
ISRC3
_INT2_
ENA
ISRC3
_INT3_
ENA
ISRC3
_INT4_
ENA
0
0
ISRC3
_DEC1
_ENA
ISRC3
_DEC2
_ENA
ISRC3
_DEC3
_ENA
ISRC3
_DEC4
_ENA
0
0
0
0
0
ISRC3
_NOT
CH_E
NA
0000h
R3841 (F01h) ANC_SRC
0
0
0
0
0
0
0
0
0
IN_RXANCR_SEL [2:0]
0
IN_RXANCL_SEL [2:0]
0000h
R4352
(1100h)
DSP1 Control 1
0
DSP1_RATE [3:0]
0
0
0
0
0
0
DSP1_
MEM_
ENA
DSP1_
DBG_
CLK_E
NA
DSP1_
SYS_E
NA
DSP1_
CORE
_ENA
DSP1_
START
0010h
R4353
(1101h)
DSP1 Clocking 1
0
0
0
0
0
0
0
0
0
0
0
0
0
DSP1_CLK_SEL [2:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com