Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 365 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 365 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 361Page - Cirrus Logic WM8281ECS/R Datasheet HTML 362Page - Cirrus Logic WM8281ECS/R Datasheet HTML 363Page - Cirrus Logic WM8281ECS/R Datasheet HTML 364Page - Cirrus Logic WM8281ECS/R Datasheet HTML 365Page - Cirrus Logic WM8281ECS/R Datasheet HTML 366Page - Cirrus Logic WM8281ECS/R Datasheet HTML 367Page - Cirrus Logic WM8281ECS/R Datasheet HTML 368Page - Cirrus Logic WM8281ECS/R Datasheet HTML 369Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 392 page
background image
WM8281
Rev 4.0
365
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R4673
(1241h)
DSP2 Scratch 1
DSP2_SCRATCH_1 [15:0]
0000h
R4674
(1242h)
DSP2 Scratch 2
DSP2_SCRATCH_2 [15:0]
0000h
R4675
(1243h)
DSP2 Scratch 3
DSP2_SCRATCH_3 [15:0]
0000h
R4864
(1300h)
DSP3 Control 1
0
DSP3_RATE [3:0]
0
0
0
0
0
0
DSP3_
MEM_
ENA
DSP3_
DBG_
CLK_E
NA
DSP3_
SYS_E
NA
DSP3_
CORE
_ENA
DSP3_
START
0010h
R4865
(1301h)
DSP3 Clocking 1
0
0
0
0
0
0
0
0
0
0
0
0
0
DSP3_CLK_SEL [2:0]
0000h
R4868
(1304h)
DSP3 Status 1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DSP3_
RAM_
RDY
0000h
R4869
(1305h)
DSP3 Status 2
DSP3_
PING_
FULL
DSP3_
PONG
_FULL
0
0
0
0
0
0
DSP3_WDMA_ACTIVE_CHANNELS [7:0]
0000h
R4870
(1306h)
DSP3 Status 3
0
0
0
0
0
0
0
0
0
0
0
0
DSP3_CLK_SEL_STS
[2:0]
DSP3_
CLK_A
VAIL
0000h
R4871
(1307h)
DSP3 Status 4
DSP3_DUALMEM_COLLISION_ADDR [15:0]
0000h
R4880
(1310h)
DSP3 WDMA
Buffer 1
DSP3_START_ADDRESS_WDMA_BUFFER_0 [15:0]
0000h
R4881
(1311h)
DSP3 WDMA
Buffer 2
DSP3_START_ADDRESS_WDMA_BUFFER_1 [15:0]
0000h
R4882
(1312h)
DSP3 WDMA
Buffer 3
DSP3_START_ADDRESS_WDMA_BUFFER_2 [15:0]
0000h
R4883
(1313h)
DSP3 WDMA
Buffer 4
DSP3_START_ADDRESS_WDMA_BUFFER_3 [15:0]
0000h
R4884
(1314h)
DSP3 WDMA
Buffer 5
DSP3_START_ADDRESS_WDMA_BUFFER_4 [15:0]
0000h
R4885
(1315h)
DSP3 WDMA
Buffer 6
DSP3_START_ADDRESS_WDMA_BUFFER_5 [15:0]
0000h
R4886
(1316h)
DSP3 WDMA
Buffer 7
DSP3_START_ADDRESS_WDMA_BUFFER_6 [15:0]
0000h
R4887
(1317h)
DSP3 WDMA
Buffer 8
DSP3_START_ADDRESS_WDMA_BUFFER_7 [15:0]
0000h
R4896
(1320h)
DSP3 RDMA
Buffer 1
DSP3_START_ADDRESS_RDMA_BUFFER_0 [15:0]
0000h
R4897
(1321h)
DSP3 RDMA
Buffer 2
DSP3_START_ADDRESS_RDMA_BUFFER_1 [15:0]
0000h
R4898
(1322h)
DSP3 RDMA
Buffer 3
DSP3_START_ADDRESS_RDMA_BUFFER_2 [15:0]
0000h
R4899
(1323h)
DSP3 RDMA
Buffer 4
DSP3_START_ADDRESS_RDMA_BUFFER_3 [15:0]
0000h
R4900
(1324h)
DSP3 RDMA
Buffer 5
DSP3_START_ADDRESS_RDMA_BUFFER_4 [15:0]
0000h
R4901
(1325h)
DSP3 RDMA
Buffer 6
DSP3_START_ADDRESS_RDMA_BUFFER_5 [15:0]
0000h
R4912
(1330h)
DSP3 WDMA
Config 1
0
0
DSP3_WDMA_BUFFER_LENGTH [13:0]
0000h
R4913
(1331h)
DSP3 WDMA
Config 2
0
0
0
0
0
0
0
0
DSP3_WDMA_CHANNEL_ENABLE [7:0]
0000h
R4914
(1332h)
DSP3 WDMA
Offset 1
0
0
0
0
0
0
0
0
DSP3_WDMA_CHANNEL_OFFSET [7:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com