Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 369 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 369 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 365Page - Cirrus Logic WM8281ECS/R Datasheet HTML 366Page - Cirrus Logic WM8281ECS/R Datasheet HTML 367Page - Cirrus Logic WM8281ECS/R Datasheet HTML 368Page - Cirrus Logic WM8281ECS/R Datasheet HTML 369Page - Cirrus Logic WM8281ECS/R Datasheet HTML 370Page - Cirrus Logic WM8281ECS/R Datasheet HTML 371Page - Cirrus Logic WM8281ECS/R Datasheet HTML 372Page - Cirrus Logic WM8281ECS/R Datasheet HTML 373Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 392 page
background image
WM8281
Rev 4.0
369
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R2097157
(20_0005h)
DSP2 PM 5
DSP2_PM_1 [15:0]
0000h
(Similar for DSP2 Program Memory 2 … 20478)
R2158589
(20_EFFDh)
DSP2 PM 61437
0
0
0
0
0
0
0
0
DSP2_PM_20479 [39:32]
0000h
R2158590
(20_EFFEh)
DSP2 PM 61438
DSP2_PM_20479 [31:16]
0000h
R2158591
(20_EFFFh)
DSP2 PM 61439
DSP2_PM_20479 [15:0]
0000h
R2621440
(28_0000h)
DSP2 ZM 0
0
0
0
0
0
0
0
0
DSP2_ZM_0 [23:16]
0000h
R2621441
(28_0001h)
DSP2 ZM 1
DSP2_ZM_0 [15:0]
0000h
R2621442
(28_0002h)
DSP2 ZM 2
0
0
0
0
0
0
0
0
DSP2_ZM_1 [23:16]
0000h
R2621443
(28_0003h)
DSP2 ZM 3
DSP2_ZM_1 [15:0]
0000h
(Similar for DSP2 Coefficient Memory 2 … 4094)
R2629630
(28_1FFEh)
DSP2 ZM 8190
0
0
0
0
0
0
0
0
DSP2_ZM_4095 [23:16]
0000h
R2629631
(28_1FFFh)
DSP2 ZM 8191
DSP2_ZM_4095 [15:0]
0000h
R2686976
(29_0000h)
DSP2 XM 0
0
0
0
0
0
0
0
0
DSP2_XM_0 [23:16]
0000h
R2686977
(29_0001h)
DSP2 XM 1
DSP2_XM_0 [15:0]
0000h
R2686978
(29_0002h)
DSP2 XM 2
0
0
0
0
0
0
0
0
DSP2_XM_1 [23:16]
0000h
R2686979
(29_0003h)
DSP2 XM 3
DSP2_XM_1 [15:0]
0000h
(Similar for DSP2 X Data Memory 2 … 24574)
R2736126
(29_BFFEh)
DSP2 XM 49150
0
0
0
0
0
0
0
0
DSP2_XM_24575 [23:16]
0000h
R2736127
(29_BFFFh)
DSP2 XM 49151
DSP2_XM_24575 [15:0]
0000h
R2777088
(2A_6000h)
DSP2 XM EXT 0
0
0
0
0
0
0
0
0
DSP2_XM_EXT_0 [23:16]
0000h
R2777089
(2A_6001h)
DSP2 XM EXT 1
DSP2_XM_EXT_0 [15:0]
0000h
R2777090
(2A_6002h)
DSP2 XM EXT 2
0
0
0
0
0
0
0
0
DSP2_XM_EXT_1 [23:16]
0000h
R2777091
(2A_6003h)
DSP2 XM EXT 3
DSP2_XM_EXT_1 [15:0]
0000h
(Similar for DSP2 X Data Memory 2 … 4094)
R2785278
(2A_7FFEh)
DSP2 XM EXT
8190
0
0
0
0
0
0
0
0
DSP2_XM_EXT_4095 [23:16]
0000h
R2785279
(2A_7FFFh)
DSP2 XM EXT
8191
DSP2_XM_EXT_4095 [15:0]
0000h
R2785280
(2A_8000h)
DSP2 YM 0
0
0
0
0
0
0
0
0
DSP2_YM_0 [23:16]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com