Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 373 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 373 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 369Page - Cirrus Logic WM8281ECS/R Datasheet HTML 370Page - Cirrus Logic WM8281ECS/R Datasheet HTML 371Page - Cirrus Logic WM8281ECS/R Datasheet HTML 372Page - Cirrus Logic WM8281ECS/R Datasheet HTML 373Page - Cirrus Logic WM8281ECS/R Datasheet HTML 374Page - Cirrus Logic WM8281ECS/R Datasheet HTML 375Page - Cirrus Logic WM8281ECS/R Datasheet HTML 376Page - Cirrus Logic WM8281ECS/R Datasheet HTML 377Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 392 page
background image
WM8281
Rev 4.0
373
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
ANALOGUE INPUT PATHS
The WM8281 provides up to 6 analogue audio input paths. Each of these inputs is referenced to the
internal DC reference, VMID. A DC blocking capacitor is required for each analogue input pin used in
the target application. The choice of capacitor is determined by the filter that is formed between that
capacitor and the impedance of the input pin. The circuit is illustrated in Figure 83.
PGA
Input
C
R
Fc = high pass 3dB cut-off frequency
Fc =
1
2 RC
p
VMID
Figure 83 Audio Input Path DC Blocking Capacitor
In accordance with the WM8281
input pin resistance (see “Electrical Characteristics”), it is
recommended that a 1
F capacitance for all input connections will give good results in most cases,
with a 3dB cut-off frequency around 13Hz.
Ceramic capacitors are suitable, but care must be taken to ensure the desired capacitance is
maintained at the AVDD operating voltage. Also, ceramic capacitors may show microphonic effects,
where vibrations and mechanical conditions give rise to electrical signals. This is particularly
problematic for microphone input paths where a large signal gain is required.
A single capacitor is required for a single-ended line or microphone input connection. For a differential
input connection, a DC blocking capacitor is required on both input pins.
The external connections for single-ended and differential microphones, incorporating the WM8281
microphone bias circuit, are shown
later in the “Microphone Bias Circuit” section - see Figure 84.
DIGITAL MICROPHONE INPUT PATHS
The WM8281 provides up to 8 digital microphone input paths; two channels of audio data can be
multiplexed on each of the DMICDATn pins. Each of these stereo pairs is clocked using the
respective DMICCLKn pin.
The external connections for digital microphones, incorporating the WM8281 microphone bias circuit,
are shown later in the “Microphone Bias Circuit” section - see Figure 86.
Ceramic decoupling capacitors for the digital microphones may be required - refer to the specific
recommendations for the application microphone(s).
When two microphones are connected to a single DMICDAT pin, the microphones must be configured
to ensure that the Left mic transmits a data bit when DMICCLK is high, and the Right mic transmits a
data bit when DMICCLK is low. The WM8281 samples the digital microphone data at the end of each
DMICCLK phase. Each microphone must tri-state its data output when the other microphone is
transmitting. Integrated pull-down resistors can be enabled on the DMICDAT pins if required.
The voltage reference for each digital microphone interface is selectable. It is important that the
selected reference for the WM8281 interface is compatible with the applicable configuration of the
external microphone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com