Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 375 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 375 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 371Page - Cirrus Logic WM8281ECS/R Datasheet HTML 372Page - Cirrus Logic WM8281ECS/R Datasheet HTML 373Page - Cirrus Logic WM8281ECS/R Datasheet HTML 374Page - Cirrus Logic WM8281ECS/R Datasheet HTML 375Page - Cirrus Logic WM8281ECS/R Datasheet HTML 376Page - Cirrus Logic WM8281ECS/R Datasheet HTML 377Page - Cirrus Logic WM8281ECS/R Datasheet HTML 378Page - Cirrus Logic WM8281ECS/R Datasheet HTML 379Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 392 page
background image
WM8281
Rev 4.0
375
Digital microphone connection to the WM8281 is illustrated in Figure 86.
Ceramic decoupling capacitors for the digital microphones may be required - refer to the specific
recommendations for the application microphone(s).
Digital Mic
MICVDD or
MICBIASn
AGND
Digital Mic
VDD
CLK
DATA
VDD
CLK
DATA
CHAN
CHAN
VDD
DMICDATn
DMICCLKn
Digital
Microphone
Interface
Figure 86 Digital Microphone Connection
The MICBIAS generators can each operate as a voltage regulator or in bypass mode.
See “Charge
Pumps, Regulators and Voltage Reference
” for details of the MICBIAS generators.
In Regulator mode, the MICBIAS regulators are designed to operate without external decoupling
capacitors. The regulators can be configured to support a capacitive load if required (eg. for digital
microphone supply decoupling). The compatible load conditions
are detailed in the “Electrical
Characteristics
” section.
If the capacitive load on MICBIAS1, MICBIAS2 or MICBIAS3 exceeds the specified conditions for
Regulator mode (eg. due to a decoupling capacitor or long PCB trace), then the respective generator
must be configured in Bypass mode.
The maximum output current for each MICBIASn pin
is noted in the “Electrical Characteristics”. This
limit must be observed on each MICBIAS output, especially if more than one microphone is connected
to a single MICBIAS pin. Note that the maximum output current differs between Regulator mode and
Bypass mode. The MICBIAS output voltage can be adjusted using register control in Regulator mode.
HEADPHONE DRIVER OUTPUT PATH
The WM8281 provides 3 stereo headphone output drivers. These outputs are all ground-referenced,
allowing direct connection to the external load(s). There is no requirement for DC blocking capacitors.
In single-ended (default) configuration, the headphone outputs comprise 6 independently controlled
output channels, for up to 3 stereo headphone or line outputs. In mono (BTL) mode, the headphone
drivers support up to 3 differential outputs, suitable for a mono earpiece or hearing coil load.
The headphone outputs incorporate a common mode, or ground loop, feedback path which provides
rejection of system-related ground noise. The feedback pins must be connected to ground for normal
operation of the headphone outputs. A separate feedback path is provided for each of the stereo
headphone outputs. The HPOUT1 feedback is supported on two pins - the applicable pin is selected
using the ACCDET_SRC register bit.
The feedback pins should be connected to GND close to the respective headphone jack, as illustrated
in Figure 87. In mono (differential) mode, the feedback pin(s) should be connected to the ground
plane that is physically closest to the earpiece output PCB tracks.
It is recommended to ensure that the electrical characteristics of the PCB traces for each output pair
are closely matched. This is particularly important to matching the two traces of a differential (BTL)
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com