Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 374 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 374 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 370Page - Cirrus Logic WM8281ECS/R Datasheet HTML 371Page - Cirrus Logic WM8281ECS/R Datasheet HTML 372Page - Cirrus Logic WM8281ECS/R Datasheet HTML 373Page - Cirrus Logic WM8281ECS/R Datasheet HTML 374Page - Cirrus Logic WM8281ECS/R Datasheet HTML 375Page - Cirrus Logic WM8281ECS/R Datasheet HTML 376Page - Cirrus Logic WM8281ECS/R Datasheet HTML 377Page - Cirrus Logic WM8281ECS/R Datasheet HTML 378Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 392 page
background image
WM8281
374
Rev 4.0
MICROPHONE BIAS CIRCUIT
The WM8281 is designed to interface easily with up to 6 analogue or 8 digital microphones.
Each microphone requires a bias current (electret condenser microphones) or voltage supply (silicon
microphones); these can be provided by the MICBIAS1, MICBIAS2 or MICBIAS3 regulators on the
WM8281.
Note that the MICVDD pin can also be used (instead of MICBIASn) as a reference or power supply for
external microphones. The MICBIAS outputs are recommended, as these offer better noise
performance and independent enable/disable control.
Analogue microphones may be connected in single-ended or differential configurations, as illustrated
in Figure 84. The differential configuration provides better performance due to its rejection of
common-mode noise; the single-ended method provides a reduction in external component count.
A bias resistor is required when using an electret condenser microphone (ECM). The bias resistor
should be chosen according to the minimum operating impedance of the microphone and MICBIAS
voltage so that the maximum bias current of the WM8281 is not exceeded.
A 2.2k
 bias resistor is recommended; this provides compatibility with a wide range of microphone
components.
To ADC
PGA
VMID
IN1xN,
IN2xN,
IN3xN
IN1xP,
IN2xP,
IN3xP
MIC
GND
MICBIAS
To ADC
PGA
VMID
IN1xN,
IN2xN,
IN3xN
IN1xP,
IN2xP,
IN3xP
MIC
GND
MICBIAS
Figure 84 Single-Ended and Differential Analogue Microphone Connections
Analogue MEMS microphones can be connected to the WM8281 as illustrated in Figure 85. In this
configuration, the MICBIAS generators provide a low-noise supply for the microphones; a bias resistor
is not required.
To ADC
PGA
VREF
IN1xN,
IN2xN,
IN3xN
IN1xP,
IN2xP,
IN3xP
MEMS
Mic
MICBIAS
VDD
OUT
GND
GND
To ADC
PGA
VREF
IN1xN,
IN2xN,
IN3xN
IN1xP,
IN2xP,
IN3xP
MEMS
Mic
MICBIAS
VDD
OUT-P
GND
GND
OUT-N
Figure 85 Single-Ended and Differential Analogue Microphone Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com