Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 377 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 377 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 373Page - Cirrus Logic WM8281ECS/R Datasheet HTML 374Page - Cirrus Logic WM8281ECS/R Datasheet HTML 375Page - Cirrus Logic WM8281ECS/R Datasheet HTML 376Page - Cirrus Logic WM8281ECS/R Datasheet HTML 377Page - Cirrus Logic WM8281ECS/R Datasheet HTML 378Page - Cirrus Logic WM8281ECS/R Datasheet HTML 379Page - Cirrus Logic WM8281ECS/R Datasheet HTML 380Page - Cirrus Logic WM8281ECS/R Datasheet HTML 381Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 392 page
background image
WM8281
Rev 4.0
377
SPEAKER DRIVER OUTPUT PATH
The WM8281 incorporates two Class D speaker drivers, offering high amplifier efficiency at large
signal levels. As the Class D output is a pulse width modulated signal, the choice of speakers and
tracking of signals is critical for ensuring good performance and reducing EMI in this mode.
The efficiency of the speaker drivers is affected by the series resistance between the WM8281 and
the speaker (e.g. PCB track loss and inductor ESR) as shown in Figure 89. This resistance should be
as low as possible to maximise efficiency.
GND
Switching
Losses
Class D
output
SPKVDD
SPKVDD/2
Losses due to resistance between output driver and
speaker (e.g. inductor ESR). This resistance must be
minimised in order to maximise efficiency.
Figure 89 Speaker Connection Losses
The Class D output requires external filtering in order to recreate the audio signal. This may be
implemented using a 2nd order LC or 1st order RC filter, or else may be achieved by using a
loudspeaker whose internal inductance provides the required filter response. An LC or RC filter should
be used if the loudspeaker characteristics are unknown or unsuitable, or if the length of the
loudspeaker connection is likely to lead to EMI problems.
In applications where it is necessary to provide Class D filter components, a 2nd order LC filter is the
recommended solution as it provides more attenuation at higher frequencies and minimises power
dissipated in the filter when compared to a first order RC filter (lower ESR). This maximises both
rejection of unwanted switching frequencies and overall speaker efficiency. A suitable implementation
is illustrated in Figure 90.
WM8281
C = 3
F
L = 22
H
SPKOUTxP
SPKOUTxN
Fc = low pass 3dB
cut-off frequency
Fc =
1
2
p LC
Figure 90 Class D Output Filter Components
A simple equivalent circuit of a loudspeaker consists of a serially connected resistor and inductor, as
shown in Figure 91. This circuit provides a low pass filter for the speaker output. If the loudspeaker
characteristics are suitable, then the loudspeaker itself can be used in place of the filter components
des
cribed earlier. This is known as ‘filterless’ operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com