Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 379 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 379 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 375Page - Cirrus Logic WM8281ECS/R Datasheet HTML 376Page - Cirrus Logic WM8281ECS/R Datasheet HTML 377Page - Cirrus Logic WM8281ECS/R Datasheet HTML 378Page - Cirrus Logic WM8281ECS/R Datasheet HTML 379Page - Cirrus Logic WM8281ECS/R Datasheet HTML 380Page - Cirrus Logic WM8281ECS/R Datasheet HTML 381Page - Cirrus Logic WM8281ECS/R Datasheet HTML 382Page - Cirrus Logic WM8281ECS/R Datasheet HTML 383Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 392 page
background image
WM8281
Rev 4.0
379
POWER SUPPLY DECOUPLING
Electrical coupling exists particularly in digital logic systems where switching in one sub-system
causes fluctuations on the power supply. This effect occurs because the inductance of the power
supply acts in opposition to the changes in current flow that are caused by the logic switching. The
resultant variations (‘spikes’) in the power supply voltage can cause malfunctions and unintentional
behaviou
r in other components. A decoupling (‘bypass’) capacitor can be used as an energy storage
component which will provide power to the decoupled circuit for the duration of these power supply
variations, protecting it from malfunctions that could otherwise arise.
Coupling also occurs in a lower frequency form when ripple is present on the power supply rail caused
by changes in the load current or by limitations of the power supply regulation method. In audio
components such as the WM8281, these variations can alter the performance of the signal path,
leading to degradation in signal quality. A decoupling capacitor can be used to filter these effects, by
presenting the ripple voltage with a low impedance path that does not affect the circuit to be
decoupled.
These coupling effects are addressed by placing a capacitor between the supply rail and the
corresponding ground reference. In the case of systems comprising multiple power supply rails,
decoupling should be provided on each rail.
The recommended power supply decoupling capacitors for WM8281 are detailed below in Table 132.
POWER SUPPLY
DECOUPLING CAPACITOR
LDOVDD, DBVDD1, DBVDD2, DBVDD3
0.1
F ceramic (see Note)
AVDD1, AVDD2
1.0
F ceramic
CPVDD
4.7
F ceramic
MICVDD
4.7
F ceramic
DCVDD
2 x 2.2
F ceramic - one close to each DCVDD pin.
Alternatively, a single 4.7
F ceramic.
If DCVDD is supplied externally (not from LDO1), then
smaller capacitors, eg. 2 x 1
F may be sufficient.
SPKVDDL, SPKVDDR
4.7
F ceramic
Table 132 Power Supply Decoupling Capacitors
Note: 0.1
F is required with 4.7F a guide to the total required power rail capacitance.
All decoupling capacitors should be placed as close as possible to the WM8281 device. The
connection between AGND, the AVDD decoupling capacitor and the main system ground should be
made at a single point as close as possible to the AGND balls of the WM8281.
Due to the wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the
selected components provide the required capacitance across the required temperature and voltage
ranges in the intended application. For most application the use of ceramic capacitors with capacitor
dielectric X5R is recommended.
VOLTAGE REFERENCE EXTERNAL COMPONENTS
An external resistor and capacitor must be connected between VREFC and GND, as illustrated in
Figure 92. These components are necessary as part of the Voltage Reference circuit, and should be
positioned as close as possible to the WM8281.
A 220
 (1%) resistor is required for this function. Note that a low-tolerance component must be used.
The 2.2µF X5R ceramic capacitor is recommended.
WM8281
VREFC
2.2
F
220
 (1%)
Figure 92 Voltage Reference External Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com