Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 383 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 383 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 379Page - Cirrus Logic WM8281ECS/R Datasheet HTML 380Page - Cirrus Logic WM8281ECS/R Datasheet HTML 381Page - Cirrus Logic WM8281ECS/R Datasheet HTML 382Page - Cirrus Logic WM8281ECS/R Datasheet HTML 383Page - Cirrus Logic WM8281ECS/R Datasheet HTML 384Page - Cirrus Logic WM8281ECS/R Datasheet HTML 385Page - Cirrus Logic WM8281ECS/R Datasheet HTML 386Page - Cirrus Logic WM8281ECS/R Datasheet HTML 387Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 392 page
background image
WM8281
Rev 4.0
383
RESETS SUMMARY
The contents of Table 134 provide a summary of the WM8281 registers and other programmable
memory under different reset conditions. The associated events and conditions are listed below.
A Power-On Reset occurs when AVDD or DBVDD1 is below its respective reset threshold.
(Note that DCVDD is also required for initial start-up; subsequent interruption to DCVDD
should only be permitted as part of a control sequence for entering Sleep mode.)
A Hardware Reset occurs when the RESET
¯¯¯¯¯¯ input is asserted (logic 0).
A Software Reset occurs when register R0 is written to.
Sleep Mode is selected when LDO1 is disabled. (LDO1 can be controlled using the
LDO1_ENA register bit, or using the LDOENA pin; both of these controls must be de-
asserted to disable the LDO.) Note that the AVDD, DBVDD1 and LDOVDD supplies must
be present, and the LDOENA pin held low. It is assumed that DCVDD is supplied by LDO1.
ALWAYS-ON
REGISTERS
OTHER
REGISTERS
CONTROL
SEQUENCER
MEMORY
DSP FIRMWARE
MEMORY
Power-On Reset
Reset
Reset
Reset
Reset
Hardware Reset
Reset
Reset
Retained
Configurable
(see note)
Software Reset
Reset
Reset
Retained
Configurable
(see note)
Sleep Mode
Retained
Reset
Retained
Reset
Table 134 Memory Reset Summary
See “Low Power Sleep Configuration” for details of the ‘Always-On’ registers.
See “DSP Firmware Control” for details of the configurable DSP memory behaviour.
Note that, to retain the DSP firmware memory contents during Hardware Reset or Software Reset, it
must be ensured that DCVDD is held above its reset threshold. If DCVDD is powered from internal
LDO, then it is recommended to assert the LDOENA pin before the Reset, in order to maintain the
DCVDD supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com