Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 386 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 386 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 382Page - Cirrus Logic WM8281ECS/R Datasheet HTML 383Page - Cirrus Logic WM8281ECS/R Datasheet HTML 384Page - Cirrus Logic WM8281ECS/R Datasheet HTML 385Page - Cirrus Logic WM8281ECS/R Datasheet HTML 386Page - Cirrus Logic WM8281ECS/R Datasheet HTML 387Page - Cirrus Logic WM8281ECS/R Datasheet HTML 388Page - Cirrus Logic WM8281ECS/R Datasheet HTML 389Page - Cirrus Logic WM8281ECS/R Datasheet HTML 390Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 392 page
background image
WM8281
386
Rev 4.0
DIGITAL AUDIO INTERFACE CLOCKING CONFIGURATIONS
The digital audio interfaces (AIF1, AIF2, AIF3) can be configured in Master or Slave modes. In all
applications, it is important that the system clocking configuration is correctly designed. Incorrect clock
configurations will lead to audible clicks arising from dropped or repeated audio samples; this is
caused by the inherent tolerances of multiple asynchronous system clocks.
To ensure reliable clocking of the audio interface functions, it is a requirement that the external
interface clocks (eg. BCLK, LRCLK) are derived from the same clock source as SYSCLK (or
ASYNCCLK, where applicable).
In AIF Master mode, the external BCLK and LRCLK signals are generated by the WM8281 and
synchronisation of these signals with SYSCLK (or ASYNCCLK) is ensured. In this case, clocking of
the AIF is typically derived from the MCLK1 or MCLK2 inputs, either directly or via one of the
Frequency Locked Loop (FLL) circuits. It is also possible to use a different interface (AIFn or
SLIMbus) to provide the reference clock to which the AIF Master can be synchronised.
In AIF Slave mode, the external BCLK and LRCLK signals are generated by another device, as inputs
to the WM8281. In this case, it must be ensured that the applicable system clock (SYSCLK or
ASYNCCLK) is generated from a source that is synchronised to the external BCLK and LRCLK
inputs.
In a typical Slave mode application, the BCLK input is selected as the clock reference, using the FLL
to perform frequency shifting. It is also possible to use the MCLK1 or MCLK2 inputs, but only if the
selected clock is synchronised externally to the BCLK and LRCLK inputs. The SLIMbus interface can
also provide the clock reference, via one of the FLLs, provided that the BCLK and LRCLK signals are
externally synchronised with the SLIMCLK input.
The valid AIF clocking configurations are listed in Table 136 for AIF Master and AIF Slave modes.
The applicable system clock (SYSCLK or ASYNCCLK) depends on the AIFn_RATE setting for the
relevant
digital
audio
interface;
if
AIFn_RATE
<
1000,
then
SYSCLK
is
applicable;
if
AIFn_RATE
≥ 1000, then ASYNCCLK is applicable.
AIF MODE
CLOCKING CONFIGURATION
AIF Master Mode
SYSCLK_SRC (ASYNCCLK_SRC) selects MCLK1 or MCLK2 as SYSCLK
(ASYNCCLK) source.
SYSCLK_SRC (ASYNCCLK_SRC) selects FLLn as SYSCLK (ASYNCCLK)
source; FLLn_REFCLK_SRC selects MCLK1 or MCLK2 as FLLn source.
SYSCLK_SRC (ASYNCCLK_SRC) selects FLLn as SYSCLK (ASYNCCLK)
source; FLLn_REFCLK_SRC selects a different interface (BCLK, LRCLK,
SLIMCLK) as FLLn source.
AIF Slave Mode
SYSCLK_SRC (ASYNCCLK_SRC) selects FLLn as SYSCLK (ASYNCCLK)
source; FLLn_REFCLK_SRC selects BCLK as FLLn source.
SYSCLK_SRC (ASYNCCLK_SRC) selects MCLK1 or MCLK2 as SYSCLK
(ASYNCCLK) source, provided MCLK is externally synchronised to the
BCLK input.
SYSCLK_SRC (ASYNCCLK_SRC) selects FLLn as SYSCLK (ASYNCCLK)
source; FLLn_REFCLK_SRC selects MCLK1 or MCLK2 as FLLn source,
provided MCLK is externally synchronised to the BCLK input.
SYSCLK_SRC (ASYNCCLK_SRC) selects FLLn as SYSCLK (ASYNCCLK)
source; FLLn_REFCLK_SRC selects a different interface (eg. SLIMCLK) as
FLLn source, provided the other interface is externally synchronised to the
BCLK input.
Table 136 Audio Interface (AIF) Clocking Confgurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com