Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 382 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 382 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 378Page - Cirrus Logic WM8281ECS/R Datasheet HTML 379Page - Cirrus Logic WM8281ECS/R Datasheet HTML 380Page - Cirrus Logic WM8281ECS/R Datasheet HTML 381Page - Cirrus Logic WM8281ECS/R Datasheet HTML 382Page - Cirrus Logic WM8281ECS/R Datasheet HTML 383Page - Cirrus Logic WM8281ECS/R Datasheet HTML 384Page - Cirrus Logic WM8281ECS/R Datasheet HTML 385Page - Cirrus Logic WM8281ECS/R Datasheet HTML 386Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 392 page
background image
WM8281
382
Rev 4.0
RECOMMENDED EXTERNAL COMPONENTS DIAGRAM
WM8281
VREFC
GPIO
GPIO3
CIF1MISO/GPIO4
GPIO5
CIF2SDA
CIF2SCLK
Control Interface 2
MCLK1
MCLK2
Master Clocks
GPIO1
GPIO2
CIF1ADDR/CIF1SS
CIF1SCLK
CIF1SDA/CIF1MOSI
CIF1MODE
Control Interface 1
HPOUT1R
HPOUT1FB1/MICDET2
HPOUT1L
Headphone
(Note: HPOUT1FB ground
connection close to headset jack)
HPDETL
HPDETR
JACKDET
Jack Detect input
HPOUT3R
HPOUT3FB
HPOUT3L
HPOUT2R
HPOUT2FB
HPOUT2L
Line Output
(Note: HPOUT2FB ground
connection close to headset jack)
Earpiece
Speaker
Outputs HPOUT1, HPOUT2 and
HPOUT3 can be configured as
Stereo pairs or Differential Mono.
Digital Speaker
(PDM) interface
SPKCLK1
SPKDAT1
SPKCLK2
SPKDAT2
SPKOUTLN
SPKOUTRP
SPKOUTRN
SPKOUTLP
Loudspeaker
Loudspeaker
CP2CA
CP2VOUT
CP2CB
470nF
4.7
F
CP1C1A
CP1VOUT1N
CP1VOUT1P
CP1C1B
2.2
F
4.7
F
4.7
F
CP1C2A
CP1VOUT2N
CP1VOUT2P
CP1C2B
2.2
F
4.7
F
4.7
F
GPSWA
GPSWB
LDOVDD
CPVDD
4.7
F
4.7
F
4.2V
1.8V
SPKVDDL
4.7
F
DBVDD1
DBVDD2
DBVDD3
2 x 1.0
F
SPKVDDR
AVDD1
AVDD2
4 x 0.1
F
2.2
F
220
 (1%)
MICBIAS2
MICBIAS1
MICBIAS3
MICVDD
Bias / Supplies for
Microphones and External
Accessory Detection
4.7
F
MICDET1/HPOUT1FB2
AIF1RXDAT
AIF1LRCLK
AIF1BCLK
AIF1TXDAT
Audio Interface 1
AIF2RXDAT
AIF2LRCLK
AIF2BCLK
AIF2TXDAT
Audio Interface 2
Audio Interface 3
AIF3RXDAT
AIF3LRCLK
AIF3BCLK
AIF3TXDAT
LDOENA
LDO Control
RESET
Reset Control
IRQ
Interrupt Output
SLIMDAT
SLIMCLK
SLIMbus Interface
MCLK2
MCLK1
Master Clocks
IN1LP
IN2LP
IN1RN/DMICDAT1
IN1RP
IN2LN/DMICCLK2
IN1LN/DMICCLK1
IN2RP
IN2RN/DMICDAT2
1
F
1
F
1
F
Analogue and Digital Inputs
IN3LP
DMICCLK4
IN3RN/DMICDAT3
IN3RP
IN3LN/DMICCLK3
DMICDAT4
1
F
DMIC
CLK
DAT
CLK
DAT
VDD
CHAN
2.2k
2.2k
MICBIAS1
MICBIAS2
DMIC
GND
VDD
CHAN
GND
Differential
Microphone
connection
Single-ended
Line
connection
Stereo Digital
Microphone
connection
LDOVOUT
DCVDD
2 x 2.2
F
DCVDD
(Note: 2 x DCVDD decoupling
capacitors are recommended;
one close to each DCVDD pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com