Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 384 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 384 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 380Page - Cirrus Logic WM8281ECS/R Datasheet HTML 381Page - Cirrus Logic WM8281ECS/R Datasheet HTML 382Page - Cirrus Logic WM8281ECS/R Datasheet HTML 383Page - Cirrus Logic WM8281ECS/R Datasheet HTML 384Page - Cirrus Logic WM8281ECS/R Datasheet HTML 385Page - Cirrus Logic WM8281ECS/R Datasheet HTML 386Page - Cirrus Logic WM8281ECS/R Datasheet HTML 387Page - Cirrus Logic WM8281ECS/R Datasheet HTML 388Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 392 page
background image
WM8281
384
Rev 4.0
OUTPUT SIGNAL DRIVE STRENGTH CONTROL
The WM8281 supports configurable drive strength control for the digital output pins. This can be used
to assist system-level integration and design considerations.
The drive strength control registers are described in Table 135. Note that, in the case of bi-directional
pins (eg. GPIOn), the drive strength control registers are only applicable when the pin is configured as
an output.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3120
(0C30h)
Misc Pad
Ctrl 7
10
CIF1MISO_GPIO
4_DRV_STR
1
CIF1MISO / GPIO4 output drive strength
0 = 4mA
1 = 8mA
2
CIF1SDA_CIF1M
OSI_DRV_STR
1
CIF1SDA / CIF1MOSI output drive
strength
0 = 4mA
1 = 8mA
R3121
(0C31h)
Misc Pad
Ctrl 8
2
CIF2SDA_DRV_
STR
1
CIF2SDA output drive strength
0 = 4mA
1 = 8mA
R3122
(0C32h)
Misc Pad
Ctrl 9
10
AIF1LRCLK_DRV
_STR
1
AIF1LRCLK output drive strength
0 = 4mA
1 = 8mA
2
GPIO1_DRV_ST
R
1
GPIO1 output drive strength
0 = 4mA
1 = 8mA
R3123
(0C33h)
Misc Pad
Ctrl 10
10
AIF1BCLK_DRV_
STR
1
AIF1BCLK output drive strength
0 = 4mA
1 = 8mA
2
AIF1TXDAT_DR
V_STR
1
AIF1TXDAT output drive strength
0 = 4mA
1 = 8mA
R3124
(0C34h)
Misc Pad
Ctrl 11
10
AIF2LRCLK_DRV
_STR
1
AIF2LRCLK output drive strength
0 = 4mA
1 = 8mA
2
GPIO2_DRV_ST
R
1
GPIO2 output drive strength
0 = 4mA
1 = 8mA
R3125
(0C35h)
Misc Pad
Ctrl 12
10
AIF2BCLK_DRV_
STR
1
AIF2BCLK output drive strength
0 = 4mA
1 = 8mA
2
AIF2TXDAT_DR
V_STR
1
AIF2TXDAT output drive strength
0 = 4mA
1 = 8mA
R3126
(0C36h)
Misc Pad
Ctrl 13
10
AIF3LRCLK_DRV
_STR
1
AIF3LRCLK output drive strength
0 = 4mA
1 = 8mA
2
GPIO3_DRV_ST
R
1
GPIO3 output drive strength
0 = 4mA
1 = 8mA
R3127
(0C37h)
Misc Pad
Ctrl 14
10
AIF3BCLK_DRV_
STR
1
AIF3BCLK output drive strength
0 = 4mA
1 = 8mA
2
AIF3TXDAT_DR
V_STR
1
AIF3TXDAT output drive strength
0 = 4mA
1 = 8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com