Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 385 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 385 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 381Page - Cirrus Logic WM8281ECS/R Datasheet HTML 382Page - Cirrus Logic WM8281ECS/R Datasheet HTML 383Page - Cirrus Logic WM8281ECS/R Datasheet HTML 384Page - Cirrus Logic WM8281ECS/R Datasheet HTML 385Page - Cirrus Logic WM8281ECS/R Datasheet HTML 386Page - Cirrus Logic WM8281ECS/R Datasheet HTML 387Page - Cirrus Logic WM8281ECS/R Datasheet HTML 388Page - Cirrus Logic WM8281ECS/R Datasheet HTML 389Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 392 page
background image
WM8281
Rev 4.0
385
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3128
(0C38h)
Misc Pad
Ctrl 15
10
SLIMDAT_DRV_
STR
0
SLIMDAT output drive strength
0 = 8mA
1 = 12mA
2
SLIMCLK_DRV_
STR
1
SLIMCLK output drive strength
0 = 2mA
1 = 4mA
R3129
(0C39h)
Misc Pad
Ctrl 16
10
IRQ_DRV_STR
1
IRQ output drive strength
0 = 4mA
1 = 8mA
2
GPIO5_DRV_ST
R
1
GPIO5 output drive strength
0 = 4mA
1 = 8mA
R3130
(0C3Ah)
Misc Pad
Ctrl 17
10
SPKDAT1_DRV_
STR
1
SPKDAT1 output drive strength
0 = 4mA
1 = 8mA
2
SPKCLK1_DRV_
STR
1
SPKCLK1 output drive strength
0 = 4mA
1 = 8mA
R3131
(0C3Bh)
Misc Pad
Ctrl 18
10
SPKDAT2_DRV_
STR
1
SPKDAT2 output drive strength
0 = 4mA
1 = 8mA
2
SPKCLK2_DRV_
STR
1
SPKCLK2 output drive strength
0 = 4mA
1 = 8mA
Table 135 Output Drive Strength and Slew Rate Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com