Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 380 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 380 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 376Page - Cirrus Logic WM8281ECS/R Datasheet HTML 377Page - Cirrus Logic WM8281ECS/R Datasheet HTML 378Page - Cirrus Logic WM8281ECS/R Datasheet HTML 379Page - Cirrus Logic WM8281ECS/R Datasheet HTML 380Page - Cirrus Logic WM8281ECS/R Datasheet HTML 381Page - Cirrus Logic WM8281ECS/R Datasheet HTML 382Page - Cirrus Logic WM8281ECS/R Datasheet HTML 383Page - Cirrus Logic WM8281ECS/R Datasheet HTML 384Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 392 page
background image
WM8281
380
Rev 4.0
CHARGE PUMP COMPONENTS
The WM8281 incorporates two Charge Pump circuits, identified as CP1 and CP2.
CP1 generates the CP1VOUTP and CP1VOUTN supply rails for the ground-referenced headphone
drivers; CP2 generates the CP2VOUT supply rail for the microphone bias (MICBIAS) regulators.
Decoupling capacitors are required on each of the Charge Pump outputs. Two fly-back capacitors are
required for CP1; a single fly-back capacitor is required for CP2.
The recommended Charge Pump capacitors for WM8281 are detailed below in Table 133.
DESCRIPTION
CAPACITOR
CP1VOUT1P decoupling
Required capacitance is 2.0
F at 2V.
Suitable component typically 4.7
F.
CP1VOUT1N decoupling
Required capacitance is 2.0
F at 2V.
Suitable component typically 4.7
F.
CP1 fly-back 1
(connect between CP1C1A and CP1C1B)
Required capacitance is 1.0
F at 2V.
Suitable component typically 2.2
F.
CP1VOUT2P decoupling
Required capacitance is 2.0
F at 2V.
Suitable component typically 4.7
F.
CP1VOUT2N decoupling
Required capacitance is 2.0
F at 2V.
Suitable component typically 4.7
F.
CP1 fly-back 2
(connect between CP1C2A and CP1C2B)
Required capacitance is 1.0
F at 2V.
Suitable component typically 2.2
F.
CP2VOUT decoupling
Required capacitance is 1.0
F at 3.6V.
Suitable component typically 4.7
F.
CP2 fly-back
(connect between CP2CA and CP2CB)
Required capacitance is 220nF at 2V.
Suitable component typically 470nF.
Table 133 Charge Pump External Capacitors
Ceramic capacitors are recommended for these Charge Pump requirements. Note that, due to the
wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the selected
components provide the required capacitance across the required temperature and voltage ranges in
the intended application. Ceramic capacitors with X5R dielectric are recommended.
The positioning of the Charge Pump capacitors is important, particularly the fly-back capacitors.
These capacitors should be placed as close as possible to the WM8281. The component choice and
positioning of the CP1 components are more critical than those of CP2, due to the higher output
power requirements of CP1.
EXTERNAL ACCESSORY DETECTION COMPONENTS
The external accessory detection circuit measures jack insertion using the JACKDET pin. The
insertion switch status is detected using an internal pull-up resistor circuit on the JACKDET pin.
Microphone detection and key-button press detection is supported using the MICDETn pins. The
applicable pin should be connected to one of the MICBIASn outputs, via a 2.2k
 bias resistor, as
described in the “Microphone Bias Circuit” section. Note that, when using the External Accessory
Detection function, the MICBIASn resistor must be 2.2k
 +/-2%.
A recommended circuit configuration, including headphone output on HPOUT1 and microphone
connections, is shown in Figure 93
. See “Analogue Input Paths” for details of the DC-blocking
microphone input capacitor selection.
The recommended external components and connections for microphone / push-button detection are
illustrated in Figure 94.
Note that, when using the Microphone Detect circuit, it is recommended to use one of the Right
channel analogue microphone input paths, to ensure best immunity to electrical transients arising
from the external accessory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com